Part Number Hot Search : 
21M16 CS48520 IN74HC1 P6100 MIW402X VN35ABA DLT1040 HY62256A
Product Description
Full Text Search
 

To Download SY89426 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SONET OC-12/OC-3 CLOCK SYNTHESIZER
FEATURES
s Single chip source for 622.08MHz and 155.52MHz clocks s 622.08MHz output is differential PECL, 155.52MHz output is single-ended PECL s TTL/CMOS compatible inputs and reference output s SONET compliant jitter performance (0.01UI) s Choice of three reference frequencies s Only 395mW (typ) s Complies with Bellcore, CCITT and ANSI standards s Single +5 volt power supply s Fully compatible with industry standard 10KH I/O levels s Available in 28-pin PLCC package
ClockWorksTM SY89426
DESCRIPTION
Micrel-Synergy's SY89426 Multi-Output Phase Locked Loop (PLL) is a SONET compliant clock generator providing 622.08MHz, 155.52MHz and retimed reference clock outputs. The PLL produces low jitter OC-12/STS-12 and OC-3/STS-3 rate clocks from an input reference clock of 38.88, 51.84, or 77.76MHz. Additionally, the input reference clock is retimed and provided as a TTL/CMOS compatible output, which may be disabled to minimize switching noise. The SY89426 operates from a single +5 volt supply, and requires only a simple series RC loop filter. Coupling Micrel-Synergy's advanced PLL technology with our proprietary ASSETTM bipolar process has produced a clock generator IC which exceeds applicable Bellcore and ANSI specifications, while setting a new standard for performance and flexibility.
TYPICAL APPLICATION
PIN CONFIGURATION
RETRFCK
+3V
VCC VCCO CK622P (PECL) CK622N
2X 50 622.08MHz CLOCK OUT +3V
25 24 23 22 21 20 19
CLOCK IN 0.1uF
RFCK (TTL)
GND GND SEL39 SEL78 RFCK VCC
DISC
VCC
RST
VCC
+5V
+5V
FLTRP
FLTRN
26 27 28 1 2 3 4 5 6 7 8 9 10 11
18 17
VCC VCC CK622P CK622N VCCO CK155 GND
FLTRN FLTRP
SY89426
CK155 (PECL) RETRFCK (TTL) GND RST DISC (TTL) (TTL)
PLCC TOP VIEW J28-1
16 15 14 13 12
1000
SEL39 (TTL) SEL78 (TTL)
50 155.52MHz CLOCK OUT RETIMED REFOUT
NC
NC
GND
NC
GND
GND
GND
Rev.: F
NC
Amendment: /0
1
Issue Date: July, 1999
Micrel
ClockWorksTM SY89426
FUNCTIONAL BLOCK DIAGRAM
VCCA GND
5 7
FLTRP/N
VCCO RST (TTL)
RFCK (TTL)
/f
CHG PUMP
622MHz VCO
FEEDBACK / 2/3/4 SEL39 (TTL) SEL78 (TTL)
DIVIDER /4
CK622P (PECL) CK622N CK155 (PECL)
RETRFCK (TTL)
DISC (TTL)
PIN DESCRIPTION
INPUTS RFCK [Reference Clock] TTL Reference clock IN. (38.88, 51.84 or 77.76MHz). SEL39 [38.88MHz Select] TTL Logic HIGH on this pin denotes a 38.88MHz input reference clock. Tie to logic LOW if input is not 38.88MHz. SEL78 [77.76MHz Select] TTL Logic HIGH on this pin denotes a 77.76MHz input reference clock. Tie to logic LOW if input is not 77.76MHz. RST [Reset] TTL Tie to logic LOW for normal operation; logic HIGH forces reset of internal Phase Detector & feedback dividers. FLTRP, FLTRN [Loop Filter, Pos & Neg] Analog Connect a series RC loop filter between these pins. The suggested RC values are 500 and 0.1F, as shown in the Typical Application. DISC [Disable Clock] TTL Logic HIGH on this pin disables the Retimed Reference Clock output RETRFCK); if this output is not required, it is recommended that it be disabled to reduce switching noise. A logic LOW enables the output. OUTPUTS CK622P, CK622N [622 Clock Output] Differential PECL. 622.08MHz output clock from PLL B. CK155 [155 Clock Out] Single-ended PECL 155.52MHz output clock. RETRFCK [Retimed Reference Clock Out] TTL An output clock with the same frequency as the input Reference Clock (RFCK) and a 45-55% duty cycle. This output is derived by dividing the 622.08MHz output by the appropriate factor (e.g., divide by 16 for a 38.88MHz inout reference; divide by 12 for 51.84Mhz in; or divide by 8 for 77.76MHz in). POWER & GROUND VCC VCCO GND +5V for internal circuits. +5V for PECL outputs. Ground (0 volts).
2
Micrel
ClockWorksTM SY89426
REFERENCE FREQUENCY SELECTION(1)
SEL39 0 0 1 1 SEL78 0 1 0 1 fRFCK 51.84 77.76 38.88 77.76
NOTE: 1. Airflow greater than 500lfpm is maintained.
ABSOLUTE MAXIMUM RATINGS(1), (2)
Symbol VCC VI IOUT TA Tstore Power Supply Input Voltage Output Current Operating Temperature Range Storage Temperature Range -Continuous -Surge Parameter Rating 0 to +7 0 to VCC 50 100 -40 to +85 -65 to +150 Unit V V mA C C
NOTES: 1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATING conditions for extended periods may affect device reliability. 2. Airflow greater than 500lfpm is maintained.
PECL DC ELECTRICAL CHARACTERISTIC(1), (2)
VCC = VCCO = +5V 5%; GND = 0V; TA = -40C to 85C
TA = -40C Symbol VOH VOL VIH VIL IIL Parameter Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input LOW Current
(1)
TA = 0C Min. VCC -1070 Max. VCC -790
TA = +25C Min. VCC -1030 Max. VCC -760
TA = +85C Min. VCC -960 Max. VCC -670 Unit mV mV mV mV A
Min. VCC -1130
Max. VCC -840
VCC -2000 VCC -1600 VCC -2000 VCC -1230 VCC -890 VCC -1170
VCC -1580 VCC -2000 VCC -1580 VCC -2000 VCC -1545 VCC -840 VCC -1130 VCC -810 VCC -1060 VCC -720
(1)
VCC -1950 VCC -1500 VCC -1950 0.5 -- 0.5
VCC -1480 VCC -1950 VCC -1480 VCC -1950 VCC -1445 -- 0.5 -- 0.3 --
NOTES: 1. Forcing one input at a time. Apply VIH (Max) or VIL (Min) to all other inputs. 2. Airflow greater than 500lfpm is maintained.
TTL DC ELECTRICAL CHARACTERISTICS(1)
VCC = VCCO = +5V 5%; GND = 0V; TA = -40C to 85C
Symbol VOH VOL IOS VIH VIL Parameter Output HIGH Voltage Output LOW Voltage Output Short Circuit Current Input HIGH Voltage Input LOW Voltage Min. 2.4 -- -150 2.0 -- Max. -- 0.5 -60 -- 0.8 Unit V V mA V V Condition IOH = -2mA IOL = 4mA VOUT = 0 -- --
NOTE: 1. Airflow greater than 500lfpm is maintained.
3
Micrel
ClockWorksTM SY89426
DC ELECTRICAL CHARACTERISTICS(1) -- TTL DC ELECTRICAL CHARACTERISTICS
VCC = VCCO = +5V 5%; GND = 0V; TA = -40C to 85C
Symbol IEE IOUT Parameter Internal Operating Current Termination Output Current Min. -- -- Typ. 79 11 Max. 120 -- Unit mA mA 50 to Vcc -2, 50% duty cycle Condition
NOTE: 1. Airflow greater than 500lfpm is maintained.
AC ELECTRICAL CHARACTERISTICS(1)
VCC = VCCO = +5V 5%; GND = 0V; TA = -40C to 85C
Parameter VCO Center Frequency Reference Clock (RFCK) Frequency Tolerance Reference Clock (RFCK) Input Duty Cycle Reference Clock (RETRFCK) Output Duty Cycle Acquisition Lock Time TTL Output Rise/Fall Time PECL Output Rise/Fall Time CK622 Output Duty Cycle CK155 Output Duty Cycle tRST - RST pulse width tp622 Static Phase Offset of CK622 tp155 Static Phase Offset of CK155 tpREF Static Phase Offset of RETRFCK
NOTE: 1. Airflow greater than 500lfpm is maintained.
Min. -- -- -- 45 40 -- -- -- 45 45 1 190 -250 --
Typ. 20 20 10 -- -- -- -- -- -- -- -- 400 -400 +3.5
Max. -- -- -- 55 60 15 2 500 55 55 -- 600 -750 --
Units MHz ppm ppm ppm % of UI % of UI sec ns ps % of UI % of UI sec ps ps ns 15pF load Nominal 77.76MHz 51.84MHz 38.88MHz
Condition
622.08 1%
10% to 90% of amplitude, 15pF load 10% to 90%, 50 load, 5pF cap
DC ELECTRICAL CHARACTERISTICS -- TTL TIMING WAVEFORM
RFCK Input
tp 622
CK622 Output tp REF
RETRFCK Output tp 155(1) CK155 Output
NOTE: 1.
Does not apply to 52MHz reference
4
Micrel
ClockWorksTM SY89426
JITTER GENERATION
Jitter Generation Definition Bellcore TR-NWT-000499 (Issue 4), section 7.3.3 "Jitter generation is the process whereby jitter appears at the output port of an individual unit of digital equipment in the absence of applied input jitter." Jitter Generation Requirement Bellcore TA-NWT-000253 (Issue 2), section 5.6.5.2 "For Category II interfaces, jitter generation shall not exceed 0.01 UI rms. For OC-N and STSX-N interfaces, a high-pass measurement filter with a 12kHz cutoff frequency shall be used." The low-pass cutoff frequency of the measurement filter shall be higher than 5MHz. The characteristic of the measurement filter is shown below.
SONET OC-12 Category II Jitter Generation Measurement Filter Characteristics
UI (rms) 0.01
+20dB/decade
12kHz
Figure 1
Frequency
5MHz (minimum)
PRODUCT ORDERING CODE
Ordering Code SY89426JC SY89426JCTR SY89426JI SY89426JITR Package Type J28-1 J28-1 J28-1 J28-1 Operating Range Commercial Commercial Industrial Industrial
5
Micrel
ClockWorksTM SY89426
28 LEAD PLCC (J28-1)
Rev. 03
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
6


▲Up To Search▲   

 
Price & Availability of SY89426

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X