Part Number Hot Search : 
6708QUM 4ACT5 QEA95DD0 NTE1882 30KPA60A 2SC41 50005 06006
Product Description
Full Text Search
 

To Download SY87700V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5V/3.3V 32-175Mbps AnyRateTM CLOCK AND DATA RECOVERY
SY87700V
FEATURES
s 3.3V and 5V power supply options s SONET/SDH/ATM compatible s Clock and data recovery from 32Mbps up to 175Mbps NRZ data stream s Two on-chip PLLs: one for clock generation and another for clock recovery s Selectable reference frequencies s Differential PECL high-speed serial I/O s Line receiver input: no external buffering needed s Link Fault indication s 100K ECL compatible I/O s Complies with Bellcore, ITU/CCITT and ANSI specifications such as OC-1, OC-3, FDDI, Fast Ethernet, etc. s Available in 28-pin SOIC and 32-pin EP-TQFP packages
DESCRIPTION
The SY87700V is a complete Clock Recovery and Data Retiming integrated circuit for data rates from 32Mbps up to 175Mbps NRZ. The device is ideally suited for SONET/SDH/ATM applications and other high-speed data transmission systems. Clock recovery and data retiming is performed by synchronizing the on-chip VCO directly to the incoming data stream. The VCO center frequency is controlled by the reference clock frequency and the selected divide ratio. On-chip clock generation is performed through the use of a frequency multiplier PLL with a byte rate source as reference. The SY87700V also includes a link fault detection circuit.
APPLICATIONS
s SONET/SDH/ATM OC-1/OC-3 s Fast Ethernet s Proprietary architectures up to 175Mbps
BLOCK DIAGRAM
PLLR P/N RDOUTP (PECL) RDOUTN
0 1 PHASE/ FREQUENCY DETECTOR LINK FAULT DETECTOR
RDINP (PECL) RDINN
PHASE DETECTOR
CHARGE PUMP
VCO
RCLKP (PECL) RCLKN
CD (PECL) REFCLK (TTL)
LFIN (TTL)
PHASE/ FREQUENCY DETECTOR
CHARGE PUMP
VCO
1 0
TCLKP (PECL) TCLKN
DIVIDER BY 8, 10, 16, 20
SY87700V
DIVSEL 1/2 (TTL) PLLS P/N FREQSEL 1/2/3 (TTL) CLKSEL (TTL)
VCC VCCA VCCO GND
AnyRateTM is a trademark of Micrel, Inc.
Rev.: D Amendment: /0
1
Issue Date: September 2000
Micrel
SY87700V
PIN CONFIGURATION
DIVSEL1 DIVSEL2 VCCA VCCA
VCCA 1 LFIN 2 DIVSEL1 3 RDINP 4 RDINN 5 FREQSEL1 6 REFCLK 7 FREQSEL2 8 FREQSEL3 9 N/C 10 PLLSP 11 PLLSN 12 GND 13 GND 14 Top View SOIC Z28-1
28 VCC 27 CD 26 DIVSEL2 25 RDOUTP 24 RDOUTN 23 VCCO 22 RCLKP 21 RCLKN 20 VCCO 19 TCLKP 18 TCLKN 17 CLKSEL 16 PLLRP 15 PLLRN
NC RDINP RDINN FREQSEL1 REFCLK FREQSEL2 FREQSEL3 NC 1 2 3 4 5 6 7 8
LFIN PLLSN
VCC
VCC
CD
32
31 30 29 28 27 26 25 24 RDOUTP 23 RDOUTN 22 VCCO Top View EP-TQFP H32-1 21 RCLKP 20 RCLKN 19 VCCO 18 TCLKP 17 TCLKN
9
10 11 12 13 14 15 16
PLLRN
PLLSP
GNDA
GND
PLLRP
GND
CLKSEL
PIN DESCRIPTIONS
INPUTS RDINP, RDINN [Serial Data Input] Differential PECL. These built-in line receiver inputs are connected to the differential receive serial data stream. An internal receive PLL recovers the embedded clock (RCLK) and data (RDOUT) information. The incoming data rate can be within one of five frequency ranges depending on the state of the FREQSEL pins. See "Frequency Selection" Table. REFCLK [Reference Clock] TTL inputs. This input is used as the reference for the internal frequency synthesizer and the "training" frequency for the receiver PLL to keep it centered in the absence of data coming in on the RDIN inputs. CD [Carrier Detect] PECL Input. This input controls the recovery function of the Receive PLL and can be driven by the carrier detect output of optical modules or from external transition detection circuitry. When this input is HIGH the input data stream (RDIN) is recovered normally by the Receive PLL. When this input is LOW the data on the inputs RDIN will be internally forced to a constant LOW, the data outputs RDOUT will remain LOW, the Link Fault Indicator output LFIN forced LOW and the clock recovery PLL forced to look onto the clock frequency generated from REFCLK. FREQSEL1, ..., FREQSEL3 [Frequency Select] TTL Inputs. These inputs select the output clock frequency range as shown in the "Frequency Selection" Table. DIVSEL1, DIVSEL2 [Divider Select] TTL Inputs. These inputs select the ratio between the output clock frequency (RCLK/TCLK) and the REFCLK input frequency as shown in the "Reference Frequency Selection" Table. CLKSEL [Clock Select] TTL Inputs. This input is used to select either the recovered clock of the receiver PLL (CLKSEL = HIGH) or the clock of the frequency synthesizer (CLKSEL = LOW) to the TCLK outputs. OUTPUTS LFIN [Link Fault Indicator] TTL Output. This output indicates the status of the input data stream RDIN. Active HIGH signal is indicating when the internal clock recovery PLL has locked onto the incoming data stream. LFIN will go HIGH if CD is HIGH and RDIN is within the frequency range of the Receive PLL (1000ppm). LFIN is an asynchronous output.
2
Micrel
SY87700V
RDOUTP, RDOUTN [Receive Data Output] Differential PECL. These ECL 100K outputs (+3.3V or +5V referenced) represent the recovered data from the input data stream (RDIN). This recovered data is specified against the rising edge of RCLK. RCLKP, RCLKN [Clock Output] Differential PECL. These ECL 100K outputs (+3.3V or +5V referenced) represent the recovered clock used to sample the recovered data (RDOUT). TCLKP, TCLKN [Clock Output] Differential PECL. These ECL 100K outputs (+3.3V or +5V referenced) represent either the recovered clock (CLKSEL = HIGH) used to sample the recovered data (RDOUT) or the transmit clock of the frequency synthesizer (CLKSEL = LOW).
PLLSP, PLLSN [Clock Synthesis PLL Loop Filter] External loop filter pins for the clock synthesis PLL. PLLRP, PLLRN [Clock Recovery PLL Loop Filter] External loop filter pins for the receiver PLL. POWER & GROUND VCC
VCCA VCCO GND N/C Supply Voltage(1) Analog Supply Voltage(1) Output Supply Voltage(1) Ground No Connect
NOTE: 1. VCC, VCCA, VCCO must be the same value.
FUNCTIONAL DESCRIPTION
Clock Recovery Clock Recovery, as shown in the block diagram generates a clock that is at the same frequency as the incoming data bit rate at the Serial Data input. The clock is phase aligned by a PLL so that it samples the data in the center of the data eye pattern. The phase relationship between the edge transitions of the data and those of the generated clock are compared by a phase/frequency detector. Output pulses from the detector indicate the required direction of phase correction. These pulses are smoothed by an integral loop filter. The output of the loop filter controls the frequency of the Voltage Controlled Oscillator (VCO), which generates the recovered clock. Frequency stability without incoming data is guaranteed by an alternate reference input (REFCLK) that the PLL locks onto when data is lost. If the Frequency of the incoming signal varies by greater than approximately 1000ppm with respect to the synthesizer frequency, the PLL will be declared out of lock, and the PLL will lock to the reference clock. The loop filter transfer function is optimized to enable the PLL to track the jitter, yet tolerate the minimum transition density expected in a received SONET data signal. This transfer function yields a 30s data stream of continuous 1's or 0's for random incoming NRZ data. The total loop dynamics of the clock recovery PLL provides jitter tolerance which is better than the specified tolerance in GR-253-CORE. Lock Detect The SY87700V contains a link fault indication circuit which monitors the integrity of the serial data inputs. If the received serial data fails the frequency test, the PLL will be forced to lock to the local reference clock. This will maintain the correct frequency of the recovered clock output under loss of signal or loss of lock conditions. If the recovered clock frequency deviates from the local reference clock frequency by more than approximately 1000ppm, the PLL will be declared out of lock. The lock detect circuit will pull the input data stream in an attempt to reacquire lock to data. If the recovered clock frequency is determined to be within approximately 1000ppm, the PLL will be declared in lock and the lock detect output will go active.
3
Micrel
SY87700V
CHARACTERISTICS
Performance The SY87700V PLL complies with the jitter specifications proposed for SONET/SDH equipment defined by the Bellcore Specifications: GR-253-CORE, Issue 2, December 1995 and ITU-T Recommendations: G.958 document, when used with differential inputs and outputs. Input Jitter Tolerance Input jitter tolerance is defined as the peak-to-peak amplitude of sinusoidal jitter applied on the input signal that causes an equivalent 1dB optical/electrical power penalty. SONET input jitter tolerance requirement condition is the input jitter amplitude which causes an equivalent of 1dB power penalty. Jitter Transfer Jitter transfer function is defined as the ratio of jitter on the output OC-N/STS-N signal to the jitter applied on the input OC-N/STS-N signal versus frequency. Jitter transfer requirements are shown in Figure 2. Jitter Generation The jitter of the serial clock and serial data outputs shall not exceed .01 U.I. rms when a serial data input with no jitter is presented to the serial data inputs.
A
0.1
Sinusoidal Input Jitter Amplitude (UI p-p)
Jitter Transfer (dB)
15 1.5
-20dB/decade
-20dB/decade
-20dB/decade
-20
Acceptable Range
0.40 f0 f1 f2
Frequency
f4
ft
fc
Frequency
OC/STS-N Level 3
f0 (Hz) 10
f1 (Hz) 30
f2 (Hz) 300
f3 (kHz) 6.5
ft (kHz) 65
OC/STS-N Level 3
fc (kHz) 130
Figure 2. Jitter Transfer
P (dB) 0.1
Figure 1. Input Jitter Tolerance
4
Micrel
SY87700V
FREQUENCY SELECTION TABLE
FREQSEL1 0 1 1 1 1 0 0 FREQSEL2 1 0 0 1 1 1 0 FREQSEL3 1 0 1 0 1 0 X(2) fVCO/fRCLK 6 8 12 16 24 -- -- fRCLK Data Rates (Mbps) 125 -175 94 - 157 63 - 104 47 - 78 32 - 52 undefined undefined
NOTES: 1. SY87700V operates from 32-175MHz. For higher speed applications, the SY87701V operates from 35-1250MHz. 2. X is a DON'T CARE.
REFERENCE FREQUENCY SELECTION
DIVSEL1 0 0 1 1 DIVSEL2 0 1 0 1 fRCLK/fREFCLK 8 10 16 20
ABSOLUTE MAXIMUM RATINGS(1, 2)
Symbol VCC VI IOUT Rating Power Supply Input Voltage Output Current - Continuous - Surge Storage Temperature Operating Temperature Thermal Resistance @still air Value -0.5 to +7.0 -0.5 to VCC 50 100 -65 to +150 0 to +85 80 single layer board, 46 multi-layer C C C/W Unit V V mA
LOOP FILTER COMPONENTS(1)
Tstore TA JA
R5
C3
PLLSP
PLLSN
SONET
R5 = 80 C3 = 1.5F (X7R Dielectric)
Wide Range
R5 = 350 C3 = 0.47F (X7R Dielectric)
NOTES: 1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATING conditions for extended periods may affect device reliability. 2. Airflow of 500LFPM recommended.
R6
C4
PLLRP
PLLRN
SONET
R6 = 50 C4 = 1.0F (X7R Dielectric)
Wide Range
R6 = 680 C4 = 0.47F (X7R Dielectric)
NOTE: 1. Suggested Values. Values may vary for different applications.
5
Micrel
SY87700V
DC ELECTRICAL CHARACTERISTICS
Symbol VCC ICC Parameter Power Supply Voltage Power Supply Current Min. 3.15 4.75 -- Typ. 3.3 5.0 170 Max. 3.45 5.25 230 Unit V V mA Condition
PECL 100K DC ELECTRICAL CHARACTERISTICS
VCC = VCCO = VCCA = 3.3V 5% or 5.0V 5%, TA = 0C to + 85C
Symbol VIH VIL IIL VOH VOL Parameter Input HIGH Voltage Input LOW Voltage Input LOW Current Output HIGH Voltage Output LOW Voltage Min. VCC - 1.165 VCC - 1.810 0.5 VCC - 1.075 VCC - 1.860 Typ. -- -- -- -- -- Max. VCC - 0.880 VCC - 1.475 -- VCC - 0.830 VCC - 1.570 Unit V V A V V VIN = VIL(Min.) 50 to VCC -2V 50 to VCC -2V Condition
TTL DC ELECTRICAL CHARACTERISTICS
VCC = VCCO = VCCA = 3.3V 5% or 5.0V 5%, TA = 0C to + 85C
Symbol VIH VIL IIH IIL VOH VOL IOS Parameter Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current Output HIGH Voltage Output LOW Voltage Output Short Circuit Current Min. 2.0 -- -125 -- -300 2.0 -- -15 Typ. -- -- -- -- -- -- -- -- Max. VCC 0.8 -- +100 -- -- 0.5 -100 Unit V V A A A V V mA VIN = 2.7V, VCC = Max. VIN = VCC, VCC = Max. VIN = 0.5V, VCC = Max. IOH = -0.4mA IOL = 4mA VOUT = 0V (maximum 1sec) Condition
AC ELECTRICAL CHARACTERISTICS
VCC = VCCO = VCCA = 3.3V 5% or 5.0V 5%, TA = 0C to + 85C
Symbol fVCO fVCO tACQ tCPWH tCPWL tir tODC tr, tf trskew tDV tDH Parameter VCO Center Frequency VCO Center Frequency Tolerance Acquisition Lock Time REFCLK Pulse Width HIGH REFCLK Pulse Width LOW REFCLK Input Rise Time Output Duty Cycle (RCLK/TCLK) ECL Output Rise/Fall Time Recovered Clock Skew Data Valid Data Hold Min. 750 -- -- 4 4 -- 45 100 -200 1/(2*fRCLK) - 200 1/(2*fRCLK) - 200 6 Typ. -- 5 -- -- -- 0.5 -- -- -- -- -- Max. 1250 -- 15 -- -- 2 55 500 +200 -- -- Unit MHz % s ns ns ns % of UI ps ps ps ps 50 to VCC -2V (20% to 80%) Condition fREFCLK * Byte Rate Nominal
Micrel
SY87700V
TIMING WAVEFORMS
tCPWL tCPWH
REFCLK
tODC
tODC
RCLK
tSKEW tDV tDH
RDOUT
7
Micrel
SY87700V
APPLICATION EXAMPLE
GND SW1
VCC
1 2 3 4 5 6 (R17 - R22) 5k x 6
GND
Q1 2N2222A R10
LED D2
R9
Ferrite Bead BLM21A102
VCC
Stand Off
DIODE D1 VCC 1N4148
0.1F VCC 1 Capacitor Pads (1206 format)
R1 C1
FB1 22F
C9
0.1F
C8 C7
22F
C6 R7
VCCA
VCC 28 CD 27 DIVSEL2 26 RDOUTP 25 RDOUTN 24 VCCO 23 RCLKP 22 RCLKN 21 VCCO 20 TCLKP 19 TCLKN 18 CLKSEL 17
R6
VCC
R2
2 LFIN 3 DIVSEL1 4 RDINP 5 RDINN
J1 0.1F 0.1F
C14 C15 R8
RDIN
C2 R3 R4
6 FREQSEL1 7 REFCLK 8 FREQSEL2 9 FREQSEL3 10 N/C 80
R5
See Table 1 GND
0.1F 0.1F
C16 C17
0.1F 0.1F
C18 C19
LOOP FILTER NETWORK
11 PLLSP 12 PLLSN 13 GND 14 GND
C3
1.5F
50
C4
PLLRP 16 1.0F
R11 R12 R13 R14 R15 R16
If VCC = +5V: R9 through R14 = 330 If VCC = +3.3V: R9 through R14 = 220
PLLRN 15
REFCLK (TTL) NC
GND
DPDT Slide Switch
XTAL Oscillator 14 0.1F
C13
VCC 1 7
C5
Pin 1 (VCCA) 0.1F Pin 28 (VCC) 0.1F Pin 23 (VCCO) 0.1F Pin 20 (VCCO) 0.1F
VCC 120
R23
8
C10
C11
C12
NOTE: 1. C5 and C10-C12 are decoupling capacitors and should be kept as close to the power pins as possible.
For AC coupling only
For DC mode only
when VCC = +5V
C1 = C2 = 0.1F R1 = R2 = 1.2k R3 = R4 = 3.4k
Table 1.
when VCC = +3.3V
C1 = C2 = 0.1F R1 = R2 = 680 R3 = R4 = 1k
when VCC = +5V
C1 = C2 = Shorted R1 = R2 = 82 R3 = R4 = 130
when VCC = +3.3V
C1 = C2 = Shorted R1 = R2 = 130 R3 = R4 = 82
8
Micrel
SY87700V
Material List For Bypass and AC coupling capacitor, high quality factor (High Q) capacitors are recommended. This will optimize the performance of the device in high frequency domain. The suggested dielectric characteristics for these capacitors are NPO and/or COG. AVX is a suggested provider of electronic components. www.avxcorp.com
Description SY87700L/SY87700V/SY87701L/SY87701V 80 1.5F 50 1.0F 5k or 4.7k 330 or 220 (see schematic) 4.7K 130 12k 12k 120 0.1F Tantalum, 22F, 16V 0.1F Murata BLM21A102F 1N4148 Johnson SMAs, ID#142-0701-201 6-pin Dip switch U1 PLLS+, R5 PLLS-, C3 PLLR+, R6 PLLR-, C4
Component Part No.(1, 2)
Pull Up Resistor x 6, R17 - R22 Output Pull Down Resistor, R11 - R16 Pull Up Resistor, R7 Pull Up Resistor, R9 Pull Down Resistor, R8
R10 R23
AC Coupling Capacitors x 6, C1, C2, C14 - C19 Decoupling Capacitor, C6, C8 Decoupling Capacitors x 7, C5, C7, C9 - C13 Ferrite Bead, FB1 Diode, D1 SMAs x 9 SW1 DPDT Slide Switch LED
NOTES: 1. For VCC = 3.3V R8 = 12k; R = 130 2. For VCC = 5.0V R8 = 24k; R9 = 200
PRODUCT ORDERING CODE
Ordering Code SY87700VZC SY87700VHC
*Contact factory for availability.
Package Type Z28-1 H32-1*
Operating Range Commercial Commercial
9
Micrel
SY87700V
28 LEAD SOIC .300" WIDE (Z28-1)
Rev. 02
10
Micrel
SY87700V
32 LEAD EPAD TQFP (DIE UP) (H32-1)
Rev. 01
11
Micrel
SY87700V
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
12


▲Up To Search▲   

 
Price & Availability of SY87700V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X