Part Number Hot Search : 
C1228A R1060 SLA24C 7BC84I SBR101 LP1810 1428A W9NC80Z
Product Description
Full Text Search
 

To Download STD13003L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STD13003L
NPN Silicon Power Transistor
Features
* High speed switching * VCEO(sus)=400V * Suitable for Switching Regulator and Motor Control
Ordering Information
Type NO. STD13003L Marking STD13003 Package Code TO-92L
Outline Dimensions
unit :
mm
PIN Connections 1. Base 2. Collector 3. Emitter
KST-I018-000
1
STD13003L
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-base voltage Collector current (DC) Collector current (Pulse) Base current (DC) Total Power dissipation (Ta=25) Junction temperature Storage temperature (Tc=25)
Symbol
VCBO VCEO VEBO IC ICP IB PC Tj Tstg
Ratings
700 400 9 1.5 3 0.75 1.5 150 -55~150
Unit
V V V A A A W C C
Electrical Characteristics
Characteristic
Collector-Emitter sustaining voltage Emitter cut-off current DC Current gain
(Tc=25)
Symbol
VCE(sus) IEBO hFE*
Test Condition
IC=5mA, IB=0 VEB=9V, IC=0 IC=0.5A, VCE=2V IC=1A, VCE=2V IC=0.5A, IB=0.1A IC=1A, IB=0.25A IC=1.5A, IB=0.5A
Min. Typ. Max.
400 8 5 4 21 10 40 0.5 1 3 1 1.2 1.1 4 0.7
Unit
V uA
Collector-Emitter saturation voltage
VCE(sat)*
V
Base-Emitter saturation voltage Transition frequency Output capacitance Turn on Time Storage Time Fall Time
VBE(sat)* fT Cob ton tstg tf
IC=0.5A, IB=0.1A IC=1A, IB=0.25A VCB=10V, IC=0.1A, f=1MHz VCB=10V, IE=0, f=0.1MHz VCC=125V,IC=1A IB1=-IB2=0.2A
V MHz pF
-
* Pulse test: PW300 , Duty cycle2% Pulse
KST-I018-000
2
STD13003L
Electrical Characteristic Curves
Fig. 1 IC - VCE Fig. 2 VBE(sat) , VCE(sat) - IC
Fig. 3 hFE-IC
Fig. 4 Turn off time
Fig. 5 Turn on time
Fig. 6 Safe Operating Area
KST-I018-000
3


▲Up To Search▲   

 
Price & Availability of STD13003L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X