Part Number Hot Search : 
MCP6V03T SG6742HL MJ160 MAX16914 D8041AHC LC7536M LM385 EP1000
Product Description
Full Text Search
 

To Download STD123U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STD123U
NPN Silicon Transistor
Features
* * * * * Low saturation medium current application Extremely low collector saturation voltage Suitable for low voltage large current drivers High DC current gain and large current capability Low on resistance : RON=0.6(Max.) (IB=1mA)
Ordering Information
Type NO. STD123U Marking 123 Package Code SOT-323
Outline Dimensions
unit :
mm
2.10.1 1.250.05
1
1.300.1 2.00.2
3 2 2
0.300.1 0.150.05
0.900.1
0.1 Min. 0~0.1
PIN Connections 1. Base 2. Emitter 3. Collector
KST-3065-000
1
STD123U
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-Base voltage Collector current Collector dissipation Junction temperature Storage temperature
(Ta=25C)
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
20 15 6.5 1 200 150 -55~150
Unit
V V V A mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-Emitter saturation voltage Transistor frequency Collector output capacitance On resistance
(Ta=25C)
Symbol
BVCBO BVCEO BVEBO ICBO IEBO hFE VCE(sat) fT Cob RON
Test Condition
IC=50A, IE=0 IC=1mA, IB=0 IE=50A, IC=0 VCB=20V, IE=0 VEB=6V, IC=0 VCE=1V, IC=100mA IC=500mA, IB=50mA VCE=5V, IC=50mA VCB=10V, IE=0, f=1MHz f=1KHz, IB=1mA, VIN=0.3V
Min. Typ. Max.
20 15 6.5 150 0.1 260 5 0.6 0.1 0.1 0.3 -
Unit
V V V A A V MHz pF
KST-3065-000
2
STD123U
Electrical Characteristic Curves
Fig. 1 PC - Ta Fig. 2 VCE(sat)-IC
Fig. 2 COb-VCB
Fig. 4hFE-IC
Fig. 5 RON-IB
KST-3065-000
3


▲Up To Search▲   

 
Price & Availability of STD123U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X