Part Number Hot Search : 
512K32 24544 RF107 NJU6655 CA3304AD TCD1304A TS4558CS AD62551A
Product Description
Full Text Search
 

To Download STB80NF55L-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STB80NF55L-06
N - CHANNEL 55V - 0.005 - 80A D2PAK STripFETTM POWER MOSFET
TYPE STB80NF55L-06
s s s s
V DSS 55 V
R DS( on ) < 0.0065
ID 80 A
TYPICAL RDS(on) = 0.005 LOW THRESHOLD DRIVE LOGIC LEVEL DEVICE ADD SUFFIX "T4" FOR ORDERING IN TAPE & REEL
3 1
DESCRIPTION This Power MOSFET is the latest development of STMicroelectronics unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility. APPLICATIONS s HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s MOTOR CONTROL, AUDIO AMPLIFIERS s DC-DC & DC-AC CONVERTERS
D2PAK TO-263
(Suffix "T4")
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symb ol V DS V DGR VGS ID ID I DM (*) P tot E AS (1) T st g Tj Parameter Drain-source Voltage (VGS = 0) Drain- gate Voltage (R GS = 20 k) G ate-source Voltage Drain Current (continuous) at Tc = 25 oC Drain Current (continuous) at Tc = 100 o C Drain Current (pulsed) T otal Dissipation at Tc = 25 C Derating Factor Single Pulse Avalanche Energy Storage Temperature Max. Operating Junction Temperature
o
Value 55 55 20 80 57 320 210 1.4 1 -65 to 175 175
( 1) starting Tj = 25 oC, ID =40A , VDD = 30V
Unit V V V A A A W W /o C J
o o
C C
(*) Pulse width limited by safe operating area
October 1999
1/8
STB80NF55L-06
THERMAL DATA
R thj -case R thj -amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature F or Soldering Purpose 0.71 62.5 300
o o
C/W C/W o C
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbo l V (BR)DSS I DSS IGSS Parameter Drain-source Breakdown Voltage Test Con ditions I D = 250 A V GS = 0 Min. 55 1 10 100 Typ. Max. Unit V A A nA
V DS = Max Rating Zero Gate Voltage Drain Current (V GS = 0) V DS = Max Rating Gate-body Leakage Current (VDS = 0) V GS = 20 V
T c =125 oC
ON ()
Symbo l V GS(th) R DS(on) I D(o n) Parameter Gate Threshold Voltage V DS = V GS Static Drain-source On Resistance On State Drain Current V GS = 10 V V GS = 5 V Test Con ditions ID = 250 A ID = 40 A I D = 40 A 80 Min. 1 Typ. 1.6 Max. 2.5 Unit V A
0.005 0.0065 0.0055 0.008
V DS > ID(o n) x R DS(on )ma x V GS = 10 V
DYNAMIC
Symbo l g f s () C iss C os s C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Con ditions V DS > ID(o n) x R DS(on )ma x V DS = 25 V f = 1 MHz I D =18 A V GS = 0 Min. Typ. 20 7600 990 270 Max. Unit S pF pF pF
2/8
STB80NF55L-06
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbo l t d(on) tr Qg Q gs Q gd Parameter Turn-on Delay T ime Rise Time Total G ate Charge Gate-Source Charge Gate-Drain Charge Test Con ditions V DD = 27 V I D = 40 A R G = 4.7 V GS = 4.5 V (Resistive Load, see fig. 3) V DD = 44 V ID = 80 A V GS = 5 V Min. Typ. 75 300 97 25 46 100 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbo l t d(of f) tf t d(of f) tf tc Parameter Turn-off Delay T ime Fall T ime Off-voltage Rise T ime Fall T ime Cross-over Time Test Con ditions V DD = 27 V I D = 40 A V GS = 4.5 V R G = 4.7 (Resistive Load, see fig. 3) Vclamp = 44 V I D = 80 A V GS = 4.5 V R G = 4.7 (Induct ive Load, see fig. 5) Min. Typ. 210 160 90 230 350 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbo l ISD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 80 A V GS = 0 75 190 5.1 I SD = 80 A di/dt = 100 A/s T j = 150 o C V DD = 25 V (see test circuit, fig. 5) Test Con ditions Min. Typ. Max. 80 320 1.5 Unit A A V ns nC A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
3/8
STB80NF55L-06
Output Characteristics Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/8
STB80NF55L-06
Normalized Gate Threshold Voltage vs Temperature Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
5/8
STB80NF55L-06
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuits For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/8
STB80NF55L-06
TO-263 (D2PAK) MECHANICAL DATA
mm MIN. A A1 B B2 C C2 D E G L L2 L3 4.4 2.49 0.7 1.14 0.45 1.21 8.95 10 4.88 15 1.27 1.4 TYP. MAX. 4.6 2.69 0.93 1.7 0.6 1.36 9.35 10.4 5.28 15.85 1.4 1.75 MIN. 0.173 0.098 0.027 0.044 0.017 0.047 0.352 0.393 0.192 0.590 0.050 0.055 inch TYP. MAX. 0.181 0.106 0.036 0.067 0.023 0.053 0.368 0.409 0.208 0.624 0.055 0.068
DIM.
D A C A2 DETAIL "A" A1 B2 B G
C2
DETAIL"A"
E
L2
L
L3
P011P6/E
7/8
STB80NF55L-06
Information furnished is believed to be accurate and reliable. However, STMicroelect onics assumes no responsibil ity for the consequences r of use of such information nor for any infringement of patents or other rights of third partes which may result from its use. No license is i granted by implication or otherwise under any patent or patent rights of STMicroelectro nics. Specific ation mentioned in this publication are subjec t to change without notice. This publication supersedes and replaces all informaton previously supplied. STMicroelectronics products i are not authorized for use as critical components in life support devices or systems with express written approval of STMicroelectronics. out The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japa - Malaysia - Malta - Morocco n Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
8/8
http://www.st.com .


▲Up To Search▲   

 
Price & Availability of STB80NF55L-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X