Part Number Hot Search : 
37B778 TRONIC LA38B SOP22 T311000 LT1057MJ RXUM01 PXS20RM
Product Description
Full Text Search
 

To Download STB80NF06T4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STP80NF06 - STB80NF06 STW80NF06
N-CHANNEL 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFETTM II POWER MOSFET
TYPE STB80NF06 STP80NF06 STW80NF06
s s s s
VDSS 60 V 60 V 60 V
RDS(on) < 0.010 < 0.010 < 0.010
ID 80 A 80 A 80 A
3 1 2
1 2 3
TYPICAL RDS(on) = 0.0065 EXCEPTIONAL dv/dt CAPABILITY 100% AVALANCHE TESTED LOW THRESHOLD DRIVE
TO-220
3 1
TO-247
DESCRIPTION This Power MOSFET is the latest development of STMicroelectronics unique "Single Feature SizeTM" strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalanche characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.
D2PAK
INTERNAL SCHEMATIC DIAGRAM
APPLICATIONS s DC-AC & DC-DC CONVERTERS s HIGH CURRENT, HIGH SPEED SWITCHING s SOLENOID AND RELAY DRIVERS s MOTOR CONTROL, AUDIO AMPLIFIERS
ORDER CODES
PART NUMBER STB80NF06T4 STP80NF06 STW80NF06 MARKING B80NF06 P80NF06 W80NF06 PACKAGE D2PAK TO-220 TO-247 PACKAGING TAPE & REEL TUBE TUBE
March 2004
1/10
STP80NF06 - STB80NF06 - STW80NF06
ABSOLUTE MAXIMUM RATINGS
Symbol VDS VDGR VGS ID (*) ID IDM ( ) PTOT EAS (1) Tstg Tj Parameter Drain-source Voltage (VGS = 0) Drain-gate Voltage (RGS = 20 k) Gate- source Voltage Drain Current (continuous) at TC = 25C Drain Current (continuous) at TC = 100C Drain Current (pulsed) Total Dissipation at TC = 25C Derating Factor Single Pulse Avalanche Energy Storage Temperature Max. Operating Junction Temperature Value 60 60 20 80 80 320 300 2 870 -65 to 175 175 Unit V V V A A A W W/C mJ C C
(q) Pulse width limited by safe operating area (1) Starting Tj = 25C, ID = 40A, VDD = 40V (*) Current Limited by wire bonding
THERMAL DATA
Rthj-case Rthj-amb Tl Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max Maximum Lead Temperature For Soldering Purpose 0.5 62.5 300 C/W C/W C
ELECTRICAL CHARACTERISTICS (TCASE = 25 C UNLESS OTHERWISE SPECIFIED) OFF
Symbol V(BR)DSS IDSS IGSS Parameter Drain-source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0) Gate-body Leakage Current (VDS = 0) Test Conditions ID = 250 A, VGS = 0 VDS = Max Rating VDS = Max Rating, TC = 125 C VGS = 20V Min. 60 1 10 100 Typ. Max. Unit V A A nA
ON (1)
Symbol VGS(th) RDS(on) Parameter Gate Threshold Voltage Static Drain-source On Resistance Test Conditions VDS = VGS, ID = 250A VGS = 10V, ID = 40 A Min. 2 Typ. 3 0.0065 Max. 4 0.010 Unit V
DYNAMIC
Symbol gfs (1) Ciss Coss Crss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VDS > 2.5 V, ID =18 A VDS = 25V, f = 1 MHz, VGS = 0 Min. Typ. 20 3850 800 250 Max. Unit S pF pF pF
2/10
STP80NF06 - STB80NF06 - STW80NF06
ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING ON
Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions VDD = 27V, ID = 40A RG = 4.7 VGS = 10V (see test circuit, Figure 3) VDD = 80V, ID = 80A, VGS = 10V Min. Typ. 25 85 115 24 46 150 Max. Unit ns ns nC nC nC
SWITCHING OFF
Symbol td(off) tf td(off) tf tc Parameter Turn-off-Delay Time Fall Time Off-voltage Rise Time Fall Time Cross-over Time Test Conditions VDD = 27V, ID = 40A, RG = 4.7, VGS = 10V (see test circuit, Figure 3) Vclamp =44V, ID =80A RG = 4.7, VGS = 10V (see test circuit, Figure 5) Min. Typ. 70 25 85 75 110 Max. Unit ns ns ns ns ns
SOURCE DRAIN DIODE
Symbol ISD ISDM (1) VSD (2) trr Qrr IRRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current ISD = 80A, VGS = 0 ISD = 80A, di/dt = 100A/s, VDD = 50V, Tj = 150C (see test circuit, Figure 5) 80 250 6.4 Test Conditions Min. Typ. Max. 80 320 1.5 Unit A A V ns nC A
Note: 1. Pulsed: Pulse duration = 300 s, duty cycle 1.5 %. 2. Pulse width limited by safe operating area.
Safe Operating Area
Thermal Impedance
3/10
STP80NF06 - STB80NF06 - STW80NF06
Output Characteristics Tranfer Characteristics
Tranconductance
Static Drain-Source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations
4/10
STP80NF06 - STB80NF06 - STW80NF06
Normalized Gate Thereshold Voltage vs Temp. Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
NormalizedBreakdownVoltage vs Temperature
5/10
STP80NF06 - STB80NF06 - STW80NF06
Fig. 1: Unclamped Inductive Load Test Circuit Fig. 2: Unclamped Inductive Waveform
Fig. 3: Switching Times Test Circuit For Resistive Load
Fig. 4: Gate Charge test Circuit
Fig. 5: Test Circuit For Inductive Load Switching And Diode Recovery Times
6/10
STP80NF06 - STB80NF06 - STW80NF06
TO-220 MECHANICAL DATA
mm. MIN. 4.40 0.61 1.15 0.49 15.25 10 2.40 4.95 1.23 6.20 2.40 13 3.50 16.40 28.90 3.75 2.65 3.85 2.95 0.147 0.104 TYP MAX. 4.60 0.88 1.70 0.70 15.75 10.40 2.70 5.15 1.32 6.60 2.72 14 3.93 MIN. 0.173 0.024 0.045 0.019 0.60 0.393 0.094 0.194 0.048 0.244 0.094 0.511 0.137 0.645 1.137 0.151 0.116 inch TYP. MAX. 0.181 0.034 0.066 0.027 0.620 0.409 0.106 0.202 0.052 0.256 0.107 0.551 0.154
DIM. A b b1 c D E e e1 F H1 J1 L L1 L20 L30 oP Q
7/10
STP80NF06 - STB80NF06 - STW80NF06
D2PAK MECHANICAL DATA
mm. DIM. MIN. A A1 A2 B B2 C C2 D D1 E E1 G L L2 L3 M R V2 0 4.88 15 1.27 1.4 2.4 0.4 4 10 8.5 5.28 15.85 1.4 1.75 3.2 0.192 0.590 0.050 0.055 0.094 0.015 4.4 2.49 0.03 0.7 1.14 0.45 1.23 8.95 8 10.4 0.393 0.334 0.208 0.625 0.055 0.068 0.126 TYP MAX. 4.6 2.69 0.23 0.93 1.7 0.6 1.36 9.35 MIN. 0.173 0.098 0.001 0.027 0.044 0.017 0.048 0.352 0.315 TYP. MAX. 0.181 0.106 0.009 0.036 0.067 0.023 0.053 0.368 inch
8/10
3
1
STP80NF06 - STB80NF06 - STW80NF06
TO-247 MECHANICAL DATA
mm. MIN. 4.85 2.20 1.0 2.0 3.0 0.40 19.85 15.45 5.45 14.20 3.70 18.50 3.55 4.50 5.50 3.65 5.50 0.140 0.177 0.216 14.80 4.30 0.560 0.14 0.728 0.143 0.216 TYP MAX. 5.15 2.60 1.40 2.40 3.40 0.80 20.15 15.75 MIN. 0.19 0.086 0.039 0.079 0.118 0.015 0.781 0.608 0.214 0.582 0.17 inch TYP. MAX. 0.20 0.102 0.055 0.094 0.134 0.03 0.793 0.620
DIM. A A1 b b1 b2 c D E e L L1 L2 oP oR S
9/10
STP80NF06 - STB80NF06 - STW80NF06
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of STB80NF06T4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X