|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
STA471A Absolute maximum ratings Symbol VCBO VCEO VEBO IC ICP IB PT Tj Tstg Ratings 6010 6010 6 2 4 (PW1ms, Du25%) 0.5 4 (Ta=25C) 20 (Tc=25C) 150 -40 to +150 NPN Darlington With built-in avalanche diode (Ta=25C) External dimensions D *** STA400 Electrical characteristics Symbol ICBO IEBO VCEO hFE VCE(sat) VBE(sat) VFEC ton tstg tf fT Cob 50 2000 60 5000 1.1 1.8 1.3 0.5 4.0 1.0 50 25 Specification min typ max 10 5 70 10000 1.5 2.2 1.8 V V V Unit (Ta=25C) Unit V V V A A A W C C Conditions VCB=50V VEB=6V IC=10mA VCE=4V, IC=1A IC=1A, IB=2mA IFEC=1A VCC 30V, IC=1A, IB1=-IB2=2mA VCE=12V, IE=-0.1A VCB=10V, f=1MHz A mA V s s s MHz pF 3 2 1 R1 R2 5 4 6 7 8 9 10 R1: 3.5k typ R2: 200 typ Characteristic curves IC-VCE Characteristics (Typical) 4 IB= 10.0 mA hFE-IC Characteristics (Typical) 10000 hFE-IC Temperature Characteristics (Typical) 10000 5000 =1 C 25 C 75 C 25 C 0 -3 (VCE=4V) Typ (VCE=4V) 5.0m A 5000 3 2.0m A 1.0m A Ta IC (A) hFE 0.6m A 1000 500 1000 2 0.4m 0.3m A hFE 0.05 0.1 0.5 1 4 500 A 1 100 50 100 50 30 0.02 0.05 0.1 0.5 1 4 0 0 1 2 3 4 5 6 30 0.02 VCE (V) IC (A) IC (A) VCE(sat)-IC Temperature Characteristics (Typical) 3 VCE(sat)-IB Temperature Characteristics (Typical) 3 -30C IC-VBE Temperature Characteristics (Typical) 4 (IC / IB=1000) Ta=12 5C 75C 25C -30C (IC=1A) (VCE=4V) Ta=125C 75C 25C 3 VCE (sat) (V) VCE (sat) (V) 2 2 IC (A) 1 2 1 1 Ta = 1 75 25C C 25 C -30C 0 0.2 0.5 1 3 0 0.1 0.5 1 3 0 0 1 2 3 IC (A) IB (mA) VBE (V) j-a-PW Characteristics 30 24 PT-Ta Characteristics 5 With Infinite Heatsink With Silicone Grease Natural Cooling Heatsink: Aluminum in mm Safe Operating Area (SOA) 1m 20 10 s 100s 10 ms j-a (C / W) 16 1 PT (W) 5 100x100x2 12 50x50x2 25x50x2 IC (A) 0.5 8.0 1 4.0 Without Heatsink Single Pulse 0.1 Without Heatsink Ta=25C 0.5 0.2 0.5 1 5 10 50 100 500 1000 0 -40 0 50 100 150 0.05 3 5 10 50 100 PW (mS) Ta (C) VCE (V) 149 |
Price & Availability of STA471A |