Part Number Hot Search : 
H8S26 75M00 RD12PB 6428B NDY4815 A8227 W528SDG UPC311C
Product Description
Full Text Search
 

To Download STA-6033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
Product Description
Sirenza Microdevices' STA-6033 is a high efficiency class AB Heterojunction Bipolar Transistor (HBT) amplifier housed in a low-cost surface-mountable plastic package. This HBT amplifier is made with InGaP on GaAs device technology and fabricated with MOCVD for an ideal combination of low cost and high reliability. This product is specifically designed as a final stage for 802.11a equipment in the 4.9 - 5.9 GHz band. It can run from a 3.0V to 3.6V supply. Optimized on-chip impedance matching circuitry provides a 50 nominal RF input impedance. A single external output matching circuit covers the entire 4.9-5.9GHz band. The external output match allows for load line optimization for other applications or optimized performance over narrower bands. It is designed as a drop in replacement for similar parts in its class.
STA-6033
4.9 - 5.9 GHz 3.3V Power Amplifier
* * * * * * * * * * *
Product Features
High Gain = 27dB
16 pin 3mm x 3mm QFN
802.11a 54Mb/s Class AB Performance Pout = 18dBm @ 3% EVM, 3.3V, 210mA Output Return Loss < -12dB for Linear Tune On-chip Output Power Detector Simultaneous 4.9- 5.9GHz Broadband Pin Compatible with Microsemi LX5506 Robust - Survives RF Input Power = +20dBm Power up/down control < 1s
Functional Block Diagram
Vcc Pow er Up/Dow n Control
Activ e Bias
Activ e Bias
Activ e Bias
RFIN
RFOUT
Applications
802.11a WLAN, OFDM General purpose 5.8GHz ISM Band 802.16 WiMax, Fixed Wireless, UNII
Unit MHz dBm dB dBm dBc dB dB V mA mA C/W 140 11 8 Min. 4900 26.5 24.0 28.0 23.6 25.5 30.0 25.6 18 18 -38 5.7 15 12 0.8 to 1.5 165 1.5 28 190 -34 32.0 27.6 Typ. Max. 5900
Pow er Detector Vout
Key Specifications
Symbol fO P1dB S21 Pout IM3 NF IRL ORL Vdet Range Icq IVPC Rth, j-l Parameters: Test Conditions, App circuit page 4 Z0 = 50, VCC = Vpc = 3.3V, Icq = 165mA, TBP = 30C Frequency of Operation Output Power at 1dB Compression - 4.9 GHz Output Power at 1dB Compression - 5.875 GHz Gain at 4.9 GHz Gain at 5.875 GHz Output power at 3% EVM 802.11a 54Mb/s - 5.15GHz Output Power at 3% EVM 802.11a 54Mb/s - 5.875GHz Third Order Intermod at Pout=15dBm per tone - 5.875GHz Noise Figure at 5.875 GHz Worst Case Input Return Loss 4.9-5.875GHz Worst Case Output Return Loss 4.9-5.875GHz Output Voltage Range for Pout=7dBm to 23dBm Vcc Quiescent Current Power Up Control Current,Vpc=3.3V ( IVPC1 + IVPC2 + IVPC3) Thermal Resistance (junction - lead)
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or ommisions. Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2002 Sirenza Microdevices, Inc. All worldwide rights reserved.
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC 1
http://www.sirenza.com EDS-103643 Rev B
Preliminary STA-6033 4.9-5.9 GHz Power Amp
Pin Out Description
Pin # 1,4,9,12,13 5 Function N/C VPC1 Description Pins are not used. May be grounded, left open, or connected to adjacent pin. VPC1 is the bias control pin for the stage 1 active bias circuit. An external series resistor is required for proper setting of bias levels. Refer to the evaluation board schematic for resistor value. To prevent potential damage, do not apply voltage to this pin that is +1V greater than voltage applied to pin 16 (Vbias) unless Vpc supply current capability is less than 10 mA. VPC2 is the bias control pin for the stage 2 active bias circuit. An external series resistor is required for proper setting of bias levels. Refer to the evaluation board schematic for resistor value. To prevent potential damage, do not apply voltage to this pin that is +1V greater than voltage applied to pin 16 (Vbias) unless Vpc supply current capability is less than 10 mA. VPC3 is the control pin for the stage 3 active bias circuits. An external series resistor is required for proper setting of bias levels. Refer to the evaluation board schematic for resistor value. To prevent potential damage, do not apply voltage to this pin that is +1V greater than voltage applied to pin 16 (Vbias) unless Vpc supply current capability is less than 10 mA. Ouput power detector voltage. Load with 10K-100K ohms to ground for best performance. RF input pins. This is DC grounded internal to the IC. Do not apply voltage to this pin. All three pins must be used for proper operation. RF output pin. This is also another connection to the 3rd stage collector 3rd stage collector bias pin. Apply 3.0V to 3.6V to this pin. 2nd stage collector bias pin. Apply 3.0V to 3.6V to this pin. 1st stage collector bias pin and active bias network VCC. Apply 3.0V to 3.6V to this pin. Exposed area on the bottom side of the package needs to be soldered to the ground plane of the board for optimum thermal and RF performance. Several vias should be located under the EPAD as shown in the recommended land pattern (page 5).
6
VPC2
7 8 2,3 10,11 14 15 16 EPAD
VPC3 Vdet RFIN RFOUT VC3 VC2 VC1,Vbias Gnd
Simplified Device Schematic Absolute Maximum Ratings
Parameters
Pin 5 Pin 16 Pin 6 Pin 15 Pin 7 Pin 14
Value 400 140 50 4.5 1.4 -40 to +85 20 -40 to +150 +150 >1000
Unit mA mA mA V W C dBm C C V
VC3 Collector Bias Current (pin16) VC2 Collector Bias Current (pin18) VC1 Collector Bias Current (pin19) Device Voltage (VD)
Stage 1 Bias
Stage 2 Bias
Stage 3 Bias Pin 10,11
Power Dissipation Operating Lead Temperature (TL) RF Input Power for 50 ohm load Storage Temperature Range Operating Junction Temperature (TJ) ESD Human Body Model
Pin 2, 3
EPAD
EPAD
Pin 8
EPAD
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation the device voltage and current must not exceed the maximum operating values specified in the table on page one. Bias conditions should also satisfy the following expression: IDVD < (TJ - TL) / RTH' j-l
Caution: ESD Sensitive
Appropriate precaution in handling, packaging and testing devices must be observed.
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC 2
http://www.sirenza.com EDS-103643 Rev B
Preliminary STA-6033 4.9-5.9 GHz Power Amp
4.9 - 5.9 GHz Evaluation Board Data (Vcc = Vpc = 3.3V, Iq = 165mA)
Typical S11 Input Return Loss
-5 -10 S11(dB) -15 -20 -25 -30 4.5 5 5.5 Frequency(GHz) +25c 0c -40c +70c +85c
+25c S21(dB) 35 30 25 20 15 10 5
Typical S21 Gain
6
6.5
4.5
5
5.5 Frequency(GHz) 0c -40c
6
6.5
+70c
+85c
Typical S22 Input Return Loss
0 -5 S22(dB) -10 -15 -20 -25 4.5 +25c 5 0c 5.5 Frequency(GHz) -40c +70c +85c
4.9GHz
Gain vs Pout, T=25c
30 29 Gain(dB) 28 27 26 25 24 23 22
6
6.5
10
12
14
16
18
20
22
24
26
28
Pout (dBm)
5.15GHz 5.35GHz 5.725GHz 5.875GHz
-20 -30
IM3 vs Pout (per tone) T=+25c Tone spacing = 1.2MHz
IM3(dBc)
-40 -50 -60 -70 0
4.9GHz
Intentionally left blank
5
5.15GHz
10
5.35GHz
15
20
5.725GHz
25
5.875GHz
Pout(dBm)
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC 3
http://www.sirenza.com EDS-103643 Rev B
Preliminary STA-6033 4.9-5.9 GHz Power Amp
4.9 - 5.9 GHz Evaluation Board Data (Vcc = 3.3V, Iq = 165mA)
Icq vs Vcc (Vcc and Vpc tied together)
0.45 0.4 0.35 0.3 Icq(A) 0.25 0.2 0.15 0.1 0.05 0 2.4 2.6 2.8 3 3.2 Vcc/Vpc(V) +25c 0c -40c +70c +85c 3.4 3.6 3.8 4
Idc vs Pout, T=25c
0.45 0.4 0.35 Idc(A) 0.3 0.25 0.2 0.15 10 12 14 16 18 Pout(dBm) 4.9GHz 5.15GHz 5.35GHz 5.725GHz 5.875GHz 20 22 24 26
0.3 0.25
Icq vs Vpc vs Vpc Enable Set Voltage, For Fixed Vcc=3.3v , T=+25c
20 19.5 19
Pout(dBm)
POUT @ 3% EVM vs Vcc for Fixed Vpc=3.3, F=5.725GHz
0.2 Icq(A) 0.15 0.1 0.05 0 1.2 1.4 1.6 1.8
2.9v
18.5 18 17.5 17 16.5 16 15.5 15 2.7 2.9 3.1 Vcc(V) 3.3 3.5 3.7
2
2.2 2.4 2.6 2.8 Swept VPC (V)
3.1v
3
3.2 3.4 3.6
3.3v
3.0v
3.2v
0c
+25c
+70c
EVM(% ) @ Pout=18dBm vs. Vpc Set Voltage vs. Temp F=5.725GHz 4 3.5
EVM(%)
3 2.5 2 1.5 1 -40 -20 0 20 40 60 80 100 Temp(C) 2.9v 3v 3.1v 3.2v 3.3v
Intentionally left blank
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC 4
http://www.sirenza.com EDS-103643 Rev B
Preliminary STA-6033 4.9-5.9 GHz Power Amp
4.9 - 5.9 GHz Evaluation Board Data (Vcc = Vpc = 3.3V, Iq = 165mA)
802.11a EVM, OFDM, 54Mb/s, 64QAM
EVM vs Pout, T=25c
6 5 EVM(%)
EVM(%) 5 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0
EVM vs Pout, F=4.9GHz
4 3 2 1 0 4 6 4.9GHz 8 10 12 14 Pout(dBm) 5.35GHz 16 18 5.875GHz 20
4
6
8
10
12 POUT(dBm)
14
16
18
20
5.15GHz
5.725GHz
+25c
0c
-40c
+70c
+85c
EVM vs Pout, F=5.15GHz
4.5 4 3.5 3 EVM(%) 2.5 2 1.5 1 0.5 0 4 6 8 10 12 POUT(dBm) +25c 0c -40c +70c +85c 14 16 18 20
EVM(%) 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 4 6
EVM vs Pout, F=5.35GHz
8 +25c
10 0c
12 14 POUT(dBm) -40c +70c
16
18 +85c
20
EVM vs Pout, F=5.725GHz
6 5 4 EVM(%)
EVM(%) 7 6 5 4 3 2 1 0
EVM vs Pout, F=5.875GHz
3 2 1 0 4 6 8 +25c 10 0c 12 14 POUT(dBm) -40c +70c 16 18 +85c 20
4
6
8 +25c
10 0c
12 POUT(dBm) -40c
14 +70c
16
18 +85c
20
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC 5
http://www.sirenza.com EDS-103643 Rev B
Preliminary STA-6033 4.9-5.9 GHz Power Amp
4.9 - 5.9 GHz Evaluation Board Data (Vcc = Vpc= 3.3V, Iq = 165mA)
RF detector output (Vdet) vs Pout, T=25c
2.30 2.10 1.90
RF detector output(Vdet) vs Pout, F=4.9GHz 1.8 1.6 Vdet(V) 1.4 1.2 1 0.8
Vdet(V)
1.70 1.50 1.30 1.10 0.90 0.70 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5
10
12
14
16
18 Pout(dBm)
20
22
24
26
Output Power(dBm)
4.9GHz 5.15GHz 5.35GHz 5.725GHz 5.875GHz
+25c
0c
-40c
+70c
+85c
RF detector output(Vdet) vs Pout, F=5.15GHz 1.8 1.6 Vdet(V)
Vdet(V) 1.8 1.6 1.4 1.2 1 0.8
RF detector output(Vdet) vs Pout, F=5.35GHz
1.4 1.2 1 0.8 10 12 14 16 18 20 22 24 26 Pout(dBm) +25c 0c -40c +70c +85c
10
12
14
16
18
20
22
24
26
Pout(dBm ) +25c 0c -40c +70c +85c
RF detector output(Vdet) vs Pout, F=5.725GHz 1.8 1.6 Vdet(V)
Vdet(V) 1.8 1.6 1.4 1.2 1
RF detector output(Vdet) vs Pout F=5.875GHz
1.4 1.2 1 0.8 10 12 14 16 18 20 22 24 26 Pout(dBm) +25c 0c -40c +70c +85c
0.8 10 12 14 16 18 20 22 24 26 Pout(dBm) +25c 0c -40c +70c +85c
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC 6
http://www.sirenza.com EDS-103643 Rev B
Preliminary STA-6033 4.9-5.9 GHz Power Amp
4.9 - 5.9 GHz Evaluation Board Schematic For Vcc = Vpc = V+ = 3.3V Supply
Notes: Pins 1,4,9,12,13 are unwired (N/C) inside the package. Refer to page 2 for detailed pin descriptions. Some of these pins are wired to adjacent pins or grounded as shown in the application circuit. This is to maintain consistency with the evaluation board layout shown below. It is recommended to use this layout and wiring to achieve the specified performance. To prevent potential damage, do not apply voltage to the Vpc pin that is +1V greater than voltage applied to pin 16 (Vbias/Vcc) unless Vpc supply current capability is less than 10 mA. See table below for other Vpc logic level resistor values. See AN-064 if using other than Vcc=3.3V for Vpc resistors values.
4.9 - 5.9 GHz Evaluation Board Layout For Vcc = Vpc = V+ = 3.3V Supply
- Board material GETEK, 10mil thick, Dk=3.9, 2 oz. copper finish
C1 C6 R5 C4 R6 Q1 C3 C2 C5
R2 R3
303 South Technology Court Broomfield, CO 80021
R1
R4
Phone: (800) SMI-MMIC 7
http://www.sirenza.com EDS-103643 Rev B
Preliminary STA-6033 4.9-5.9 GHz Power Amp
Part Number Ordering Information
Part Number STA-6033 Reel Size 13" Devices/Reel 3000
Part Symbolization
The part will be symbolized with an "STA-6033" marking designator on the top surface of the package.
Package Outline Drawing (dimensions in mm ):
Recommended Land Pattern (dimensions in inches):
DIMENSIONS IN INCHES 0.062 0.020 0.010 0.015 0.011 0.008
0.062 0.030
Caution: ESD Sensitive
O0.015 PLATED THRU (4PL) 0.005 CHAMFER (8PL)
Phone: (800) SMI-MMIC 8
Appropriate precaution in handling, packaging and testing devices must be observed.
303 South Technology Court Broomfield, CO 80021
http://www.sirenza.com EDS-103643 Rev B


▲Up To Search▲   

 
Price & Availability of STA-6033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X