Part Number Hot Search : 
LFEC1 TLUR6400 V1N4565 IN74ACT MD100 MAX3902D BUZ110S ENABLE
Product Description
Full Text Search
 

To Download ST7536 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST7536
POWER LINE MODEM
. . . . . . . . .
HALF DUPLEX SYNCHRONOUS FSK MODEM - TWO PROGRAMMABLE CHANNELS FOR 600BPS DATA RATE - TWO PROGRAMMABLE CHANNELS FOR 1200BPS DATA RATE AUTOMATICALLYTUNED Rx AND Tx FILTERS TX CARRIER FREQUENCIES SYNTHESIZED FROM EXTERNAL CRYSTAL LOW DISTORTION Tx SIGNAL (S/H2 50dB) AUTOMATIC LEVELCONTROL ON Tx SIGNAL Rx SENSITIVITY : 2mVRMS (600bps) 3mVRMS (1200bps) Rx CLOCK RECOVERY POWER-DOWN MODE SUITABLE TO APPLICATION IN ACCORDANCE WITH DH028/29 ENEL, EN50065-1 CENELEC AND FCC SPECIFICATIONS
PLCC28 (Plastic Leaded Chip Carrier Package) ORDER CODE : ST7536CFN
PIN CONNECTIONS
RESET TEST 3 TEST 4
Rx/Tx
ALCI 27
ATO
28
26 25 24 23 22 21 20 19
4
3
2
RxD
5 6 7 8 9 10 11 13 12 15 16 14 17 18
1
TxFI
RxFO
CLR/T
RxDEM
RAI AVD D AGND AVSS
DEMI
DGND
DESCRIPTION The ST7536 is a half duplex synchronous FSK MODEM designed for power line communication network applications. It operates from a dual power supply +5V and -5V, and requires an external interface for the coupling to the power line. It offers two programmable data rate with two programmable channels each.
November 1998
DVDD TEST 1 TEST 2
IFO
CHS
1/9
7536-01.EPS
BRS
XTAL 2
XTAL 1
AFCF
DVSS
TxD
ST7536
PIN DESCRIPTION
Pin Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Name Rx/Tx RESET TEST4 TEST3 RxD CLR/T RxDEM DGND DVDD TEST1 TEST2 TxD XTAL2 XTAL1 CHS BRS AFCF DVSS IFO DEMI AVSS AGND AVDD RAI RxFO TxFI ALCI ATO Type Digital Digital Digital Digital Digital Digital Digital Supply Supply Digital Digital Digital Digital Digital Digital Digital Analog Supply Analog Analog Supply Supply Supply Analog Analog Analog Analog Analog Rx or Tx mode selection input Logic reset and power-down mode input. Active when low. Test input which selects the Tx band-pass filter input (TxFI) when high. Test input which gives an access to the clock recovery input stage. This input is selected when TEST1 is high. Synchronous receive data output Rx or Tx clock according to the functional mode Demodulated data output Digital ground Digital positive supply voltage : 5V 5% Test input which cancels the Tx to Rx mode automatic switching and validates TEST3 input. Active when high. Test input which reduces the Tx to Rx mode automatic switching time. Active when high. Transmit data input Crystal oscillator output Crystal oscillator input Channel selection input Baud rate selection input Automatic frequency control output for connecting compensation network. Digital negative supply voltage : -5V 5% Intermediate frequency filter output FSK demodulator input Analog negative supply voltage : -5V 5% Analog ground : 0V Analog positive supply voltage : 5V 5% Receive analog input Receive filter output Transmit filter input (selected when TEST4 is high) Automatic level control input Analog transmit output
7536-01.TBL
Description
2/9
ST7536
BLOCK DIAGRAM
RxFO 25
SMT. FILTER A.A. FILTER
DVSS 18
DGND
8
DVDD 9
A.A. FILTER
AVSS 21
AGND
22
AVDD 23
SMT. FILTER
RAI 24
RX BAND-PASS S.C. FILTER
20dB GAIN
I.F. BAND-PASS S.C. FILTER
19 IFO
13 XTAL2 14 XTAL1 1 Rx/Tx 2 RESET 16 BRS 15 CHS
A.A. FILTER A.A. FILTER
AFCF 17
AFC
REFERENCE VOLTAGE
TIME BASE AND CONTROL LOGIC
MUX
ATO 28
ALC
TX BAND-PASS S.C. FILTER
FSK MODULATOR
12 TxD
ALCI 27
RxDEM 7
MUX
RxD 5
26 TxFI
CLOCK RECOVERY
CLR/T 6
POST-DEMO S.C. FILTER
CORRELATOR
20 DEMI
TEST LOGIC
FSK DEMODULATOR
10 11
TEST1 TEST2
3
TEST4
4
TEST3
ST7536
7536-02.EPS
3/9
ST7536
FUNCTIONAL DESCRIPTION 1 - Transmit Section The transmit mode is set when Rx/Tx = 0, if Rx/Tx is held at 0 longer than 3s, thenthe device switches automatically in the Rx mode. A new activation of the Tx mode requires Rx/Tx to be returned to 1 for a minimum 2s period before being set to 0. The Transmit Data (TxD) is sampled on a positive edge of CLR/T which delivers the transmit bit clock when the transmit mode is selected. This data enters a FSK modulator whose two basic frequencies are selected by the Baud Rate Selection pin (BRS) and the Channel Selection pin (CHS) according to the Table 1. Figure 1 : Tx Data Input Timing
CLR/T
7536-03.EPS
TxD
DATA VALID
Table 1
BRS 0 0 1 1 CHS 0 1 0 1 Baud Rate (Baud) 600 600 1200 1200 Tx Frequencies (kHz) TxD=1 - TxD=0 81.75 - 82.35 67.2 - 67.8 71.4 - 72.6 85.95 - 87.15
These frequencies are synthesized from a 11.0592MHzcrystal oscillator ; theirprecision is the same as the crystal one's (100 ppm). The modulatedsignal coming out of the FSK modulator is filtered by a switched-capacitor band-pass filter (Tx band-pass) in order to limit the output spectrum and to reduce the level of harmonic components. The output stage of the Tx path consists of an Automatic Level Control (ALC) systemwhich keeps the output signal (ATO) amplitude independant of the lineimpedancevariations. ThisALC isa variable gain system (with 32 discrete values) controlled by an analog feed-back signal ALCI (see Figure 2). The ALC gain range is 0dB to -26dB and gain change is clocked at 7200Hz. Gain steps are of magnitude 0.84dB typically. A period of this clock is decomposed into a 34.7s gain settling latency and a 104.2s peak detecting time. The gain change is related to the result of a peak detection obtained by making a direct comparison of ALCI maximum value (during detecting time) with two threshold voltages VT1 and VT2 (see Figure 2). - max (VALCI) < VT1 - The next gain is increased by 0.84dB, - VT1 max (VALCI) VT2 - No gain change, - VT2 < max (VALCI) - The next gain is decreased by 0.84dB.
Figure 2 : Automatic Level Control Timing Chart
Amplitude modification due to an external cause High Gain Correct Gain
Low Gain
Correct Gain
VT2 VT1
ALCI SIGNAL ENVELOP Gain setting latency 34.7s Peak detecting time 104.2s
ALC CLOCK
4/9
7536-04.EPS
ST7536
FUNCTIONAL DESCRIPTION (continued) 2 - Receive Section The receive section is active when Rx/Tx = 1. The baud rate and channel selection is also made according to Table 1. The Rx signal is applied on RAI with a common mode voltage of 0V and filtered by a band-pass switched capacitor filter (Rx band-pass) centered on the receivedcarrier frequencyand whose bandwidth is around 6kHz. The input voltage range on RAI is 2mVRMS - 2VRMS. The Rx filter outputis amplifiedby a 20dBgain stage whichprovidessymmetrical limitations forlarge voltage. The resulting signal is down-converted by a mixer which receives a local oscillator synthesized by the FSK modulatorblock. Finally an intermediate frequency band-pass filter (IF band-pass) whose central frequency is 2.7kHz when BRS = 0 and 5.4kHz when BRS = 1 improves the signal to noise ratio before entering the FSK demodulator. The coupling of the intermediate frequency filter output (IFO) to the FSKdemodulatorinput (DEMI) is made by an externalcapacitor C5 (1F 10%, 10V) which cancels the Rx path offset voltage. A clock recovery circuit extracts the receive clock (CLR/T) from the demodulated output (RxDEM) and delivers synchronous data (RxD) on the positive edge of CLR/T. Figure 3 : Rx Data Output Timing
CLR/T
7536-05.EPS
(47nF 10%, 10V) and R1 (1.5k 5%) connected to pin AFCF. Figure 4 : Automatic Frequency Loop Filter
C2 AFCF 17 C1 R1 AGND 22
7536-06.EPS
4 - Testing Features - An additionnalamplifier allows the observationof the Rx band-pass filter output on pin RxFO. - A direct input to the Tx band-pass filter (TxFI) is available and selected when TEST4 = 1. - The 3 second normal duration of the Tx to Rx mode automatic switching is reduced to 1.48ms when TEST2 = 1. - When TEST1 = 1 the Tx to Rx mode automatic switching is desactivated and the functional mode of the circuit is controlledby Rx/Tx as follow : when Rx/Tx = 0 the circuit is transmitting continuously, whenRx/Tx = 1 the clock recovery block is disconnected from the FSK demodulator for testing purpose, in this configurationTEST 3 is the data input of the clock recovery block, RxDEM follow TEST3 and RxD delivers the resynchronized data. 5 - Power Supplies Wiring and Decoupling Precautions The ST7536 has two positive power supply pins, two negative power supply pins and two ground pins in order to separate internal analog and digital supplies. The analog and digital terminals of each supply pair must be connected together externally and require special routing precautions in order to get the best receive sensitivity performances. The three major routing requirements are : - The ground impedance should be as low as possible, for this purpose the AGND an DGND terminals can be connected via a local plane. - The positive and negative power supplies (AVDD, DVDD, AVSS, DVSS) should be star-connected, avoiding common current path for the digital and analog power supplies terminals. - Five decoupling capacitors located as close as possible to the power supply terminals should be used. Two 2.2F tantalum and two 100nF ceramic capacitors perform the main decoupling function in the vicinity of the analog power supplies and a 100nFceramiccapacitor in the vicinity of the positive digital power supply is used to reduce the high frequency perturbations generated by the logic part of the circuit.
5/9
RxD
DATA VALID
3 - Additional Digital and Analog Functions A reset intput (RESET) initializes the device. When RESET = 0, the device is in power-down mode and all the internal logic is reset. When RESET = 1, the device is active. A time base section delivers all the internal clocks from a crystal oscillator (11.0592MHz). The crystal is connected between XTAL1 and XTAL2 pins and needs two external capacitors C3 and C4 depending o n t he cryst al ch ara cte ristic typically 22pF 10% for proper operation. It is also possible to provide directly the clock on pin XTAL1 ; in this case C3 and C4 should be removed. An Automatic Frequency Control (AFC) Section adjusts the central frequency of Rx and Tx bandpass filter to the carrier central frequency. The stability of the AFC loop is ensured by an external compensationnetwork C1 (470nF 10%, 10V), C2
ST7536
ABSOLUTE MAXIMUM RATINGS
Symbol AVDD /DVDD AVSS /DVSS VAGND/DGND VI VO IO Vi Vo Io PD Toper Tstg Parameter Positive Supply Voltage (1) Negative Supply Voltage (1) Voltage between AGND and DGND Digital Input Voltage Digital Output Voltage Digital Output Current Analog Input Voltage Analog Output Voltage Analog Output Current Power Dissipation Operating Temperature Storage Temperature Value -0.3, +7 -7, +0.3 -0.3, +0.3 DGND-0.3, DVDD+0.3 DGND-0.3, DVDD+0.3 -5, +5 AVSS-0.3, AVDD+0.3 AVSS-0.3, AVDD+0.3 -5, +5 500 - 25, + 70 - 65, + 150 Unit V V V V V mA V V mA mW
o o
C C
Notes : 1. The voltages are referenced to AGND and DGND. 2. Latch-up problems can be overcome with 2 reverse biased schottky diodes connected respectively between A/DVDD & A/DGND and A/DVSS & A/DGND. 3. Absolute maximum ratings are values beyond which damage to device may occur. Functional operation un der these conditions is not implied.
GENERAL ELECTRICAL CHARACTERISTICS The test conditions are A/DVDD = +5V, A/DVSS = -5V, A/DGND = 0V, Tamb = -10 to 70oC unless otherwise specified
Symbol AVDD/DVDD AVSS/DVSS AIDD + DIDD AIDD + DIDD AISS + DISS AISS + DISS AIDD + DIDD AISS + DISS VIH VIL VOH VOL VIH DC Parameter Positive Supply Voltage Negative Supply Voltage Positive Supply Current in Tx Mode Positive Supply Current in Rx Mode Negative Supply Current in Tx Mode Negative Supply Current in Rx Mode Positive Power-down Current Negative Power-down Current High Level Input Voltage Low Level Input Voltage High Level Output Voltage Low Level Output Voltage High Level Input Voltage XTAL1 Clock Duty Cycle RESET = 1, RX/Tx = 0 RESET = 1, RX/Tx = 1 RESET = 1, RX/Tx = 0 RESET = 1, RX/Tx = 1 RESET = 0, RX/Tx = 1 XTAL1 = 1 Digital inputs except XTAL1 Digital inputs Digital outputs, IOH = - 400A Digital outputs, IOL = 1.6mA XTAL1 input External clock 3.6 40 60 2.4 0.4 - 34 - 33 Test Conditions Min. 4.75 -5.25 Typ. 5 -5 30 29 - 29 - 28 1.2 - 1.2 2.2 0.8 Max. 5.25 -4.75 35 34 Unit V V mA mA mA mA mA mA V V V V V %
7536-03.TBL
6/9
7536-02.TBL
ST7536
TRANSMITTER ELECTRICAL CHARACTERISTICS The test conditions are A/DVDD = +5V, A/DGND = 0V, A/DVSS = -5V, Tamb = -10 to +70oC unless othewise specified
Symbol VTAC HD2 FD TRxTx TALC DRNG VT1 VT2 GST PSRR1 PSRR2 Parameter Max Carrier Output AC Voltage Second Harmonic Distortion FSK Peak-to-peak Deviation Carrier Activation Time Carrier Stabilisation Time ALC Dynamic Range ALC Low Threshold Voltage ALC High Threshold Voltage ALC Gain Step Power supply rejection ratio on ATO (see Note 1) VIN = 200mVPP, fIN = 50Hz on VDD or VSS 35 10 Test Conditions RL = 2k, VALCI < VT1 RL = 2k, VALCI < VT1 BRS = 0 BRS = 1 After Rx/Tx 1 0 transition ALC maximum settling time, 32 gain steps 25 1.81 26 1.87 2.12 0.84 2.18 600 1200 1 5 27 Min. 2.8 Typ. Max. Unit 3.2 3.7 0.32 VPP % Hz Hz ms ms dB V V
7536-04.TBL 7536-05.TBL
dB dB dB
Note 1 : This characteristic is guaranteed by correlation.
RECEIVER ELECTRICAL CHARACTERISTICS The test conditions are A/DVDD = +5V, A/DGND = 0V, A/DVSS = -5V, Tamb = -10 to +70oC unless othewise specified
Symbol VIN RIN RCJ PSRR1 PSRR2 VIN0 VIN1 BER1 BER2 BER3 BER4 BER5 Parameter Maximum Input Signal Input Impedance Recovered Clock Jitter Percentage of the nominal clock Power supply rejection ratio on VIN = 200mVPP, fIN = 50Hz on VDD or VSS RxFO (see Note 1) Rx sensitivity (see Note 1) Typical measured BER < 10 BRS = 0 BRS = 1
-5
Test Conditions
Min. 100 -5 35 10
Typ.
Max. 2 +5
Unit VRMS k % dB dB mVRMS
2 3 2 10-5 -4 3 10 10-7 10-6 10-3 -3 10 10-3 10-3 10-3
Bit error rate at minimum Rx White Noise, S/N = 15dB signal (see Note 1) RAI = 2mVRMS, BRS = 0 RAI = 3mVRMS, BRS = 1 Bit error rate at maximum Rx sig- RAI = 2VRMS, White Noise, S/N = 25dB nal (see Note 1) Bit error rate at medium Rx signal RAI= 0.6VRMS, S/N= 15dB (see Note 1) Bit error rate with impulsive noise RAI = 90mVRMS, N = 5VPP pulse wave, (see Note 1) f = 100Hz, duty cycle = 10% Bit error rate with modulated S+ Ns < 0.2VRMS, Ns = sine carrier with sinusoidal noise Ns (see Note 1) 80% AM modul., f m = 1kHz, See Figure 5 Smin = 2mVRMS, BRS = 0 Smin = 3mVRMS, BRS = 1
BER6 BER7
10-3 10-3
Note 1 : This characteristic is guaranteed by correlation
7/9
ST7536
Figure 5 : S/N Mask for 80% AM Sine Noise
20 10 0 -10 -20 -30 -40 -50 0 0.5 1 Frequency (f/fc)
B = 20kHz at 600 Bit/s (BRS = 0) B = 40kHz at 1200 Bit/s -BRS = 1) fc : Central Carrier Frequency
S/N S (dB) B
1.5
2
7536-07.EPS
FILTER TEMPLATES
Frequency (kHz) Test Conditions Amplitude (dB) Min. Typ. Max. - 35 -2 -2 - 35 - 35 -2 -2 - 35 - 35 -2 -2 - 35 - 35 -2 -2 - 35 Frequency (kHz) Test Conditions Amplitude (dB) Min. Typ. Max. - 35 -2 -2 - 35 - 35 -2 -2 - 35
7536-06.TBL
RECEIVE AND TRANSMIT FILTER 54 79.05 Ref 82.05 85.05 123 44.4 65 Ref 67.46 69.93 101.13 47.57 69.64 Ref 72.28 74.92 108.36 57.08 83.57 Ref 86.74 89.91 130.03 -4 -4 -3 0 -3
INTERMEDIATE FREQUENCY FILTER 1.2 2.15 Ref 2.7 3.25 5.8 2.4 4.3 Ref 5.4 6.5 11.6 -5 BRS = 0 -5 -3 0 -3
BRS = 0, CHS = 0
BRS = 0, CHS = 1
-4 -4
-3 0 -3
-5 BRS = 1 -5
-3 0 -3
BRS = 1, CHS = 0
-4 -4
-3 0 -3
BRS = 1, CHS = 1
-4 -4
-3 0 -3
8/9
ST7536
PACKAGE MECHANICAL DATA 28 PINS - PLASTIC LEADED CHIP CARRIER (PLCC)
Dimensions A B D D1 D2 E e e3 F F1 G M M1
Min. 12.32 11.43 4.2 2.29 0.51 9.91
Millimeters Typ.
Max. 12.57 11.58 4.57 3.04 10.92
Min. 0.485 0.450 0.165 0.090 0.020 0.390
Inches Typ.
Max. 0.495 0.456 0.180 0.120 0.430
1.27 7.62 0.46 0.71 0.101 1.24 1.143
0.050 0.300 0.018 0.028 0.049 0.045
PLCC28.TBL
0.004
Information furnished is believed to be accurate and reliable. However, STMicroelectroni cs assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical comp onents in lifesupport devicesor systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 1998 STMicroelectronics - All Rights Reserved Purchase of I C Components of STMicroelectronics, conveys a license under the Philips I C Patent. 2 Rights to use these components in a I C system, is granted provided that the system conforms to 2 the I C Standard Specifications as defined by Philips. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. http://www.st.com
2 2
9/9
PMPLCC28.EPS


▲Up To Search▲   

 
Price & Availability of ST7536

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X