Part Number Hot Search : 
C20T06QH 04447 GBU1510 E122801 FR9120 04447 MMBD301L BPX90K
Product Description
Full Text Search
 

To Download ST1803DFH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ST1803DFH
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
s
s s s s s s s
s
NEW Fully Plastic TO-220 for HIGH VOLTAGE APPLICATIONS NEW SERIES, ENHANCED PERFORMANCE INTEGRATED FREE WHEELING DIODE HIGH VOLTAGE CAPABILITY ( > 1500 V ) HIGH SWITCHING SPEED TIGTHER hfe CONTROL IMPROVED RUGGEDNESS FULLY INSULATED PACKAGE (U.L. COMPLIANT) FOR EASY MOUNTING CREEPAGE DISTANCE PATH > 4 mm TO-220FH
APPLICATIONS: s HORIZONTAL DEFLECTION FOR COLOR TVS DESCRIPTION The device is manufactured using Diffused Collector technology for more stable operation Vs base drive circuit variations resulting in very low worst case dissipation.
INTERNAL SCHEMATIC DIAGRAM
RBE =20
Typ.
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC I CM IB P tot V isol T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (t p < 5 ms) Base Current Total Dissipation at T c = 25 o C Insulation Withstand Voltage (RMS) from All Three Leads to External Heatsink Storage Temperature Max. Operating Junction Temperature Value 1500 600 7 10 15 4 40 2500 -65 to 150 150 Unit V V V A A A W V
o o
C C
December 2002
1/6
ST1803DFH
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 3.125
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CES I EBO V (BR)EBO Parameter Collector Cut-off Current (V BE = 0) Emitter Cut-off Current (I C = 0) Emitter-Base Breakdown Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain Test Conditions V CE = 1500 V V CE = 1500 V V EB = 4 V I E = 700 mA Tj = 125 o C 130 7 Min. Typ. Max. 1 2 400 Unit mA mA mA V
V CE(sat) V BE(sat) h FE
IC = 4 A IC = 4 A IC = 4 A IC = 1 A I C = 4.5 A I C = 4.5 A IF = 5 A IC = 4 A L B = 5 H f = 16 KHz
I B = 0.8 A I B = 1.2 A I B = 0.8 A V CE = 5 V V CE = 1 V V CE = 5 V I Bon(END) = 0.8 A V BB = -2.5 V (see figure 1) 10 5
3
5 1.5 1.2
V V V
15 5 1.5 2.7 0.3
20 9 2 4 0.6 V s s
VF ts tf
Diode Forward Voltage INDUCTIVE LOAD Storage Time Fall Time
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Area
Thermal Impedance
2/6
ST1803DFH
Derating Curve Output Characteristics
Collector Emitter Saturation Voltage
Base Emitter Saturation Voltage
DC Current Gain
DC Current Gain
3/6
ST1803DFH
Power losses Switching Time Inductive Load
Reverse Biased SOA
Figure 1: Inductive Load Switching Test Circuit.
4/6
ST1803DFH
TO-220FH (Fully plastic High voltage) MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L5 L6 L7 L8 L9 15.9 9 14.5 2.4 28.6 9.8 3.4 16.4 9.3 15 0.626 0.354 0.570 0.094 4.4 2.5 2.5 0.45 0.75 1.3 1.3 4.95 2.4 10 16 30.6 10.6 1.126 0.385 0.134 0.645 0.366 0.590 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.8 1.8 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.051 0.051 0.195 0.094 0.393 0.630 1.204 0.417 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.070 0.070 0.204 0.106 0.409
P011W
5/6
ST1803DFH
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of ST1803DFH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X