Part Number Hot Search : 
MM1095BS PBM99090 CNF900 4D5N60P SYSTEM DBS100A 4C7V5 ES29F64
Product Description
Full Text Search
 

To Download SST505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SST502 SERIES
Linear Integrated Systems
FEATURES SECOND SOURCE FOR SILICONIX SST502 SERIES WIDE CURRENT RANGE BIASING NOT REQUIRED ABSOLUTE MAXIMUM RATINGS @ 25 C (unless otherwise stated) Maximum Temperatures Storage Temperature Junction Operating Temperature Maximum Power Dissipation Continuous Power Dissipation Maximum Currents Forward Current Reverse Current Maximum Voltages Peak Operating Voltage SYMBOL POV VR CF CHARACTERISTIC Peak Operating Voltage2 Reverse Voltage Forward Capacitance POV = 50V MIN 45 0.8 1.5 TYP MAX UNITS V V pF CONDITIONS IF = 1.1IF(max) IR = 1mA VF = 25V, f = 1MHz COMMON ELECTRICAL CHARACTERISTICS @ 25 C (unless otherwise stated) 20mA 50mA 350mW
Short Pins 2 & 3 via PCB trace.
1
CURRENT REGULATING DIODES
0.43 to 4.7mA VGS = 0V
SOT-23 TOP VIEW
A
A
-55 to 150C -55 to 135C
A K
1 3 2
K
K
K
SPECIFIC ELECTRICAL CHARACTERISTICS @ 25 C (unless otherwise stated) Forward Current3 IF VF = 25V MIN SST502 SST503 SST504 SST505 SST506 SST507 SST508 SST509 SST510 SST511 0.344 0.448 0.600 0.800 1.120 1.440 1.900 2.400 2.900 3.800 NOM 0.43 0.56 0.75 1.00 1.40 1.80 2.40 3.00 3.60 4.70 MAX 0.516 0.672 0.900 1.200 1.680 2.160 2.900 3.600 4.300 5.600 MIN 1.0 0.7 0.5 0.4 0.3 0.2 0.1 0.09 0.08 0.07 Dynamic Impedance4 Zd VF = 25V TYP 2.7 2.0 1.5 1.0 0.8 0.6 0.4 0.3 0.3 0.2 Knee Impedance Zk VF = 6V TYP 0.7 0.5 0.4 0.3 0.2 0.12 0.08 0.06 0.04 0.03 Limiting Voltage5 VL IF = 0.8IF(min) TYP 1.5 1.7 1.9 2.1 2.5 2.8 3.1 3.5 3.9 4.2 MAX 0.6 0.7 0.8 0.9 1.1 1.3 1.5 1.7 1.9 2.1
PART
Linear Integrated Systems
* 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261
V-I CHARACTERISTICS CURRENT REGULTING DIODE
IF Zk VL VR IF
rDS VR
POV VF
IR
PACKAGING DETAILS
SOT-23
0.89 1.03 0.37 0.51 0.89 1.12 0.085 0.180
1
1.78 2.05
3 2
1.20 1.40 2.10 2.64
2.80 3.04
0.013 0.100 DIMENSIONS IN MILLIMETERS
0.55
1. Absolute maximum ratings are limiting values above which serviceability may be impaired. 2. Pulsed, t = 2ms. Maximum VF where IF < 1.1IF(max). 3. Pulsed, t = 2ms. Continuous currents may vary. 4. Pulsed, t = 2ms. Continuous impedances may vary. 5. Min VF required to ensure IF = 0.8IF(min). Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Linear Integrated Systems
* 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261


▲Up To Search▲   

 
Price & Availability of SST505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X