Part Number Hot Search : 
AD5113 D34AM AD5113 BA7820 CT6P253 6020A 20M45 04N70BF
Product Description
Full Text Search
 

To Download RT424012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 s
RT series
Miniature Printed Circuit Board Relays, Sockets and Accessories
RT series (DC Coil)
16 Amp PC Board Miniature Relay
Meets VDE 10mm Spacing, 5KV Dielectric File E22575 File LR15734 NR 6106 Features
* SPST through DPDT contact arrangements. * Immersion cleanable and flux tight versions available. * VDE 10mm spacing, 5kV dielectric, coil to contacts. * UL Class F coil insulation system. * Conforms to UL 508, 1873, 353 and 1950. * Low profile; 15.7mm height. * Sensitive coil; 400mW. * Withstand surge voltage of 10,000V.
Coil Data @ 25C
Voltage: 5 to 48VDC. Nominal Power @ 25C: 400mW. Duty Cycle: Continuous. Initial Insulation Resistance: 10,000 megohms, min., at 25C, 500VDC and 50% rel. humidity.
Coil Data @ 25C
Nominal Voltage VAC 005 006 009 012 018 024 048 DC Resistance in Ohms 10% 62 90 202 360 810 1,440 5,760 Must Operate Voltage VAC 3.5 4.2 6.3 8.4 12.6 16.8 33.6 Nominal Coil Current (mA) - 50/60Hz. 80 66.7 44.4 33.3 22.2 16.7 8.3
Contact Data
Arrangements: 1 Form A (SPST-NO) Wiring Diagram Code 1, 3. 2 Form A (DPST-NO) Wiring Diagram Code 5. 1 Form C (SPDT) Wiring Diagram Code 1, 3. 2 Form C (DPDT) Wiring Diagram Code 5. Material: Silver-nickel 90/10. Minimum Load: 12V/100mA. Expected Mechanical Life: 10 million operations. Initial Contact Resistance: 100 milliohms max @ 1A 12VDC.
Applied Coil Voltage (% of rated nom.)
Designed to meet UL/CSA/VDE ratings with relay properly vented. Remove vent nib after soldering and cleaning.
UL/CSA/VDE Ratings @ 25C Code NO/NC Load 1 10A/10A @ 277VAC 10A/10A @ 30VDC 12A/12A @ 250VAC 12A/12A @ 30VDC 3/4 HP @ 480VAC* 1/2 HP @ 240VAC* 1/3 HP @ 120VAC* 48 LRA/10 FLA @ 240VAC* TV-3 @ 120VAC* A300, 720VA @ 240VAC* 3 16A/16A @ 250VAC 20A/20A @ 277VAC 20A/20A @ 24VDC 16A/16A @ 30VDC 1 HP @ 480VAC* 1 HP @ 240VAC* 1/2 HP @ 120VAC* 60 LRA/10 FLA @ 250VAC* TV-5 @ 120VAC* A300, 720VA @ 240VAC* B300, 360VA @ 240VAC** 8A/8A @ 277VAC 8A/8A @ 30VDC 10A/10A @ 250VAC 10A/10A @ 30VDC 1/2 HP @ 240VAC* 1/4 HP @ 120VAC* 34.8 LRA/6 FLA @ 120VAC* 17 LRA/5 FLA @ 240VAC* .4 B300, 360VA @ 240VAC* TV-3 @120VAC* Type Resistive/GP Resistive Resistive/GP Resistive Motor Motor Motor Motor Tungsten Pilot Duty Resistive/GP Resistive/GP Resistive Resistive Motor Motor Motor Motor Tungsten Pilot Duty Pilot Duty Resistive/GP Resistive Resistive/GP Resistive Motor Motor Motor Motor Pilot Duty Tungsten Operations 100K 100K 30K 30K 6K 6K 6K 30K 25K 30K 50K 30K 30K 30K 6K 6K 6K 30K 25K 30K 30K 100K 100K 30K 30K 6K 6K 30K 30K 30K 25K
Max. Ambient Temp. vs. Coil Voltage
300 260 220 180 140 100 60 B 0 A 20 40 60 80 Max. Allowable Ambient Temp. (C) 100 0A 8A 12A 16A
A: Coil temperature = Ambient temperature. B: 110% of nominal coil voltage at rated contact load.
Operate Data @ 25C
Must Operate Voltage(DC): 70% of nominal. Must Release Voltage(DC): 10% of nominal. Operate Time (Excluding Bounce): 7 ms, typ., 15ms max. at nom. voltage. Release Time (Excluding Bounce): 3 ms, typ., 6ms max. at nom. voltage.
5
Environmental Data
Temperature Range: Storage: -40C to +105C. Operating: -40C to +85C at rated current. Vibration, Operational N.O.:0.065"(1.65mm) max. excursions from 10 - 55 Hz: N.C.:0.032"(0.82mm) max. excursions from 10 - 55 Hz: with no contact opening >10s
* Form A only ** Form B only
Initial Dielectric Strength
Between Open Contacts: >1,000VAC (1 minute). Between Poles (code 5): >2,500VAC (1 minute). Between Coil and Contacts: >5,000VAC (1 minute). Surge Voltage (DC): >10,000VAC x (1.2 x 50 sec).
Mechanical Data
Termination: Printed circuit terminals. Enclosures: RT 1, 3, 4: Flux-tight, top vented, plastic case. RT B, D, E: Immersion cleanable, plastic case. Weight: 0.35 oz. (10g) approximately.
Ordering Information
Typical Part Number B
1. Basic Series: RT = Miniature, printed circuit board relay. 2. Enclosure: 1 = 1 pole 12A, Pinning 3.5mm, flux-tight (Code 1). 3 = 1 pole 16A, Pinning 5mm, flux-tight (Code 3). 4 = 2 pole 8A, Pinning 5mm, flux-tight (Code 5). B = 1 pole 12A, Pinning 3.5mm, sealed (Code 1). D = 1 pole 16A, Pinning 5mm, sealed (Code 3). E = 2 pole 8A, Pinning 5mm, sealed (Code 5).
RT
1
3
4
012
3. Contact Arrangement: 1 = 1 Form C (SPST) (Requires wiring diagram codes 1 or 3.) 2 = 2 Form C (DPST) (Requires wiring diagram code 5.) 3 = 1 Form A (SPST-NO) (Requires wiring diagram codes 1 or 3.) 4 = 2 Form A (DPST-NO) (Requires wiring diagram code 5.) 4. Contact Material: 4 = Silver-nickel 90/10 (standard stock). 5. Coil Voltage: 005 = 5VDC 006 = 6VDC 009 = 9VDC 012 = 12VDC 018 = 18VDC 024 = 24VDC 1 = Silver cadmium Oxide (Special order) 048 = 48VDC
Stock Items
RT114012 RT114024 RT134012 RT134024 RTB14005 RTB14012 RTB14024 RTB34012 RTB34024 RT314012 RT314024 RT334012 RTD14005 RTD14012 RTD14024 RTD34012 RTD34024 RT424012 RT424024 RT444012 RT444024 RTE24005 RTE24012 RTE24024 RTE44012 RTE44024
Outline Dimensions
.62 (15.7) .50 (12.7) 6X .031 X .020 (.80 X .52) 1.14 (29)
Breaking Capacity
1 Pole
50 A Contact Current B Contact Current 10 5 2 1 0.5 0.1 10 10 5 2 1 0.5 0.1 10 A B 50
2 Pole
2X .020 X .020 (.52 X .52) .17 (4.3)
20
50 100 DC Voltage
200 300
20
50 100 DC Voltage
200 300
PC Board Layouts (Bottom View)
1 Pole 12A 3.5mm
.051 DIA. (1.30) .276 (7 .0) .800 (20.32) .400 (10.16) .800 (20.32)
A: 16A Version. B: 12A Version.
A: 1 Contact. B: 2 Contacts in series.
1 Pole 16A 2 Pole 8A 5mm
.051 DIA. (1.30)
Contact Life for Resistive AC Load (Typical)
107 A: 8A Model B: 12A Model C: 16A Model
Operations
106 B 10
5
.051 DIA. (1.30)
.300 (7 .62)
.051 DIA. (1.30)
.300 (7 .62)
A
C
Code 1
Code 3 & 5
104 0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 Breaking Capacity (kVA)
Note: On single throw models, only necessary terminals are present.
Wiring Diagrams (Bottom View)
1 Pole 12A 1 Pole 16A 2 Pole 8A
Note: Data from 250VAC @ 70C.
Code 1
Code 3
Code 5
Note: On single throw models, only necessary terminals are present.
RT series (AC Coil)
16 Amp Miniature Printed Circuit Board Relay
Meets VDE 10mm Spacing, 5KV Dielectric File E38891 File LR14385 NR 6106
Features
* * * * SPST through DPDT contact arrangements. Immersion cleanable and flux tight versions available. Meets VDE 10mm spacing, 5kV dielectric, coil to contacts. Conforms to UL 508, 1873 and 353.
Coil Data @ 20C
Voltage: 24, 115, 230VAC. Nominal Power @ 25C: .75VA. Duty Cycle: Continuous. Initial Insulation Resistance: 10,000 megohms, min., at 20C, 500VDC and 50% rel. humidity..
Contact Data
Arrangements: 1 Form A (SPST-NO) Wiring Diagram Code 1, 3. 2 Form A (DPST-NO) Wiring Diagram Code 5. 1 Form C (SPDT) Wiring Diagram Code 1, 3. 2 Form C (DPDT) Wiring Diagram Code 5. Material: Silver-nickel 90/10. Minimum Load: 12V/100mA. Expected Mechanical Life: 10 million operations.
Coil Data
DC Must Nominal Resistance Operate Voltage in Ohms Voltage VAC 10% VAC 24 115 230 350 8,100 32,500 18.0 86.3 172.5 Nominal Nominal Drop-out Coil Coil Voltage Current Current VAC (mA)-50Hz. (mA)-60Hz. 3.6 17 .3 34.5 31.6 6.6 3.3 24.3 5.1 2.3
Designed to meet UL/CSA/VDE ratings with relay properly vented. Remove vent nib after soldering and cleaning.
UL/CSA Ratings @ 25C: Code NO/NC Load 1 12A NO @ 240VAC 10A/5A @ 240VAC 8A @ 28VDC 1 HP @ 240VAC* 1/2 HP @ 120VAC* 8A @ 28VDC* B300 16A/8A @ 240VAC 8A @ 28VDC 1/2 HP @ 120VAC* 1HP @ 240VAC* 48 LRA, 8 FLA @ 240VAC B300 8A @ 240VAC 8A @ 28VDC 1/2 HP @ 240VAC 1/4 HP @ 120VAC B300 Type GP Resistive/GP Resistive Motor Motor Resistive Pilot Duty GP Resistive Motor Motor Motor Pilot Duty Resistive Resistive/GP Motor Motor Pilot Duty Operations 30K 100K 30K 6K 6K 30K 6K 6K 30K 6K 6K 30K 6K 30K 30K 6K 6K 6K
Max. Ambient Temp. vs. Coil Voltage
Applied Coil Voltage (% of rated nom.)
300 260 220 180 140 100 60 B 0 A 20 40 60 80 Max. Allowable Ambient Temp. (C) 100 0A 8A 12A 16A
3
5
A: Coil temperature = Ambient temperature. B: 110% of nominal coil voltage at rated contact load.
Operate Data
Must Operate Voltage: See coil data. Operate Time (Excluding Bounce): 8 ms, typ., at nom. voltage. Release Time (Excluding Bounce): 11 ms, typ., at nom. voltage.
* Form A only
VDE Ratings @ 25C: Code NO/NC Load 1 3 5 12A @ 250VAC 12A @ 250VAC 16A @ 250VAC 16A @ 250VAC 8A @ 250VAC 8A @ 250VAC
Type Resistive Resistive Resistive Resistive Resistive Resistive
Operations 30K 100K 10K 50K 30K 50K
Environmental Data
Temperature Range: Storage: -40C to +105C. Operating: -40C to +70C at rated current. Vibration: 30 - 150 Hz: at 20g with no contact opening >10s on the N.O. contact; at 5g with no contact opening >10s on the N.C. contact.
Initial Dielectric Strength
Between Open Contacts: >1,000VAC (1 minute). Between Poles (code 5): >2,500VAC (1 minute). Between Coil and Contacts: >5,000VAC (1 minute). Creepage/Clearance, Coil to Contact: 10/10mm.
Mechanical Data
Termination: Printed circuit terminals. Enclosures: RT 1, 3, 4: Flux-tight, top vented, plastic case. RT B, D, E: Immersion cleanable, plastic case. Weight: 0.42 oz. (12g) approximately.
Ordering Information
Typical Part Number B
1. Basic Series: RT = Miniature, printed circuit board relay. 2. Enclosure: 1 = 1 pole 12A, Pinning 3.5mm, flux-tight (Code 1). 3 = 1 pole 16A, Pinning 5mm, flux-tight (Code 3). 4 = 2 pole 8A, Pinning 5mm, flux-tight (Code 5). B = 1 pole 12A, Pinning 3.5mm, sealed (Code 1). D = 1 pole 16A, Pinning 5mm, sealed (Code 3). E = 2 pole 8A, Pinning 5mm, sealed (Code 5).
RT
D
1
4
524
3. Contact Arrangement: 1 = 1 Form C (SPST) (Requires wiring diagram codes 1 or 3.) 2 = 2 Form C (DPST) (Requires wiring diagram code 5.) 3 = 1 Form A (SPST-NO) (Requires wiring diagram codes 1 or 3.) 4 = 2 Form A (DPST-NO) (Requires wiring diagram code 5.) 4. Contact Material: 4 = Silver-nickel 90/10. 5. Coil Voltage: 524 = 24VAC 615 = 115VAC 730 = 230VAC
Stock Items
RTB14524 RTB14615 RTB14730 RTD14524 RTD14615 RTD14730 RTE24524 RTE24615 RTE24730
Outline Dimensions
.62 (15.7) .50 (12.7) 6X .031 X .020 (.80 X .52)
Breaking Capacity
1 Pole
50 A Contact Current B Contact Current 10 5 2 1 0.5 0.1 10 10 5 2 1 0.5 0.1 10 A B 50
2 Pole
1.14 (29)
2X .020 X .020 (.52 X .52) .17 (4.3)
20
50 100 DC Voltage
200 300
20
50 100 DC Voltage
200 300
PC Board Layouts (Bottom View)
1 Pole 12A 3.5mm
.051 DIA. (1.30) .276 (7 .0) .788 (20.0) .394 (10.0)
1 Pole 16A 2 Pole 8A 5mm
.051 DIA. (1.30)
A: 16A Version. B: 12A Version.
A: 1 Contact. B: 2 Contacts in series.
Contact Life for Resistive AC Load (Typical)
107 A: 8A Model B: 12A Model C: 16A Model
Operations
.788 (20.0)
106 B 105 A C
.051 DIA. (1.30)
.296 (7 .50)
.051 DIA. (1.30)
.296 (7 .50)
Code 1
Code 3 & 5
104 0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 Breaking Capacity (kVA)
Note: Data from 250VAC @ 70C.
Note: On single throw models, only necessary terminals are present.
Wiring Diagrams (Bottom View)
1 Pole 12A 1 Pole 16A 2 Pole 8A
Code 1
Code 3
Code 5
Note: On single throw models, only necessary terminals are present.
RT series (Latching)
16 Amp Miniature Printed Circuit Board Relay
Meets VDE 10mm Spacing, 5KV Dielectric File E38891 File LR14385 NR 6106
Features
* * * * * Latching relay with 1 or 2 coils. SPDT (16A) and DPDT (8A) contact arrangements. Flux tight enclosure. Meets VDE 10mm spacing, 5kV dielectric, coil to contacts. Conforms to UL 508, 1873 and 353.
Coil Data @ 20C
Voltage: 5 to 24VDC*, 1 coil. 3 to 24VDC*, 2 coil. Nominal Power @ 25C: 400mW, 1 coil. 600mW, 2 coil. Duty Cycle: Continuous. Initial Insulation Resistance: 10,000 megohms, min., at 20C, 500VDC and 50% rel. humidity.
* Other coil voltages upon request.
Contact Data
Arrangements: 1 Form C (SPDT) Wiring Diagram Code 3. 2 Form C (DPDT) Wiring Diagram Code 5. Material: Silver-nickel 90/10. Minimum Load: 12V/100mA. Expected Mechanical Life: 5 million operations, 1 pole. 2 million operations, 2 pole.
1 Coil Data
Nominal Voltage VDC 05 06 12 24 DC Resistance in Ohms 10% 62 90 360 1,440 Set Voltage VDC 3.5--6.0 4.2--7 .2 8.4--14.4 16.8--28.8 Reset Voltage VDC 2.75--6.0 3.30--7 .2 6.60--14.4 13.20--28.8 Nominal Coil Current (mA) 80.0 66.7 33.3 16.7
Designed to meet UL/CSA/VDE ratings with relay properly vented. Remove vent nib after soldering and cleaning.
UL/CSA ratings @ 70C: Code 3 NO/NC Load 16A/8A @ 240VAC 8A @ 28VDC 1/2 HP @ 120VAC* 1HP @ 240VAC* 48 LRA, 8 FLA @ 240VAC B300 8A @ 240VAC 8A @ 28VDC 1/2 HP @ 240VAC 1/4 HP @ 120VAC B300 Type GP Resistive Motor Motor Motor Pilot Duty Resistive Resistive/GP Motor Motor Pilot Duty Operations 6K 30K 6K 6K 30K 6K 30K 30K 6K 6K 6K
2 Coil Data
Nominal Voltage VDC 05 06 12 24 DC Resistance in Ohms 10% 42 55 240 886 Set Voltage VDC 3.5--7 .5 4.2--9.0 8.4--18.0 16.8--36.0 Reset Voltage VDC 2.75--4.5 3.30--9.0 6.60--18.0 13.20--36.0 Nominal Coil Current (mA) 120.0 108.0 50.0 27 .0
5
Operate Data @ 20C
Must Operate Voltage: See coil data. Operate Time (Excluding Bounce): 5 ms, typ., at nom. voltage. Release Time (Excluding Bounce): 4 ms, typ., at nom. voltage. Max. Switching Rate: 360 ops. at rated load.
* Form A only
VDE Ratings @ 70C: Code NO/NC Load 3 5 16A@ 250VAC 8A @ 250VAC 8A @ 250VAC 8A @ 250VAC
Type Resistive Resistive Resistive Resistive
Operations 10K 30K 30K 100K
Environmental Data
Temperature Range: Storage: -40C to +105C. Operating: -40C to +70C at rated current. Vibration: 30 - 500 Hz: N/C opens at >3g and changes from reset to set at >5g; Shock: N/C opens at >6g and changes from reset to set at >15g.;
Initial Dielectric Strength
Between Open Contacts: >1,000VAC (1 minute). Between Poles (code 5): >2,500VAC (1 minute). Between Coil and Contacts: >5,000VAC (1 minute). Creepage/Clearance, Coil to Contact: 10/10mm.
Mechanical Data
Termination: Printed circuit terminals. Enclosures: RT 3, 4: Flux-tight, top vented, plastic case. Weight: 0.46 oz. (13g) approximately.
Ordering Information
Typical Part Number B
1. Basic Series: RT = Miniature, printed circuit board relay. 2. Enclosure: 3 = 1 pole 16A, Pinning 5mm, flux-tight (Code 3). 4 = 2 pole 8A, Pinning 5mm, flux-tight (Code 5). 3. Contact Arrangement: 1 = 1 Form C (SPDT) (Requires wiring diagram code 3.) 2 = 2 Form C (DPDT) (Requires wiring diagram code 5.) 4. Contact Material: 4 = Silver-nickel 90/10. 5. Coil Voltage: 1 Coil A05 A06 A12 A24 2 Coil F05 F06 F12 F24 Voltage = 5VDC = 6VDC = 12VDC = 24VDC
RT
3
2
4
A05
Stock Items
Consult factory for availability.
Outline Dimensions
.62 (15.7) .50 (12.7) 6X .031 X .020 (.80 X .52) 1.14 (29)
Wiring Diagrams (Bottom View)
1 Pole 16A
12 11 14 22 21 24
2 Pole 8A
14 11 12 24 21 22
*
.17 (4.3)
2X .020 X .020 (.52 X .52) *2 Coil version only
22 A3*A2
A1 A3*A2
* 2 Coil Version Only
Code 3
Code 5
PC Board Layout (Bottom View)
1 Pole 16A 2 Pole 8A 5mm
.051 DIA. (1.30)
Breaking Capacity
1 Pole
50 A Contact Current B Contact Current 10 5 2 1 0.5 0.1 10 10 5 2 1 0.5 0.1 10 A B 50
2 Pole
.394 (10.0) .788 (20.0)
*
.051 DIA. (1.30) .296 (7 .52) .148 * (3.76 * 2 Coil Version Only
20
50 100 DC Voltage
200 300
20
50 100 DC Voltage
200 300
A: 16A Version. B: 12A Version.
A: 1 Contact. B: 2 Contacts in series.
Code 3 & 5
RT series
Sockets and Accessories
File E135149 File LR14385 NR 5318
RT78625 with RPMU0730
RP78601
RT16016
Sockets for RT Series Relays RT786241
10A, 300VAC 5mm Pinning
RT786251,2
1 Pole 10A, 250VAC 2 Pole 2x 10A, 250VAC 5mm Pinning
11 14 21 24 11 14
RT786261,2
1 Pole 12A, 300VAC 2 Pole 2x 12A, 300VAC 5mm Pinning
22 21 24 12 11 14 Relay Ejector
21
2.972 (75.5)
2.972 (75.5)
2.972 (75.5)
A2 .610 (15.5)
A1
A2 22 .610 (15.5)
A1 12 .177 (4.5) .874 (22.2) 1.693 (43) A2 .610 (15.5) A1 .177 (4.5) .874 (22.2) 2.283 (58)
Module
.177 (4.5)
.874 (22.2) 1.693 (43)
Hold-Down Spring RT16016
Hold-Down Spring RT16016
Ejector/Hold-Down Spring RT160163
RP786011
10A, 250VAC 3.5mm Pinning PC Board Layout (Bottom View)
.138 (3.51) 1.22 (31.0) .425 (10.8) .5 (12.7) .189 (4.8) .189 (4.8) .354 (9.0) .80 (20.32)
RP786021
1 Pole 10A, 250VAC 2 Pole 2x 10A, 250VAC 5mm Pinning PC Board Layout (Bottom View)
.20 (5.08) 1.22 (31.0) .60 (15.24) .425 (10.8) .5 (12.7) .30 (7 .62) O .06 DIA. (1.52) .189 (4.8) .189 (4.8) .354 (9.0)
.20 (5.08)
.60 (15.24)
.30 (7 .62)
O .06 DIA. (1.52)
Hold-Down Spring RP16041
Hold-Down Spring RP16041
Socket and Accessory Selection Table
Stock items are boldfaced. Socket Socket Termination RT786241,2 RT786251,2 RT786261 RP786011 RP786021 RPMU0730 DIN Screw Terminal DIN Screw Terminal DIN Screw Terminal PCB PCB RC Network 110..230VAC
Hold-Down Spring
RT16016 RT16016 RT16016 RP16041 RP16041 -
* Note 1. Not suitable for bistable relay with two coils. 2. For a 16A 1 pole relay the following jumpers have to be connected; 11 to 21, 12 to 22 and 14 to 24. 3. Insertion of the relay. First the ejector (and eventually the module) has to be mounted onto the socket. Then the relay has to be set in the correct position and pressed into the socket until the ejector snaps over the top of the relay.
Siemens Electromechanical Components, Inc. 700 Westpark Drive Peachtree City, GA 30269-1498 Specifications and availability subject to change without notice. 13C7800 Printed in U.S.A. IH/2-99


▲Up To Search▲   

 
Price & Availability of RT424012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X