Part Number Hot Search : 
NTE928SM B1116 1205S HLM358S 030PAAA 170M6547 B1116 74HC65
Product Description
Full Text Search
 

To Download PTB20177 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 e
PTB 20177 150 Watts, 925-960 MHz Cellular Radio RF Power Transistor
Description
The 20177 is a class AB, NPN, common emitter RF power transistor intended for 26 Vdc operation from 925 to 960 MHz. Rated at 150 watts minimum output power, it may be used for both CW and PEP applications. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.
26 Volt, 960 MHz Characteristics - Output Power = 150 Watts (PEP) - Collector Efficiency = 50 Min at 150 Watts - IMD = -28 dBc Max at 150 Watts (PEP) Class AB Characteristics Gold Metallization Silicon Nitride Passivated

Typical Output Power vs. Input Power
200
Output Power (Watts)
160 120 80
201 77
LOT COD E
VCC = 26 V
40 0 0 5 10 15 20 25 30
ICQ = 400 mA Total f = 960 MHz
Input Power (Watts)
Package 20224
Maximum Ratings
Parameter
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage (collector open) Collector Current (continuous) Total Device Dissipation at Tflange = 25C Above 25C derate by Storage Temperature Range Thermal Resistance (Tflange = 70C) TSTG RJC
Symbol
VCER VCBO VEBO IC PD
Value
40 60 4.0 25.0 330 1.89 -40 to +150 0.53
Unit
Vdc Vdc Vdc Adc Watts W/C C C/W
1 9/28/98
PTB 20177
Electrical Characteristics
Characteristic
Breakdown Voltage C to E Breakdown Voltage C to E Breakdown Voltage E to B DC Current Gain (100% Tested)
e
Conditions
IB = 0 A, IC = 100 mA VBE = 0 V, IC = 100 mA IC = 0 A, IE = 5 mA VCE = 5 V, IC = 1 A
Symbol
V(BR)CEO V(BR)CES V(BR)EBO hFE
Min
25 55 3.5 20
Typ
30 70 5 50
Max
-- -- -- 100
Units
Volts Volts Volts --
RF Specifications (100% Tested)
Characteristic
Gain (VCC = 26 Vdc, Pout = 150 W, ICQ = 400 mA Total, f = 960 MHz) Gain at PEP (VCC = 26 Vdc, Pout = 150 W(PEP), ICQ = 400 mA Total, f = 960 MHz) Collector Efficiency (VCC = 26 Vdc, Pout = 150 W, ICQ = 400 mA Total, f = 960 MHz) Collector Efficiency at PEP (VCC = 26 Vdc, Pout = 150 W(PEP), ICQ = 400 mA Total, f = 960 MHz) Intermodulation Distortion (VCC = 26 Vdc, Pout = 150 W(PEP), ICQ = 400 mA Total, f1 = 959.9 MHz, f2 = 960.0 MHz) Load Mismatch Tolerance (VCC = 26 Vdc, Pout = 150 W(PEP), ICQ = 400 mA Total, f = 960 MHz--all phase angles at frequency of test) IMD -- -30 -28 dBc
Symbol
Gpe
Min
7.5
Typ
8.5
Max
--
Units
dB
Gpe
8
9
--
dB
C
50
--
--
%
C
35
--
--
%
--
--
5:1
--
Impedance Data
(data shown for fixed-tuned broadband circuit)
(VCC = 26 Vdc, Pout = 150 W, ICQ = 400 mA Total )
Z Source Z Load
Frequency
MHz 925 940 960 R 4.3 4.1 3.7
Z Source
jX -3.6 -3.6 -3.4 2 R 3.8 3.5 3.1
Z Load
jX -1.8 -1.4 -0.9
5/19/98
e
Typical Performance
Output Power vs. Supply Voltage
180
PTB 20177
Gain vs. Frequency
(as measured in a broadband circuit)
11
Output Power (Watts)
170 160
VCC = 26 V
10
140 130 120 110 100 17 19 21 23 25 27
Gain (dB)
150
ICQ = 400 mA Total Pout = 150 W
9
ICQ = 400 mA Total Pin = 20 W f = 960 MHz
8
7 925
930
935
940
945
950
955
960
Vcc, Supply Voltage
Frequency (MHz)
Efficiency vs. Output Power
60 50
Intermodulation Distortion vs. Power Output
-20
VCC = 26 V
-24
ICQ = 400 mA Total f1 = 959.90 MHz f2 = 960.00 MHz
Efficiency (%)
40 30 20 10 0 70 85 100 115 130 145 160
IMD (dBc)
-28 -32 -36 -40 60 70
VCC = 26 V ICQ = 400 mA Total f = 960 MHz
80
90
100
110
120
130
140
150
Output Power (Watts)
Output Power (Watts-PEP)
Ericsson Components RF Power Products 675 Jarvis Drive Morgan Hill, CA 95037 USA Telephone: 408-778-9434
1-877-GOLDMOS (1-877-465-3667) e-mail: rfpower@ericsson.com www.ericsson.com/rfpower
Specifications subject to change without notice. LF (c) 1996 Ericsson Inc. EUS/KR 1301-PTB 20177 Uen Rev. C 09-28-98
3
5/19/98


▲Up To Search▲   

 
Price & Availability of PTB20177

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X