Part Number Hot Search : 
BEAMMMK 0010T ON1458 LTA320 C144G TFR07 MC5420L 8051F060
Product Description
Full Text Search
 

To Download PTB20175 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 e
PTB 20175 55 Watts, 1.9-2.0 GHz Cellular Radio RF Power Transistor
Description
The 20175 is a class AB, NPN common emitter RF power transistor intended for 26 Vdc operation from 1.9 to 2.0 GHz. It is rated at 55 watts minimum output power and may be used for both CW and PEP applications. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.

55 Watts, 1.9-2.0 GHz Class AB Characteristics 40% Collector Efficiency at 55 Watts Gold Metallization Silicon Nitride Passivated
Typical Output Power vs. Input Power
70
Output Power (Watts)
60 50 40 30 20 10 2 4 6 8 10 12 14
201 75
LOT COD E
VCC = 26 V ICQ = 0.150 A f = 2 GHz
Input Power (Watts)
Package 20223
Maximum Ratings
Parameter
Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage (collector open) Collector Current (continuous) Total Device Dissipation at Tflange = 25 C Above 25C derate by Storage Temperature Range Thermal Resistance (Tflange = 70 C) Tstg RJC
Symbol
VCER VCES VEBO IC PD
Value
55 55 4 8 233 1.33 -40 to +150 .75
Unit
Vdc Vdc Vdc Adc W W/C C C/W
1 9/28/98
PTB 20175
Electrical Characteristics
Characteristics
Breakdown Voltage C to E Breakdown Voltage C to E Breakdown Voltage E to B DC Current Gain (100% Tested)
e
Conditions
Ic = 60 mA, RB = 27 VBE = 0 V, IC = 60 mA IC = 0 V, IE = 25 mA VCE = 5 V, IC = 300 mA
Symbol
V(BR)CER V(BR)CES V(BR)EBO Hfe
Min
55 55 4.0 --
Typ
-- -- 5 50
Max
-- -- -- --
Units
Volts Volts Volts --
RF Specifications (100% Tested)
Characteristics
Gain (VCC = 26 Vdc, Pout = 55 W, ICQ = 150 mA, f = 2.0 GHz) Collector Efficiency (VCC = 26 Vdc, Pout = 55 W, ICQ = 150 mA, f = 2.0 GHz) Load Mismatch Tolerance (VCC = 26 Vdc, Pout = 55 W(PEP), ICQ = 150 mA, f = 2.0 GHz--All Phase Angles at Frequency of Test)
Symbol
Gpe
Min
7.0
Typ
7.6
Max
--
Units
dB
C
37
47
--
%
--
--
5:1
--
Impedance Data
(data shown for fixed-tuned broadband circuit)
(VCC = 26 Vdc, Pout = 55 W, ICQ = 150 mA)
Z Source
Z Load
Frequency
GHz 1.90 1.95 2.00 R
Z Source
jX -2.0 -1.7 -1.4 R 2.30 2.25 2.20
Z Load
jX -1.9 -2.2 -2.5 Z0 = 50
3.26 3.26 3.26
2
5 /19/98
e
Typical Performance
Gain vs. Frequency
(as measured in a broadband circuit)
9.0
60 50
PTB 20175
Efficiency vs. Output Power
VCC = 26 V
8.5
Gain (dB)
ICQ = 0.150 A Pout = 15 W
Efficiency (%)
40 30 20 10 0
8.0
VCC = 26 V ICQ = 0.150 A f = 2 GHz
20 25 30 35 40 45 50 55 60 65
7.5
7.0 1.90
1.93
1.95
1.98
2.00
Frequency (GHz)
Output Power (Watts)
Intermodulation Distortion vs. Power Output
-20
VCC = 26 V
-24
ICQ = 0.150 A f1 = 1.999 GHz F2 = 2.000 GHz
IMD (dBc)
-28 -32 -36 -40 0 10 20 30
40
50
60
Output Power (Watts-PEP)
Test Circuit
Artwork (1 inch
)
3
5/19/98
PTB 20175
e
Schematic for f = 2 GHz
Q1
l1 l2 l3 l4 l5 l6 l7 l8 l9
PTB 20175 .1 2 GHz .065 2 GHz .095 2 GHz .055 2 GHz .055 2 GHz .065 2 GHz .25 2 GHz
NPN RF Transistor Microstrip 50 Microstrip 75 Microstrip 16 Microstrip 10.8 Microstrip 8.0 Microstrip 12.5 Microstrip 22 Microstrip 60 Microstrip 50
C1, C6 C2, C7 C3, C4, C8, C10 C5, C9 L1 L2 L3 R1 Board
.1 F 10 F, 35 V 33 pF 0 - 4 pf 56 nh 6.8 nh 4 mm. 22 .031 G-200 Solid
1206 Chip SMT Tantalum ATC-100 Johanson Trimmer SMT Inductor SMT Inductor SMT Ferrite 1206 Chip Copper Bottom
Ericsson Components RF Power Products 675 Jarvis Drive Morgan Hill, CA 95037 USA Telephone: 408-778-9434
1-877-GOLDMOS (1-877-465-3667) e-mail: rfpower@ericsson.com www.ericsson.com/rfpower
Specifications subject to change without notice. LF (c) 1996 Ericsson Inc. EUS/KR 1301-PTB 20175 Uen Rev. C 09-28-98
4


▲Up To Search▲   

 
Price & Availability of PTB20175

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X