Part Number Hot Search : 
NTE928SM B1116 1205S HLM358S 030PAAA 170M6547 B1116 74HC65
Product Description
Full Text Search
 

To Download PTB20171 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 e
PTB 20171 25 Watts, 935-960 MHz Cellular Radio RF Power Transistor
Description
The 20171 is a class AB, NPN, common emitter RF power transistor intended for 24 Vdc operation from 935 to 960 MHz. Rated at 25 watts minimum output power, it may be used for both CW and PEP applications. Ion implantation, nitride surface passivation and gold metallization are used to ensure excellent device reliability. 100% lot traceability is standard.

25 Watts, 935-960 MHz Class AB Characteristics Gold Metallization Silicon Nitride Passivated
Typical Output Power vs. Input Power
40
Output Power (Watts)
30
20
201 71
LOT CO DE
VCC = 24 V
10
ICQ = 150 mA f = 960 MHz
0 0 1 2 3 4 5
Input Power (Watts)
Package 20200
Maximum Ratings
Parameter
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage (collector open) Collector Current (continuous) Total Device Dissipation at Tflange = 25C Above 25C derate by Storage Temperature Range Thermal Resistance (Tflange = 70C) TSTG RJC
Symbol
VCER VCBO VEBO IC PD
Value
50 50 4.0 5.0 145 0.833 -40 to +150 1.2
Unit
Vdc Vdc Vdc Adc Watts W/C C C/W
1 9/28/98
PTB 20171
Electrical Characteristics
Characteristic
Breakdown Voltage C to E Breakdown Voltage C to E Breakdown Voltage E to B DC Current Gain (100% Tested)
e
Conditions
IB = 0 A, IC = 10 mA, RBE = 22 VBE = 0 V, IC = 10 mA IC = 0 A, IE = 5 mA VCE = 5 V, IC = 1 A
Symbol
V(BR)CER V(BR)CES V(BR)EBO hFE
Min
50 55 4 20
Typ
50 60 5 40
Max
-- -- -- --
Units
Volts Volts Volts --
RF Specifications (100% Tested)
Characteristic
Gain (VCC = 24 Vdc, Pout = 25 W, ICQ = 150 mA, f = 960 MHz) Collector Efficiency (VCC = 24 Vdc, Pout = 25 W, ICQ = 150 mA, f = 960 MHz) Load Mismatch Tolerance (VCC = 24 Vdc, Pout = 25 W, ICQ = 150 mA, f = 960 MHz--all phase angles at frequency of test)
Symbol
Gpe C
Min
-- -- --
Typ
10.0 55 --
Max
-- -- 10:1
Units
dB % --
Impedance Data
(data shown for fixed-tuned broadband circuit)
(VCC = 24 Vdc, Pout = 25 W, ICQ = 150 mA)
Z Source
Z Load
Frequency
MHz 935 947 960 R 4.25 4.11 3.97
Z Source
jX -10.09 -9.81 -9.66 R 11.92 11.66 11.34
Z Load
jX -8.34 -8.47 -8.83
Ericsson Components RF Power Products 675 Jarvis Drive Morgan Hill, CA 95037 USA Telephone: 408-778-9434
1-877-GOLDMOS (1-877-465-3667) e-mail: rfpower@ericsson.com www.ericsson.com/rfpower
Specifications subject to change without notice. LF (c) 1997 Ericsson Inc. EUS/KR 1301-PTB 20171 Uen Rev. B 09-28-98
2


▲Up To Search▲   

 
Price & Availability of PTB20171

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X