Part Number Hot Search : 
LM393 WFW18N50 F005S SCC2692 3055L MAX9713 T91SAM7 A1011
Product Description
Full Text Search
 

To Download PTB20151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 e
PTB 20151 45 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
Description
The 20151 is a class AB, NPN common emitter RF power transistor intended for 26 Vdc operation from 1.8 to 2.0 GHz. Rated at 45 watts minimum output power for PEP applications, it is specifically intended for operation as a final or driver stage in CDMA or TDMA systems. Ion implantation, nitride surface passivation and gold metallization ensure excellent device reliability. 100% lot traceability is standard.

45 Watts, 1.8-2.0 GHz Class AB Characteristics 40% Collector Efficiency at 45 W Gold Metallization Silicon Nitride Passivated
Typical Output Power vs. Input Power
70 60 50 40 30 20 10 0 0 1 2 3 4 5 6 7 8 9
Output Power (Watts)
201 51
LOT COD E
VCC = 26 V ICQ = 100 mA f = 2.0 GHz
Input Power (Watts)
Package 20223
Maximum Ratings
Parameter
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage (collector open) Collector Current (continuous) Total Device Dissipation at Tflange = 25 C Above 25C derate by Storage Temperature Range Thermal Resistance (Tflange = 70 C) TSTG RJC
Symbol
VCER VCBO VEBO IC PD
Value
50 50 4.0 7.7 200 1.2 -40 to +150 0.85
Unit
Vdc Vdc Vdc Adc Watts W/C C C/W
1 9/28/98
PTB 20151
Electrical Characteristics
Characteristic
Breakdown Voltage C to E Breakdown Voltage C to E Breakdown Voltage E to B DC Current Gain (100% Tested)
e
Conditions
VBE = 0 V, IC = 100 mA IB = 0 A, IC = 100 mA, RBE = 22 IC = 0 A, IE = 5 mA VCE = 5 V, IC = 1 A
Symbol
V(BR)CES V(BR)CER V(BR)EBO hFE
Min
50 50 4.0 20
Typ
-- -- 5.0 40
Max
-- -- -- --
Units
Volts Volts Volts --
RF Specifications (100% Tested)
Characteristic
Gain (VCC = 26 Vdc, POUT = 10 W, ICQ = 100 mA, f = 2 GHz) Power Output at 1 dB Compression (VCC = 26 Vdc, POUT = 45 W, ICQ = 100 mA, f = 2 GHz) Collector Efficiency (VCC = 26 Vdc, POUT = 45 W, ICQ = 100 mA, f = 2 GHz) Load Mismatch Tolerance (VCC = 26 Vdc, POUT = 22.5 W, ICQ = 100 mA, f = 2 GHz--all phase angles at frequency of test)
Symbol
Gpe P-1dB C
Min
8.0 45.0 40 --
Typ
9.5 -- 47 --
Max
-- -- -- 5:1
Units
dB Watts % --
Typical Performance
POUT, Gain & Efficiency (at P-1dB) vs. Frequency
Output Power & Efficiency
12 Output Power (W) 11 60 Efficiency (%) 50 40 Gain (dB) 8 7 1750 70 10 Gain (dB) 8 50 Efficiency (%) 6 4 2 Return Loss (dB) 0 1900 40 - 30 5 -15 20 -25 10
Broadband Test Fixture Performance
60
Gain
10 9
VCC = 26 V ICQ = 100 mA POUT = 45 W
VCC = 26 V ICQ = 100 mA
30 20 2050
1800
1850
1900
1950
2000
1925
1950
1975
-35 0 2000
Frequency (MHz)
Frequency (MHz)
2
5/4/98
Return Loss (dB) Efficiency (%)
Gain (dB)
e
Output Power vs. Supply Voltage
70 -32 -34
PTB 20151
Intermodulation Distortion vs. Power Output
Output Power (Watts)
65
IMD (dBc)
60 55 50 45 40 22 23 24 25 26 27
-36
VCC = 26 V
-38 -40 -42 0 10 20 30 40 50
ICQ = 100 mA f = 2.0 GHz
ICQ = 60 mA f1 = 1.999 GHz f2 = 1.998 GHz
Supply Voltage (Volts)
Output Power (Watts-PEP)
Power Gain vs. Output Power
12 11
Power Gain (dB)
10 9 8 7 6
ICQ = 100 mA ICQ = 50 mA ICQ = 25 mA
VCC = 26 V f = 2.0 GHz
0.1 1.0 10.0 100.0
Output Power (Watts)
Impedance Data
(VCC = 26 Vdc, POUT = 45 W, ICQ = 100 mA)
Z Source
Z Load
Frequency
GHz 1.75 1.80 1.85 1.90 1.95 2.00 2.05 3 R 3.15 3.10 3.50 3.70 3.90 4.10 3.75
Z Source
jX -1.7 -2.7 -3.1 -2.9 -2.7 -2.1 -1.0 R 3.3 4.1 4.3 3.3 2.6 2.4 2.3
Z Load
jX -0.8 -1.2 -1.5 -1.3 -1.1 -0.9 -0.7
5/11/98
PTB 20151
Z0 = 10
e
Test Circuit
Artwork (1 inch
)
Parts Layout (not to scale)
4
5/4/98
e
PTB 20151
* Thermally linked to RF device. Schematic for f = 2 GHz
NPN RF Transistor Microstrip 50 .1 2 GHz Microstrip 75 .065 2 GHz Microstrip 16 .095 2 GHz Microstrip 12.5 .055 2 GHz Microstrip 9.7 .055 2 GHz Microstrip 12.5 .065 2 GHz Microstrip 22 C1, C6 0.1 F 1206 Chip C2, C7 10 F, 35 V SMT Tantalum C3, C4, C8, C10 20 pF ATC-100 C5, C9 0-4 pf Johanson Trimmer Q1 PTB 20151 L1 L2, L4 L3 R1 Board 56 nh SMT Inductor 3 Turn #22, 0.25" O.D. 4 mm. SMT Ferrite 22 1206 SMT Resistor 0.031 G-200 Solid Copper Bottom, AlliedSignal
l1, l9 l2 l3 l4 l5 l6 l7
Bias Parts (not shown on layout) Q2 BCP 56 D1 BAV 99 C10, C11 0.1 pF R2 2K R3, R4 10
SMT NPN Transistor Diode SMT Capacitor Potentiometer 1206 SMT Resistor
Ericsson Components RF Power Products 675 Jarvis Drive Morgan Hill, CA 95037 USA Telephone: 408-778-9434
1-877-GOLDMOS (1-877-465-3667) e-mail: rfpower@ericsson.com www.ericsson.com/rfpower
Specifications subject to change without notice. L3 (c) 1996 Ericsson Inc. EUS/KR 1301-PTB 20151 Uen Rev. C 09-28-98
5


▲Up To Search▲   

 
Price & Availability of PTB20151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X