Part Number Hot Search : 
20M45 NVFMCZ AUSCD12H 70M6T 15161450 SBT6045 L12PFI L12PFI
Product Description
Full Text Search
 

To Download PTB20125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 e
PTB 20125 100 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
Description
The 20125 is an NPN, push-pull RF power transistor intended for 26 Vdc class AB operation from 1.8 to 2.0 GHz. Rated at 100 watts PEP minimum output power, it is specifically intended for operation as a final stage in CDMA or TDMA systems. Ion implantation, nitride surface passivation and gold metallization ensure excellent device reliability. 100% lot traceability is standard.

100 Watts, 1.8-2.0 GHz Class AB Characteristics 40% Collector Efficiency at 100 Watts Gold Metallization Silicon Nitride Passivated
Typical POUT, Gain & Efficiency (at P-1dB) vs. Frequency
11 Output Power (W) 140 120
Gain (dB)
10 9 8 7 6
VCC = 26 V ICQ = 200 mA
100 80
Output Power & Efficiency
12
2012 5
LOT COD E
Gain (dB)
60 40 Efficiency (%) 20 2050
5 1750
1800
1850
1900
1950
2000
Frequency (MHz)
Package 20225 *
Maximum Ratings
Parameter
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage (collector open) Collector Current (continuous) Total Device Dissipation at Tflange = 25C Above 25C derate by Storage Temperature Range Thermal Resistance (Tflange = 70C) TSTG RJC
Symbol
VCER VCBO VEBO IC PD
Value
55 55 4.0 14 400 2.3 -40 to +150 0.44
Unit
Vdc Vdc Vdc Adc Watts W/C C C/W
* This product not recommended or specified for CW or class A operation. Recommend two PTB 20175 for these applications.
1
5/1 9/98
PTB 20125
Electrical Characteristics
Characteristic
Breakdown Voltage C to E Breakdown Voltage E to B DC Current Gain (100% Tested)
e
Conditions
VBE = 0 V, IC = 100 mA IC = 0 A, IE = 20 mA VCE = 10 V, IC = 1.5 A
Symbol
V(BR)CES V(BR)EBO hFE
Min
55 4.0 30
Typ
-- 5.0 50
Max
-- -- 120
Units
Volts Volts --
RF Specifications (100% Tested)
Characteristic
Gain (VCC = 26 Vdc, Pout = 40 W(PEP), ICQ = 2 x 100 mA, f = 2 GHz) Collector Efficiency (VCC = 26 Vdc, Pout = 100 W, ICQ = 2 x 100 mA, f = 2 GHz) Load Mismatch Tolerance (VCC = 26 Vdc, Pout = 100 W(PEP), ICQ = 2 x 100 mA, f = 2 GHz --at all phase angles)
Symbol
Gpe
Min
7.0 40 --
Typ
8.0 45 --
Max
-- -- 5:1
Units
dB % --
C
Typical Performance
Broadband Test Fixture Performance
10 Gain (dB) 8 60 50 40 - 30 5 20 -15 -25 10 Return Loss (dB) 0 1900 1925 1950 1975 -35 0 2000
Efficiency (%)
Output Power vs. Supply Voltage
140
Output Power (Watts)
130 120 110 100 90 80 70 22 23 24 25 26 27
Gain (dB)
6 4 2
VCC = 26 V ICQ = 200 mA Pout = 50 W
Efficiency (%)
Return Loss (dB)
ICQ = 200 mA f = 2000 MHz
Frequency (MHz)
Supply Voltage (Volts)
2
e
Power Gain vs. Output Power
10 9 160
PTB 20125
Typical Output Power vs. Input Power
140 120 100 80 60 40 20 0 0 5 10 15 20 25 30
Power Gain (dB)
ICQ = 200 mA
8 ICQ = 100 mA 7 6 5 0.1 1.0 10.0 100.0 ICQ = 50 mA
Output Power (Watts)
VCC = 26 V f = 2000 MHz
Vcc = 26 V ICQ = 200 mA f = 2000 MHz
Output Power (Watts)
Input Power (Watts)
Intermodulation Distortion vs. Power Output
-30 -31 -32 -33 -34 -35 -36 -37 -38 -39 -40 10 20 30 40 50 60 70 80 90 100
IMD (dBc)
VCC = 26 V ICQ = 2 x 50 mA f1 = 1.999 GHz f2 = 1.998 GHz
Output Power (Watts-PEP)
Impedance Data
(VCC = 26 Vdc, Pout = 100 W, ICQ = 2 x 100 mA)
Z Source Z Load
Z0 = 50
Frequency
GHz 1.75 1.80 1.85 1.90 1.95 2.00 2.05 R 5.4 5.8 6.0 7.2 8.8 10.4 11.8
Z Source
jX -6.2 -7.6 -8.6 -9.2 -9.0 -7.2 -2.4 R 5.1 5.2 5.4 5.6 5.8 6.0 6.2
Z Load
jX -6.2 -5.8 -5.0 -4.0 -2.8 -2.4 -1.8 3
PTB 20125
Test Circuit
e
Q1
Block Diagram for f = 2 GHz
l1, l2, l21, l22 l3, l4 l5, l6 l7, l8, l11, l12 l9, l10 l13, l14 l15, l16 l17, l18 l19, l20
Q1
PTB 20125 NPN RF Transistor .25 2GHz Microstrip 50 .085 2GHz Microstrip 80 .067 2GHz Microstrip 20 .0217 2GHz Microstrip 11.7 .053 2GHz Microstrip 8.15 .055 2GHz Microstrip 6.7 .052 2GHz Microstrip 11.45 .060 2GHz Microstrip 16.9 .252 2GHz Microstrip 75
L1, L2 L3, L4 L5, L6 C1, C2 C3-8, C17, C18 C9, C11, C13, C15 C10, C12, C14, C16 R1, R2 T1, T2 Board
6.8 nh SMT Inductor 56 nh SMT Inductor 4 mm. SMT Ferrite 0-4 pF Johanson Piston Trimmer 33 pF (B ATC 100) .1 F 1206 10 F SMT Tantalum 22 SMT UT 70-50 0.031: G200, Solid Copper Bottom, AlliedSignal
Placement Diagram (not to scale)
4
e
PTB 20125
Artwork (1 inch
)
Ericsson Components RF Power Products 675 Jarvis Drive Morgan Hill, CA 95037 USA Telephone: 408-778-9434
1-877-GOLDMOS (1-877-465-3667) e-mail: rfpower@ericsson.com www.ericsson.com/rfpower
Specifications subject to change without notice. L3 (c) 1996 Ericsson Inc. EUS/KR 1301-PTB 20125 Uen Rev. C 09-28-98
5


▲Up To Search▲   

 
Price & Availability of PTB20125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X