Part Number Hot Search : 
1N30A 28GR15D TUSB341 1SMA7V5 587P8915 MN100 APA3010 2B100
Product Description
Full Text Search
 

To Download PST993 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
System Reset PST993, 994
System Reset
Monolithic IC PST993, 994
Outline
The function of this IC is to accurately reset systems after detecting the supply voltage at the time of switching power on and instantaneous power off in various CPU and other logic systems. Further, this IC can be offered at low cost because it is designed to be simplified allowing for the replacement from reset circuit of discrete configuration.
Features
1. Voltage detect precision 2. Low consumption current 3. Low operating threshold voltage 4. Hysteresis voltage is provided as detect voltage 5. Large output current at the time ON 6. Detect voltage rank VS5% max. ICCH=300A typ. ICCL=250A typ. 0.65V typ. 50mV typ. 15mA typ. PST993 C : 4.5V H : 3.1V D : 4.2V I : 2.9V E : 3.9V J : 2.7V F : 3.6V K : 2.5V G : 3.3V L : 2.3V (Same ranks for PST994 too)
7. Output form PST993 : Constant current load built-in PST994 : Open collector
Packages
TO-92A (PST993 , PST994 ) contains detection voltage rank.
*
Applications
1. Reset circuits for microcomputers, CPU and MPU. 2. Reset circuit for logic circuitry. 3. Level detecting circuit.
Pin Assignment
1 2 3
VCC GND VOUT
1
2
3
TO-92A
MITSUMI
System Reset PST993, 994
Equivalent Circuit Diagram
PST993 PST994
Absolute Maximum Ratings
Item Storage temperature Operating temperature Supply voltage Allowable loss
(Ta=25C) Symbol TSTG TOPR VCC Pd Ratings -40~+125 -20~+75 -0.3~10 300 Units C C V mW
Electrical Characteristics
Item
(Ta=25C) (The unit of resistance is unless otherwise indicated.) Measurement Circuit Measurement conditions PST993C PST993D PST993E PST993F PST993G RL= VCC=H L PST993H PST993I PST993J PST993K PST993L RL=, VCC=L H L RL=, Ta=-20~+75C VCC=Vs min. -0.05V, RL=1k VO=2.5V, VCC=5V, RL= VCC=Vs min. -0.05V, RL= VCC=Vs typ. /0.85V, RL= CL=100pF CL=100pF < RL=4.7k, VOL = 0.4V Min. Typ. Max. Units 4.27 4.00 3.70 3.42 3.13 2.94 2.75 2.56 2.37 2.18 30 4.5 4.2 3.9 3.6 3.3 3.1 2.9 2.7 2.5 2.3 50 0.01 0.1 -25 250 300 20 1 1 0.65 0.4 -17 400 500 4.73 4.40 4.10 3.78 3.47 3.26 3.05 2.84 2.63 2.42 100
Symbol
V
Detection Voltage
VS
1
Hysteresis Voltage Detection Voltage Temperature Coefficient Low Level Output Voltage Output Constant Current Circuit Current at ON Time Circuit Current at OFF Time "H" Transmission Delay Time "L" Transmission Delay Time Operating Threshold Voltage Output Current at ON Time 1
VS VS/ T VOL IOC ICCL ICCH tpLH tpHL VOPL IOL1
1 1 1 1 1 1 2 2 1 1
mV %/C V A A A S S V mA mA
-40
*
0.85
RL=, VO=0.4V 6 VCC=VS min. -0.05V Ta=-20~+75C, RL= 1 4 Output Current at ON Time 2 IOL2 VO=0.4V, VCC=Vs min. -0.05V Do not apply onto the OUT terminal any voltage higher than that at the VCC terminal. ( 1) The tpLH is a function of the charging time of CL by output constant current. The delay time of this IC is about 1 S.
15
*
*
MITSUMI
System Reset PST993, 994
Absolute Maximum Ratings
Item Storage temperature Operating temperature Supply voltage Allowable loss
(Ta=25C) Symbol TSTG TOPR VCC Pd Ratings -40~+125 -20~+75 -0.3~10 300 Units C C V mW
Electrical Characteristics
Item
(Ta=25C) (The unit of resistance is unless otherwise indicated.) Measurement Circuit Measurement conditions PST994C PST994D PST994E PST994F RL=1k PST994G VCC=H L PST994H PST994I PST994J PST994K PST994L RL=1k, VCC=L H L RL=1k, Ta=-20~+75C VCC=Vs min. -0.05V, RL=1k VCC=10V VCC=Vs min. -0.05V, RL= VCC=Vs typ./0.85V, RL= CL=100pF, RL=4.7k CL=100pF, RL=4.7k RL=4.7k, VOL < 0.4V = VO=0.4V VCC=Vs min. -0.05V Ta=-20~+75C VO=0.4V, VCC=Vs min.-0.05V Min. Typ. Max. Units 4.27 4.00 3.70 3.42 3.13 2.94 2.75 2.56 2.37 2.18 30 4.5 4.2 3.9 3.6 3.3 3.1 2.9 2.7 2.5 2.3 50 0.01 0.1 250 300 1 1 0.65 6 4 15 0.4 0.1 400 500 4.73 4.40 4.10 3.78 3.47 3.26 3.05 2.84 2.63 2.42 100
Symbol
Detection Voltage
Vs
1
V
Hysteresis Voltage Detection Voltage Temperature Coefficient Low Level Output Voltage Output Leakage Current Circuit Current at ON Time Circuit Current at OFF Time "H" Transmission Delay Time "L" Transmission Delay Time Operating Threshold Voltage Output Current at ON Time 1 Output Current at ON Time 2
Vs Vs/ T VOL IOH ICCL ICCH tpLH tpHL VOPL IOL1 IOL2
1 1 1 1 1 1 2 2 1 1 1
mV %/C V A A A S S V mA mA
0.85
not onto the OUT *Do The apply is a function ofterminal any voltage higher than that at the VCC terminal. ( 1) tpLH the charging time of CL by output constant current. The delay time of this IC is about 1 S.
*
MITSUMI
System Reset PST993, 994
Equivalent Circuit Diagram
* Since PST993 incorporates a constant current load, the pull-up resistance is not necessary.
Characteristics
VS vs. Ta
4300 4280 4260 4240 4220 4200 4180 4160 4140 4120 4100
VOpL vs. Ta
1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
VS (mV)
VopL (V)
-20-10 0 10 20 30 40 50 60 70
-20-10 0 10 20 30 40 50 60 70
Ta
(C)
Ta (C)
VS vs. Ta
100 90 80 70 60 50 40 30 20 10 0
VOL vs. Ta
100 90 80 70 60 50 40 30
VS (mV)
VOL (mV)
-20-10 0 10 20 30 40 50 60 70
-20-10 0 10 20 30 40 50 60 70
Ta
(C)
Ta (C)
ICCH vs. Ta
440 400 360 ICCH 320 (A) 280 240 200 160
IOC vs. Ta (PST993)
-20 -22 -24 -26 -28 -30 -32 -34 -36 -38 -40
PST993 PST994
IOC (A)
-20-10 0 10 20 30 40 50 60 70
-20-10 0
10 20 30 40 50 60 70
Ta (C)
Ta (C)


▲Up To Search▲   

 
Price & Availability of PST993

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X