Part Number Hot Search : 
TA78005 EC821 RD11U C1050 FS5AS NCP1205P 2SC5021 N7615B
Product Description
Full Text Search
 

To Download PST575 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUMI
System Reset PST575
System Reset
Monolithic IC PST575
Outline
This IC functions in a variety of CPU systems and other logic systems, to detect power supply voltage and reset the system accurately when power is turned on or interrupted. This ultra-low current consumption low reset type system reset IC has a built-in delay time generating circuit that can set the time by an external capacitor and resistor. It is ideal for use in multi-CPU systems because a fast-rising output waveform can be obtained.
Features
1. Ultra-low current consumption 2. Low operating limit voltage 3. Output current high for ON 4. Hysteresis voltage provided in detection voltage 5. Delay time can set over a wide range using external capacitor and resistor. 6. 10 ranks of detection voltage ICCH=7.5A typ. ICCL=400A typ. 0.65V typ. 30mA typ. 50mV typ. 10S~10S PST575 C : 4.5V typ. D : 4.2V typ. E : 3.9V typ. F : 3.6V typ. G : 3.3V typ.
H : 3.1V typ. I : 2.9V typ. J : 2.7V typ. K : 2.5V typ. L : 2.3V typ.
Package
MMP-4A (PST575 M) DIP-8A (PST575 ) contains detection voltage rank
*
Applications
1. Reset circuits in microcomputers, CPUs and MPUs (especially multi-CPU sets) 2. Logic circuit reset circuits. 3. Battery voltage check circuits. 4. Back-up power supply switching circuits. 5. Level detection circuits.
Pin Assignment
3 4 5 1 2 3 4 7 GND Cd VOUT VCC 1 2 1 2 3 4 VCC VOUT Cd GND
8
7
6
5
4
3
DIP-8A
MMP-4A
MITSUMI
System Reset PST575
Equivalent Circuit Diagram
Absolute Maximum Ratings
Item Storage temperature Operating temperature Power supply voltage Allowable loss
(Ta=25C) Symbol TSTG TOPR VCC max. Pd Rating -40~+125 -20~+75 -0.3~10 200 (MMP-3A) 300 (TO-92A) Units C C V mW
Electrical Characteristics
Item
(Ta=25C) (Except where noted otherwise, resistance unit is ) Measurement conditions PST575C PST575D PST575E PST575F RL=470 PST575G VOL < 0.4V = PST575H VCC=H L PST575I PST575J PST575K PST575L RL=470, VCC=L H L RL=470, Ta=-20C~+75C Min. 4.3 4.0 3.7 3.4 3.1 2.9 2.75 2.55 2.35 2.15 25 Typ. 4.5 4.2 3.9 3.6 3.3 3.1 2.90 2.70 2.50 2.30 50 0.01 Max. Units 4.7 4.4 4.1 3.8 3.5 V 3.3 3.05 2.85 2.65 2.45 100 mV %/C 0.4 V 0.1 A 650 A 12.0 A 1.75 mS 20 S 0.85 V mA mA 3.9 V
Symbol Measuring circuit
Detection voltage
VS
1
Hysteresis voltage Detection voltage temperature coefficient Low-level output voltage Output leakage current Circuit current while on Circuit current while off "H" transport delay time "L" transport delay time Operating power supply voltage Output current while on I Output current while on II Threshold voltage for delay time setting comparator (CO2)
VS VS/ T VOL IOH ICCL ICCH tpLH tpHL VopL IOL I IOL II Vtsh
1 1 1 1 1 1 2 2 1 1 1 1
VCC=Vs min.-0.05V, RL=470 0.1 VCC=7.5V VCC=Vs min.-0.05V, RL= 400 VCC=Vs typ./0.85V, RL= 7.5 Rd=100k, Cd=0.01F 1 0.75 1.25 Rd=100k, Cd=0.01F 1 6 < RL=4.7k, VOL = 0.4V 0.65 VCC=Vs min.-0.05V, RL=0 8 30 Ta=-20C~+75C, RL=0 2 5 VCC=5.0V, Rd=100k, Cd=0.01F 3.5 3.7 RL=4.7k, CL=100pF
* *
*
*1 : tpLH : VCC= (VS typ.-0.4V) *2: VCC=VS min.-0.15V
(VS typ.+0.4V), tpHL : VCC= (VS typ.+0.4V)
(VS typ.-0.4V), CL=100pF
MITSUMI
System Reset PST575
Measuring Circuit
[1]
(Example: PST575C)
[2]
Input pulse
0.8V
VS
4.9 4.1
0V
Note: Input model is an example for PST575C (MMP-4P).
Characteristics
VCC vs. VOUT
8 7 6
(Example: PST575C)
VCC vs. ICC
500 400 Ta=-20C Ta=25C
VOUT (V)
5 4 3 2 1 0 1 Ta=-25C Ta=25C Ta=75C 2 3 4 5 6 7 8
ICC 300 (A)
200 100 0 0
Ta=75C
VCC (V)
1
2
3
4
5
6
7
8
VCC (V)
VS vs. Ta
4.53 4.52 4.51
VS vs. Ta
80 70 60
VS (V)
4.50 4.49 4.48 4.47 -40 -20 0 20 40 60 80
VS 50 (mV)
40 30 20 -40 -20 0 20 40 60 80
Ta
(C)
Ta
(C)
MITSUMI
System Reset PST575
IOL vs. Ta
60 50
VOL vs. Ta
300 250
IOL (mA)
40 30 20 10 -40 -20 0 20 40 60 80
VOL (mV)
200 150 100 50 -40
-20
0
20
40
60
80
Ta (C)
Ta (C)
ICCH vs. Ta
10 9 8
ICCL vs. Ta
500
lCCH (A)
7 6 5 4 -40 -20 0 20 40 60 80
ICCL 400 (A)
300
-40
-20
0
20
40
60
80
Ta (C)
Ta (C)
Cd (Rd) vs. tpLH
10.0
7 5 3 2
tpLH vs. Ta
Rd=100k Cd=0.01F (Mylar)
1.7 1.6
1.0
Cd (F)
7 5 3 2
10 d= R
k
1.5
10 d= R
0k
70 k
tpLH 1.4 (mS)
1.3 1.2 1.1 -40 -20 0 20 40 60 80
0.1
7 5 3 2
=4 Rd
Ta (C)
1
2 34 5 7 10 2 34 5 7 100 2 3 4 5 7 1000
0.01
tpLH (mS)
Pd vs. Ta
300
200
Pd (mW)
100
0
0
25
50
75
100
125
Ta
(C)
MITSUMI
System Reset PST575
Timing Chart
7 6 5
VCC
VS
VCC/VOUT (V)
4 3 2 1 0 Variable Time VOUT
Undefined
RESET ON
OFF
Application Circuits
1. Normal hard reset
(Pin numbers are for an example of MMP-4P.)
Delay time (tPLH) ** =1.3Cd Rd+0.007 (mS) Cd : F Rd : k Note: Connect a capacitor between IC pins 1 and 2 if VCC line impedance is high.
2. Manual reset added
Note: Use RL, CL and Rm to prevent manual switch chattering. Connect a capacitor between IC pins 1 and 2 if VCC line impedance is high.
MITSUMI 3. Battery checker (LED ON for high voltage)
System Reset PST575
Note: Connect a capacitor between IC pins 1 and 2 if VCC line impedance is high.
4. Battery checker (LED ON for low voltage)
Note: Connect a capacitor between IC pins 1 and 2 if VCC line impedance is high.
5. Hysteresis voltage UP method When increasing hysteresis voltage for stable system operation, determine RH as follows and connect externally. However, ICCH is -5000PPM/C, so perform temperature compensation at RH when using over a wide temperature range. Hysteresis voltage UP amount ( Vsup) is ** Vsup = RH ICCL Total hysteresis voltage ( Vstotal) is ** Vstotal = Vs+ Vsup (Operation will be destabilized is RH is raised too much.) Note: Connect a capacitor between IC pins 1 and 2 if VCC line impedance is high.


▲Up To Search▲   

 
Price & Availability of PST575

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X