Part Number Hot Search : 
4N25SD HF50ACB 1PMT4618 HF50ACB RF2153 HF50ACB 23AC2 AD7804BR
Product Description
Full Text Search
 

To Download PDT0411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Connectorized PIN Photodiodes Technical Data
PDT0X1X
Features
* Industry Standard Connectors-FC, ST(R) and SC * 1200 nm to 1650 nm Wavelength * High Responsivity * High Reliability Planar InGaAs Photodiode * Range of Flange Options * Low Dark Current * -40C to +85C Operation
Description
The PDT range of products includes a variety of connectorized PIN photodiodes designed for wide operating temperature, low cost applications such as fiber in the loop. The planar InGaAs photodiodes are manufactured using our MOVPE growth technology and give low leakage, high responsivity performance with excellent reliability. The construction of the devices includes a hermetically sealed photodiode and is designed to be compatible with the environmental requirements of the Bellcore TA-TSY-000983 document. The product range includes a variety of pinout, connector type and flange mounting options, designed to match the majority of offerings in the marketplace. If the specific arrangement or performance you require is not listed, please contact HewlettPackard. Highly flexible design and manufacturing processes allow both physical and electrooptic customization to suit your needs.
Applications
* Optical Data Communication Receivers * O-E Convertors * LANS * FDDI Networks * Instrumentation * FITL * Single and Multimode Fiber Communications Systems
ST(R) is a Registered Trademark of AT&T.
ESD WARNING: NORMAL HANDLING PRECAUTIONS SHOULD BE TAKEN TO AVOID STATIC DISCHARGE. 504 5965-5857E (11/96)
PDT Connectorized PIN Photodiode Specifications
Absolute Maximum Ratings
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these ratings for short periods, provided each limiting parameter is in isolation and all other parameters have values within the performance specification. It should not be assumed that limiting values of more than one parameter can be applied to the product at the same time. Parameter Reverse Voltage Reverse Current Forward Voltage Forward Current Power Dissipation Operating Temperature Storage Temperature Soldering-10 seconds Symbol Vr Ir Vf If - Tc Ts - Minimum - - - - - -40 -40 - Maximum 20 12 1 5 50 85 85 260 Units V mA V mA mW C C C
Performance Specification
Test Conditions: Unless Otherwise Stated Vr = 5 V, Tc = 25C Tc = 85C Ir = 10 A 1 MHz = 1300 nm 80% points 10% to 90% PDT031X Min. Max. - 1 - 50 35 - - 0.7 1200 - 1.1 - 1650 0.25 PDT041X Min. Max. - 1 - 50 35 - - 0.7 1200 - 1.7 - 1650 0.5
Parameter Dark Current Reverse Breakdown Voltage Capacitance Responsivity Operating Wavelength Rise/Fall Times
Symbol Id Vbr C R r/f
Units nA nA V pF A/W nm nS
505
PDT Mechanical Outline Options
PDT0X1X-FC-A
C N P R
SLOT
D F E
G
H
A
Q
L M
J B
DIMENSION MIN. MAX. DIMENSION MIN. MAX. A B C D E F G H - 19.5 - 9.5 - 15 - 9.1 12.0 - 0.41 0.47 M8 X 0.75 13.35 13.55 J L M N P Q R 2.08 2.32 - 1.65 - 2.2 - 6.8 - 8.2 2.54 NOM. - 4.2
ALL DIMENSIONS IN mm.
PDT0X1X-SC-A Plastic Housing
A G F E H D
B
L
N
K
J
I
C
M
DIMENSION MIN. MAX. DIMENSION MIN. MAX. A B C D E F G - - - - - - - 9.5 23.0 13.5 12.5 3.1 2.4 3.9 H I J K L M N 12.0 - 0.41 0.47 6.9 7.0 - 8.6 2.54 NOM. 2.2 2.4 17.5 18.5
ALL DIMENSIONS IN mm.
506
PDT Mechanical Outline Options
PDT1X4X-ST-F
E L H R G C Q
SLOT
D
F
K
N J
B A M
P
DIMENSION MIN. MAX. DIMENSION MIN. MAX. A B C D E F G H - 21.0 1.8 2.2 - 9.8 - 12.9 - 9.7 9.43 9.63 3/8-32 UNEF-2A 2-56 UNC-2B J K L M N P Q R 12.0 - 0.41 0.47 - 7.0 - 22.5 2.54 NOM. 14.9 15.3 2.54 NOM. 0.50 NOM.
ALL DIMENSIONS IN mm.
PDT Electrical Pinouts
PDT0X11 SLOT PDT0X12 SLOT PDT0X16 SLOT PDT0X17 SLOT
2 1 3 123 1
2 3 1
2 3
PIN 1: CATHODE +VE PIN 2: ANODE -VE PIN 3: TO CASE 2 1
PIN 1: ANODE -VE PIN 2: CATHODE +VE PIN 3: TO CASE 1 2
PIN 1: CATHODE +VE PIN 2: TO CASE PIN 3: ANODE -VE 3 1
PIN 1: ANODE -VE PIN 2: CATHODE +VE PIN 3: TO CASE 1 2
507
Ordering Information
PDT0X1X-XX-X Flange Type: A = 2 hole panel mount F = 2 hole PCB mount, threaded Connector Type: FP ST(R) SC Pin Out: Options shown on page 4 Photodiode Diameter: 3 = 50 m 4 = 90 m Preferred Options: PDT0311-FC-A PDT0312-FC-A PDT0411-FC-A PDT0411-ST-F PDT0412-FC-A PDT0412-ST-F PDT0417-FC-A Additional copies are available to meet your specific needs. Please contact your local representative for details.
Handling Precautions
1. The PDT0X1X can be damaged by current surges of overvoltage. Power supply transient precautions should be taken. 2. Normal handling precautions for electrostatic sensitive devices should be taken.
ST(R) is a Registered Trademark of AT&T.
508


▲Up To Search▲   

 
Price & Availability of PDT0411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X