Part Number Hot Search : 
SM645 FST6360M OPB821XV M5324 KBJ10K PN268NC 09081 SSM6K
Product Description
Full Text Search
 

To Download NTE616 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE616 Varactor Diode
Description: The NTE616 is a silicon varactor diode used in VHF electronics tuners. This device is available as matched sets of four in standard DO35 cases. Absolute Maximum Ratings: Reverse Voltage, VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Power Dissipation (TA = +60C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150mW Electrical Characteristics: (TA = 25C) Parameter Reverse Current Capacitance Effect Ratio Series Resistance Change of Capacitance Symbol IR C Cx/Cy rs C/C Test Conditions VR = 28V VR = 25V (Cx = C3; Cy = C25) VR = 3V to 25V VR = 3V to 25V .200 (5.08) Max Min - 2.0 5 - - Typ - - - - - Max 0.01 2.3 6 0.8 3 Unit A pF - %
1.000 (25.4) Min
.022 (.509) Dia Max
.090 (2.28) Dia Max Color Band Denotes Cathode


▲Up To Search▲   

 
Price & Availability of NTE616

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X