|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NTE6129 Silicon Power Rectifier Diode, 700 Amp Features: D High Power, Fast Recovery Time D High Current Capability D Low Forward Recovery Applications: D Snubber Diode for GTO D High Voltage Free-Wheeling Diode D Fast Recovery Rectifier Applications Ratings and Characteristics: Average Forward Current (TC = +55C Max), IF(AV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700A Maximum Repetitive Peak Reverse Voltage, VRRM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1600V Maximum Non-Repetitive Peak Reverse Voltage, VRSM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1700V Maximum Reverse Current (TJ = +150C), IRRM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Maximum Forward Surge Current, IFSM 50Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9300A 60Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9730A Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Thermal Resistance, Junction-to-Case (DC Operation, single side cooled), RthJC . . . . 0.092C/W Thermal Resistance, Case-to-Sink (DC Operation, double side cooled), RthCS . . . . . . . 0.46C/W Maximum Mounting Force (10%), F . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9800 (1000) N (Kg) Electrical Specifications: Parameter Maximum Average Forward Current Symbol IF (AV) Test Conditions 180 Double side cooled, TC = +55C condition, Half sine Single side cooled, T = +85C C wave @ +25C heatsink temperature double side cooled t = 10ms t = 8.3ms t = 10ms t = 8.3ms Half sinewave current, rated VRRM reapplied, initial TJ = +150C Half sinewave current, no voltage reapplied, initial TJ = +150C Rating 700 365 1320 7820 8190 9300 7820 Unit A A A A A A A Maximum RMS Forward Current Maximum Peak One-Cycle Non-Repetitive Surge Current IF(RMS) IFSM Electrical Specifications (Cont'd): Parameter Maximum I2t for Fusing Symbol I2t t = 10ms t = 8.3ms t = 10ms t = 8.3ms Maximum I2pt Maximum Peak Forward Voltage I2pt VFM Test Conditions Rated VRRM reapplied, initial TJ = +150C No voltage reapplied, initial TJ = +150C Rating 306 279 432 395 4320 2.2 Unit A2s A2s A2s A2s A2pt V t = 0.1 to 10ms, no voltage reapplied TJ = +150C, Ipk = 1500A, tp = 10ms Recovery Characteristics: TJ = +25C typical trr @ 25% IRRM 2.0s Test Conditions Ipk Square Pulse 1000A di/dt 50A/a Vr -50V Max Values @ TJ = +150C trr @ 25% IRRM 3.5s Qrr 240C Trr 110A 1.045 (26.54) 2.290 (58.16) Dia Max .040 (1.01) .040 (1.01) 1.338 (33.98) 1.338 2.060 (33.98) (52.32) Cathode Marking .140 (3.55) Dia x .083 (2.1) Deep (Both Sides) |
Price & Availability of NTE6129 |