Part Number Hot Search : 
SC490 LB8659FN DTD123Y B45196 1S1588 1N2232 KBJ2010 AM3472N
Product Description
Full Text Search
 

To Download NTE5000A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE5000A thru NTE5060A Zener Diode, 1/2 Watt 5% Tolerance
Features: D Zener Voltage 2.4 to 200V D DO35 Package Maximum Ratings: Operating Junction Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C DC Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW Derate Above 75C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0mW/C Forward Voltage (IF = 200mA), VF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1V Electrical Characteristics: (TC = +25C, unless otherwise specified)
Nominal Zener Voltage Vz @ Izt (Note 1) Volts NTE5000A NTE5001A NTE5002A NTE5003A NTE5004A NTE5005A NTE5006A NTE5007A NTE5008A NTE5009A NTE5010A NTE5011A 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 Zener Test Current (Izt) mA 20 20 20 20 20 20 20 20 20 20 20 20 Maximum Dynamic Impedance Zzt @ Izt Ohms 30 30 30 30 29 28 24 23 22 19 17 11 Zzk @ 0.25mA (Izk) Ohms 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 Typical Temperature Coefficient (Note 2) vz %/C -0.085 -0.085 -0.080 -0.080 -0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 Maximum Leakage Current IR @ VR A 100 100 75 75 50 25 15 10 5 5 5 5 Volts 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0
NTE Type Number
Electrical Characteristics (Cont'd): (TC = +25C, unless otherwise specified)
Nominal Zener Voltage Vz @ Izt (Note 1) Volts NTE5012A NTE5013A NTE5014A NTE5015A NTE5016A NTE5017A NTE5018A NTE5019A NTE5020A NTE5021A NTE5022A NTE5023A NTE5024A NTE5025A NTE5026A NTE5027A NTE5028A NTE5029A NTE5030A NTE5031A NTE5032A NTE5033A NTE5034A NTE5035A NTE5036A NTE5037A NTE5038A NTE5039A NTE5040A 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 Zener Test Current (Izt) mA 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 Maximum Dynamic Impedance Zzt @ Izt Ohms 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 Zzk @ 0.25mA (Izk) Ohms 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 Typical Temperature Coefficient (Note 2) vz %/C +0.038 0.045 0.050 0.058 0.062 0.065 0.068 0.075 0.076 0.077 0.079 0.082 0.082 0.083 0.084 0.085 0.086 0.086 0.087 0.088 0.089 0.090 0.091 0.091 0.092 0.093 0.094 0.095 0.095 Maximum Leakage Current IR @ VR A 5 5 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 Volts 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36
NTE Type Number
Electrical Characteristics (Cont'd): (TC = +25C, unless otherwise specified)
Nominal Zener Voltage Vz @ Izt (Note 1) Volts NTE5041A NTE5042A NTE5043A NTE5044A NTE5045A NTE5046A NTE5047A NTE5048A NTE5049A NTE5050A NTE5051A NTE5052A NTE5053A NTE5054A NTE5055A NTE5056A NTE5057A NTE5058A NTE5059A NTE5060A 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200 Zener Test Current (Izt) mA 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4 1.3 1.1 1.0 0.95 0.90 0.85 0.80 0.74 0.68 0.66 0.65 Maximum Dynamic Impedance Zzt @ Izt Ohms 125 150 170 185 230 270 330 370 400 500 750 900 1100 1300 1500 1700 1900 2200 2400 2500 Zzk @ 0.25mA (Izk) Ohms 1100 1300 1400 1400 1600 1700 2000 2200 2300 2600 3000 4000 4500 4500 5000 5500 5500 6000 6500 7000 Typical Temperature Coefficient (Note 2) vz %/C 0.096 0.096 0.097 0.097 0.097 0.098 0.098 0.099 0.099 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 Maximum Leakage Current IR @ VR A 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 Volts 39 43 46 47 52 56 62 68 69 76 84 91 00 106 114 122 129 137 144 152
NTE Type Number
Note 1. The electrical characteristics are measured after allowing the device to stabilize for 90 seconds with +30C lead temperature. Note 2. Test conditions for temperature coefficient are as follows: a.Izt = 7.5mA, T1 = +25C, T2 = +125C (NTE5000A thru NTE5021A) b.Izt = Rated Izt, T1 = +25C, T2 = +125C (NTE5022A thru NTE5060A) Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient temperature.
1.000 (25.4) Min .200 (5.08) Max
.022 (.509) Dia Max Color Band Denotes Cathode
.090 (2.28) Dia Max


▲Up To Search▲   

 
Price & Availability of NTE5000A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X