Part Number Hot Search : 
2N3498 2UK40 MI2060C ICX454 LBA710S S0370 LC2272 UNR92A7J
Product Description
Full Text Search
 

To Download NTE31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE31 (NPN) & NTE32 (PNP) Silicon Complementary Transistors TV Sound Output, TV Vertical Output, AF Driver Output
Features: D High Voltage: VCEO = 160V D High Continuous Collector Current Capability Applications: D Vertical Deflection Output & Sound Output Applications for Line Operated TV Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA Collector Power Dissipation, PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 900mW Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector-Emitter Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Voltage Transition Frequency NTE31 NTE32 Collector Output Capacitance NTE31 NTE32 Cob VCB = 10V, IE = 0, f = 1MHz Symbol Test Conditions Min 160 - - 100 - 0.45 20 15 - - Typ - - - - - - 100 50 - - Max - 1.0 1.0 200 1.5 0.75 - - 20 35 V V MHz MHz pF pF Unit V A A V(BR)CEO IC = 10mA, IB = 0 ICBO IEBO hFE VCE(sat) VBE fT VCB = 150V, IE = 0 VEB = 6V, IC = 0 VCE = 5V, IC = 200mA IC = 500mA, IB = 50mA VCE = 5V, IC = 5mA VCE = 5V, IC = 200mA
.339 (8.62) Max Seating Plane
.512 (13.0) Min
.026 (.66) Dia Max
ECB .100 (2.54)
.200 (5.08) Max
.240 (6.09) Max


▲Up To Search▲   

 
Price & Availability of NTE31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X