Part Number Hot Search : 
DA103M RT3N66U 2N4859 TC144E IPG20 MP2158 KA78R09 D4602
Product Description
Full Text Search
 

To Download NTE313 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE313 Silicon NPN Transistor High Gain, Low Noise, VHF Mixer and VHF/RF Amp
Description: The NTE 313 is a silicon NPN transistor specifically designed for VHF mixer and VHF/RF amplifier applications. This device features high power gain, low noise, and excellent forward AGC characteristics. Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA Total Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150mW Maximum Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -60 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current DC Current Gain Current-Gain Bandwidth Product Output Capacitance Noise Figure Power Gain AGC Current Symbol ICBO hFE fT Cob NF PG IAGC Test Conditions VCB = 20V, IE = 0 VCE = 10V, IC = 2mA VCE = 10V, IE = -2mA VCB = 10V, IE = 0, f = 1MHz IE = -2mA, f = 200MHz IE = -2mA, f = 200MHz PG = -30dB Min - 20 400 - - 20 - Typ - 60 530 0.5 2.5 23 -9 Max 0.2 200 - 1.0 3.3 - -11 MHz pF dB dB mA Unit A
.157 (4.0)
Base
Emitter
Collector
.026 (0.66) .079 (2.02) Max .008 (0.20)
.150 (3.81) Dia Max


▲Up To Search▲   

 
Price & Availability of NTE313

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X