Part Number Hot Search : 
SK52B1 DZD13 T5551 4202BD L7805ML 3DD100A 300BZ L7805ML
Product Description
Full Text Search
 

To Download NTE311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE311 Silicon NPN Transistor Frequency Multiplier, Driver, VHF/UHF
Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Collectore-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400mA Total Device Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28.6mW/C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Breakdown Voltage Collector-Emitter Sustaining Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current VCER(sus) IC = 5mA, RBE = 10 VCEO(sus) IC = 5mA, IB = 0 V(BR)EBO ICEO ICEX Emitter Cutoff Current ON Characteristics DC Current Gain Collector-Emitter Saturation Voltage Small-Signal Characteristics Current-Gain Bandwidth Product Output Capacitance Functional Test Amplifier Power Gain Collector Efficiency Gpe h VCC = 28V, POUT = 1W, f = 400MHz VCC = 20V, POUT = 1W, f = 400MHz 10 45 - - - - dB % fT Cobo IC = 50mA, VCE = 15V, f = 200MHz VCB = 28V, IE = 0, f = 1MHz 800 - - - - 3.0 MHz pF hFE VCE(sat) IC = 50mA, VCE = 5V IC = 100mA, IB = 20mAQ 25 - - - 200 1.0 - V IEBO IF = 100A, IC = 0 VCE = 28V, IB = 0 VCE = 30V, VBE = -1.5V, TC = +200C VCE = 55V, VBE = -1.5V VBE = 3.5V, IC = 0 55 30 3.5 -- - - - - - - - - - - - - - 0.02 5.0 0.1 0.1 V V V mA mA mA mA Symbol Test Conditions Min Typ Max Unit
.370 (9.39) Dia Max
.355 (9.03) Dia Max
.260 (6.6) Max
.500 (12.7) Min
.018 (0.45)
Base Emitter Collector/Case
45
.031 (.793)


▲Up To Search▲   

 
Price & Availability of NTE311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X