|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NTE3115, NTE3116, NTE3117 Bar Graph Display Description: The NTE3115 (High-Efficiency Red), NTE3116 (High Efficiency Green), and NTE3117 (Yellow) are 10-segment bar graph displays with separate anodes and cathodes for each light segment. The packages are end stackable. Features: D Large Segments, Closely Spaced D End Stackable D Fast Switching, Excellent for Multiplexing D Low Power Consumption D D D D Directly Compatible with IC's Wide Viewing Angle Standard .300" DIP Lead Spacing Categorized for Luminous Intensity (Note 1) Absolute Maximum Ratings: Power Dissipation (TA = +25C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 750mW Derate Linearly from 50C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -14.3mW/C Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +85C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +85C Continuous Forward Current Total NTE3115, NTE3116 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA NTE3117 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA Per Segment NTE3115, NTE3116 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA NTE3117 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA Reverse Voltage, Per Segment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Lead Temperature (During Soldering, 5sec max, Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260C Typical Thermal Characteristics: Thermal Resistance, Junction-to-Free-Air, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160C/W Wavelength Temperature Coefficient (Case Temperature) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0A/C Forward Voltage Temperature Coefficient NTE3115 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0mV/C NTE3116 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.4mV/C NTE3117 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.5mV/C Note 1. The average Luminous Intensity is obtained by summing the Luminous Intensity of each segment and dividing by the total number of segments. The standard of measurement is the Photo Research Corp. "Spectra" Microcandela Meter (Model IV-D) corrected for wavelength. Intensity will not vary more than 33.3% between all segments within a unit. Note 2. Leads immersed to 1/16" (1.6mm) from the body of the device. Maximum unit surface temperature is +140C. For flux removal, Freon TF, Freon TE, isoproponal or water may be used up to their boiling points. Electro-Optical Characteristics: (TA = +25C unless otherwise specified) Parameter Forward Voltage NTE3115, NTE3117 NTE3116 Luminous Intensity (Unit Average) Pulsed Luminous Intensity (NTE3116 Only) Peak Emission Wavelength NTE3115 NTE3116 NTE3117 Spectral Line Half Width NTE3115, NTE3117 NTE3116 Dynamic Resistance, Segment NTE3115, NTE3117 NTE3116 Capacitance NTE3115, NTE3117 NTE3116 Switching Time Reverse Voltage IF = 10mA IR = 100A V = 0, f = 1MHz IF = 20mA IF = 10mA, Note 1 IF = 60mA peak, 1:6 DF Test Conditions IF = 10mA Min Typ Max Unit - - 510 710 - - - - - - - - - - 6.0 2.0 2.2 - - 630 562 585 40 30 26 12 35 40 500 - 2.5 3.0 - - - - - - - - - - - - - V V cd cd nm nm nm nm nm pF pF ns V Note 1. The average Luminous Intensity is obtained by summing the Luminous Intensity of each segment and dividing by the total number of segments. The standard of measurement is the Photo Research Corp. "Spectra" Microcandela Meter (Model IV-D) corrected for wavelength. Intensity will not vary more than 33.3% between all segments within a unit. No. 1 Pin Index 1.000 (25.4) .380 (9.65) .320 (8.12) Pin 1 2 3 4 5 6 7 8 9 10 Output Pin D1 Anode 11 D2 Anode 12 D3 Anode 13 D4 Anode 14 D5 Anode 15 D6 Anode 16 D7 Anode 17 D8 Anode 18 D9 Anode 19 D10 Anode 20 Output D10 Cathode D9 Cathode D8 Cathode D7 Cathode D6 Cathode D5 Cathode D4 Cathode D3 Cathode D2 Cathode D1 Cathode .150 (3.81) .100 (2.54) .300 (7.62) |
Price & Availability of NTE3115 |