Part Number Hot Search : 
NTE928SM B1116 1205S HLM358S 030PAAA 170M6547 B1116 74HC65
Product Description
Full Text Search
 

To Download NTE3102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE3102 Photon Coupled Interrupter Module NPN Transistor
Description: The NTE3102 Interrupter Module is a gallium arsenide infrared emitting diode coupled to a silicon phototransistor in a plastic housing. The packaging system is designed to optimize the mechanical resolution, coupling efficiency, ambient light rejection, cost, and reliability. The gap in the housing provides a means of interrupting the signal with an opaque material, switching the output from an "ON" into an "OFF" state. Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Total Device Operating Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +100C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +100C Lead Temperature (During Soldering, 5sec Max), TL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260C Infrared Emitting Diode Forward Current, IF Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60mA Peak (Pulse Width 1s, PRR 300pps) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3A Reverse Voltage, VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Power Dissipation, PE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.33mW/C Phototransistor Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150mW Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0mW/C Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55V Emitter-Collector Voltage, VECO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Electrical Characteristics: (TA = +25C, Note 1 unless otherwise specified)
Parameter Emitter Reverse Breakdown Voltage Forward Voltage Reverse Current Capacitance V(BR)R VF IR Ci IR = 10A IF = 60mA VR = 5V V = 0, f = 1MHz 6 - - - - - - 30 - 1.7 100 - V V nA pF Symbol Test Conditions Min Typ Max Unit
Note 1. Stray irradiation can alter values of characteristics. Adequate shielding should be provided.
Electrical Characteristics (Cont'd): (TA = +25C, Note 1 unless otherwise specified)
Parameter Detector Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector Dark Current Capacitance Coupled Photodiode Current ICE(on) VCE = 5V, IF = 5mA VCE = 5V, IF = 20mA VCE = 5V, IF = 30mA Collector-Emitter Saturation Voltage Turn-On Time Turn-Off Time VCE(sat) ton toff IC = 1.8mA, IF = 30mA VCC = 5V, IF = 30mA, RL = 2.5k 0.15 1.0 1.9 - - - - - - - 8 50 - - - 0.4 - - mA mA mA V s s V(BR)CEO IC = 1mA V(BR)ECO IE = 100A ICEO Cce VCE = 45V VCE = 5V, f = 1MHz 55 6 - - - - - 3.3 - - 100 5.0 V V nA pF Symbol Test Conditions Min Typ Max Unit
Note 1. Stray irradiation can alter values of characteristics. Adequate shielding should be provided.
.124 (3.15
+
E
D
+
D - Detector E - Emitter .246 (6.25)
.136 (3.54) Min Sensing Area .303 (7.69) Min
.433 (11.0) Max
.315 (8.0) Min
Seating Plane
.295 (7.49) Max
.110 (2.79) Max


▲Up To Search▲   

 
Price & Availability of NTE3102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X