Part Number Hot Search : 
15U10 M4001 MP8676 CAT25 D30N06 6711MMQ EGP30J CO601A18
Product Description
Full Text Search
 

To Download NTE29 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE29 (NPN) & NTE30 (PNP) Silicon Complementary Transistors High Power, High Current Switch
Description: The NTE29 (NPN) and NTE30 (PNP) are compelmentary power transistors in a TO3 type case designed for use in high power amplifier and switching circuit applications. Features: D High Current Capability: IC = 50A (Continuous) D DC Current Gain: hFE= 15 to 60 @ IC = 25A D Low Collector-Emitter Saturation Voltage: VCE(sat) = 1V Max @ IC = 25A Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Collector-Base Voltage, VCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15A Total Device Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.715W/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.584C/W Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Sustaining Voltage Collector Cutoff Current VCEO(sus) IC = 0.2A, IB = 0, Note 1 ICEO ICEX VCE = 40V, IB = 0 VCE = 80V, VEB(off) = 1.5V VCE = 80V, VEB(off) = 1.5V, TC = +150C ICBO Emitter Cutoff Current IEBO VCB = 80V, IE = 0 VBE = 5V, IC = 0 80 - - - - - - - - - - - - 1 2 10 2 5 V mA mA mA mA mA Symbol Test Conditions Min Typ Max Unit
Electrical Characteristics (Cont'd): (TC = +25C unless otherwise specified)
Parameter ON Characteristics (Note 1) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter ON Voltage Dynamic Characteristics Current Gain-Bandwidth Product Output Capacitance Small-Signal Current Gain fT Cob hfe IC = 5A, VCE = 10V, f = 1MHz VCB = 10V, IE = 0, f = 0.1MHz IC = 10A, VCE = 5V, f = 1kHz 2 - 15 - - - - 1200 - MHz pF hFE VCE(sat) VBE(sat) VBE(on) IC = 25A, VCE = 2V IC = 50A, VCE = 5V IC = 25A, IB = 2.5A IC = 50A, IB = 10A IC = 25A, IB = 2.5A IC = 25A, VCE = 2V 15 5 - - - - - - - - - - 60 - 1 5 2 2 V V V V Symbol Test Conditions Min Typ Max Unit
Note 1. Pulse Test: Pulse Width 300s, Duty Cycle 2%.
.135 (3.45) Max .350 (8.89) .875 (22.2) Dia Max Seating Plane
.312 (7.93) Min Emitter .215 (5.45)
.040 (1.02) 1.187 (30.16) .665 (16.9) .156 (3.96) Dia (2 Holes)
.430 (10.92)
.188 (4.8) R Max
Base
.525 (13.35) R Max Collector/Case


▲Up To Search▲   

 
Price & Availability of NTE29

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X