Part Number Hot Search : 
ACA1206 Q4840 ACA1206 Q4840 SC631 BA1407 T74FCT NPH15S
Product Description
Full Text Search
 

To Download NTE299 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE299 Silicon NPN Transistor RF Power Amp, Driver
Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Power Dissipation (TC = +25C), PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4W Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125C Storage Temperatur Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25C/W Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current DC Current Gain Power Output Symbol Test Conditions Min 75 35 4 - 10 1.2 Typ - - - - 70 1.4 Max Unit - - - 10 300 - W V V V A V(BR)CBO IC = 1mA, IE = 0 V(BR)CEO IC = 10mA, RBE = V(BR)EBO IE = 1mA, IC = 0 ICBO hFE PO VCB = 30V, IE = 0 VCE = 10V, IC = 0.1A VCC = 12V, f = 27MHz, PIN = 75mW, IC < 166mA
.380 (9.56) C .500 (12.7) 1.200 (30.48) Ref .300 (7.62) .180 (4.57) .132 (3.35) Dia
.325 (9.52)
.070 (1.78) x 45 Chamf .050 (1.27)
.400 (10.16) Min C B E
.100 (2.54)
.100 (2.54)


▲Up To Search▲   

 
Price & Availability of NTE299

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X