Part Number Hot Search : 
4040D 040AS IS25C 1H221 TLC4066 2C508 DDZX9711 154MS
Product Description
Full Text Search
 

To Download NTE2985 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2985 Logic Level MOSFET N-Channel, Enhancement Mode High Speed Switch
Features: D Dynamic dv/dt Rating D Logic Level Gate Drive D RDS(on) Specified at VGS = 4V & 5V D +175C Operating Temperature D Fast Switching D Ease of Paralleling D Simple Drive Requirements Absolute Maximum Ratings: Drain Current, ID Continuous (VGS = 5V) TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30A TC = +100C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21A Pulsed (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110A Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.59W/C Gate-Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V Single Pulsed Avalanche Energy (Note 2), EAS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220mJ Peak Diode Recovery dv/dt (Note 3), dv/dt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V/ns Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +175C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +175C Maximum Lead Temperature (During Soldering, 1.6mm from case, 10sec), TL . . . . . . . . . . +300C Mounting Torque, 6-32 or M3 Screw . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 lbf*in (1.1 N*m) Thermal Resistance: Maximum Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.7K/W Typical Case-to-Sink (Mounting surface flat, smooth, and greased), RthCS . . . . . . . 0.5K/W Maximum Junction-to-Ambient (Free Air Operation), RthJA . . . . . . . . . . . . . . . . . . . . . 62K/W Note 1. Repetitive Rating: Pulse width limited by maximum junction temperature. Note 2. L = 285H, VDD = 25V, RG = 25, Starting TJ = +175C, IAS = 30A. Note 3. ISD 30A, di/dt 200A/s, VDD V(BR)DSS, TJ +175C.
Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Static Drain-Source ON Resistance Symbol BVDSS Test Conditions VGS = 0V, ID = 250A Min 60 Typ - 0.07 - - - - - - - - - - - 14 170 30 56 4.5 7.5 1600 660 170 Max - Unit V
V(BR)DSS/ Reference to +25C, ID = 1mA TJ RDS(on) VGS(th) gfs IDSS IGSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss IS ISM VSD trr Qrr ton (Body Diode) (Body Diode) Note 1 TJ = +25C, IS = 30A, VGS = 0V, Note 4 TJ = +25C, IF = 30A, di/dt = 100A/s, Note 4 Between lead, 6mm (0.25") from package and center of die contact VGS = 0V, VDS = 25V, f = 1MHz VDD = 30V, ID = 30A, RG = 6.0, RD = 1.0 VGS = 5V, ID = 18A, Note 4 VGS = 4V, ID = 15A, Note 4 VDS = VGS, ID = 250A VDS 25V, ID = 18A, Note 4 VDS = 60V, VGS = 0 VDS = 48V, VGS = 0V, , TC = +150C VGS = 10V VGS = -10V VGS = 5V, ID = 30A, VDS = 48V
-
- - 1.0 12 - - - - - - - - - - - - - - - -
-
0.05 0.07 2.0 - 25 250 100 -100 35 7.1 25 - - - - - - - - -
V/C
V mhos A A nA nA nC nC nC ns ns ns ns nH nH pF pF pF
Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current
Gate-Source Leakage Forward Gate-Source Leakage Reverse Total Gate Charge Gate-Source Charge Gate-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Source-Drain Diode Ratings and Characteristics Continuous Source Current Pulse Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time - - - - - - - - 120 0.7 30 110 1.6 180 1.3 A A V ns C
Intrinsic turn-on time is neglegible (turn-on is dominated by LS + LD)
Note 1. Repetitive Rating: Pulse width limited by maximum junction temperature. Note 4. Pulse Test: Pulse Width 300s, Duty Cycle 2%.
.420 (10.67) Max
.110 (2.79)
.147 (3.75) Dia Max
.500 (12.7) Max
.250 (6.35) Max .500 (12.7) Min .070 (1.78) Max
Gate .100 (2.54)
Source Drain/Tab


▲Up To Search▲   

 
Price & Availability of NTE2985

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X