Part Number Hot Search : 
DU2880U LT1397CS DP126 01118 LN524OKS MBR16100 08140 CXOMKHG
Product Description
Full Text Search
 

To Download NTE2976 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2976 MOSFET N-Channel, Enhancement Mode High Speed Switch
Features: D Low Input Capacitance D Low Static RDS(on) D Fast Switching Time D Guaranteed Avalanche Resistance Applications: D Switching Power Supply of AC 240V Input D High Voltage Power Supply D Inverter Absolute Maximum Ratings: (TC = +25C unless otherwise specified) Drain-Source Voltage, VDSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700V Gate-Source Voltage, VGSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Drain Current, ID Continuous DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6A Peak (Pulse Width 10s, Duty Cycle 1/100) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18A Continuous DC Source Current, IS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6A Total Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50W Repetitive Avalanche Current (Tch = +150C), IAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6A Single Avalanche Energy (Tch = +25C), EAS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 190mJ Repetitive Avalanche Energy (Tch = +25C), EAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19mJ Operating Channel Temperature, Tch . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5C/W Dielectric Strength (Terminals-to-Case, AC, 1 minute), Vdis . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV Mounting Torque, TOR Maximum . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5N*m Recommended . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3N*m
Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Source Leakage Current Forward Transconductance Static Drain-Source On-State Resistance Gate Threshold Voltage Source-Drain Diode Forward Voltage Total Gate Charge Input Capacitance Reverse Transfer Capacitance Output Capacitance Turn-On Time Turn-Off Time Symbol Test Conditions Min 700 - - 3 - 2.5 - - - - - ID = 3A, RL = 50, VGS = 10V - - Typ - - - 5 1.5 3.0 - 35 1250 250 530 60 160 Max - 250 0.1 - 2.0 3.5 1.5 - - - - 110 250 Unit V A A S V V nC pF pF pF ns ns V(BR)DSS ID = 1mA, VGS = 0V IDSS IGSS gfs RDS(on) VTH VSD Qg Ciss Crss Coss ton toff VDS = 700V, VGS = 0V VGS = 30V, VDS = 0V ID = 3A, VDS = 10V ID = 3A, VGS = 10V ID = 1mA, VDS = 10V IS = 3A, VGS = 0V VDD = 400V, VGS = 10V, ID = 6A VDS = 10V, VGS = 0V, f = 1MHz
.402 (10.2) Max .224 (5.7) Max .122 (3.1) Dia .295 (7.5) .669 (17.0) Max .165 (4.2)
.173 (4.4) Max .114 (2.9) Max
G
D
S
.531 (13.5) Min
.100 (2.54)
.059 (1.5) Max


▲Up To Search▲   

 
Price & Availability of NTE2976

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X