Part Number Hot Search : 
MTM20P08 SG3501AJ LX1562IM SR303 2040CT MAN3R10 PBYR2045 D3799CY
Product Description
Full Text Search
 

To Download NTE2975 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2975 MOSFET N-Channel, Enhancement Mode High Speed Switch
Features: D Advanced Process Technology D Ultra Low On-State Resistance D Dynamic dv/dt Rating D +175C Operating Temperature D Fast Switching D Fully Avalanche Rated Absolute Maximum Ratings: Drain Current, ID Continuous (VGS = 10V) TC = +25C (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53A TC = +100C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37A Pulse (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180A Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107W Derate above +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.71W/C Gate-Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V Avalanche Current (Note 2), IAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28A Repetitive Avalanche Energy (Note 2), EAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11mJ Single Pulse Avalanche Energy (Note 3, Note 4), EAS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152mJ Peak Diode Recovery (Note 5), dv/dt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0V/ns Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +175C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +175C Lead Temperature (During Soldering, 1.6mm from case, 10sec max), TL . . . . . . . . . . . . . . . +300C Maximum Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.4C/W Typical Thermal Resistance, Case-to-Sink (Flat, greased surface), RthCS . . . . . . . . . . . . . 0.5C/W Maximum Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . 62C/W Note 1. Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 39A. Note 2. Repetitive rating; pulse width limited by maximum junction temperature. Note 3. Starting TJ = +25C, L = 389H, RG = 25, IAS = 28A. Note 4. This is a calculated value limited to TJ = +175C. Note 5. ISD 28A, di/dt 220A/s, VDD V(BR)DSS, TJ +175C
Electrical Characteristics: (TJ = +25C unless otherwise specified)
Parameter Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-Source Leakage Current Symbol V(BR)DSS TJ RDS(on) VGS(th) gfs IDSS IGSS QG QGS QGD td(on) tr td(off) tf LD LS Ciss Coss Crss IS ISM VF(S-D) trr Qrr ton Note 2 TJ = +25C, IS = 28A, VGS = 0, Note 6 TJ = +25C, IF = 28A, di/dt = 100A/s, Note 6 Between lead, .250 (6mm) from package and center of die contact VDS = 25V, VGS = 0, f = 1MHz VGS = 10V, VDD = 28V, ID = 28A, RG = 12 Test Conditions VGS = 0V, ID = 250A Min 55 - - 2.0 19 - - - - - - - - - - - - - - - - Typ - 0.057 - - - - - - - - - - 14 76 52 57 4.5 7.5 1696 407 110 Max - - 16.5 4.0 - 25 250 100 -100 72 11 26 - - - - - - - - - Unit V V/C m V S A A nA nA nC nC nC ns ns ns ns nH nH pF pF pF
V(BR)DSS Reference to +25C, ID = 1mA VGS = 10V, ID = 28A, Note 6 VDS = VGS, ID = 250A VDS = 25V, ID = 28A, Note 6 VDS = 55V, VGS = 0 VDS = 44V, VGS = 0, TJ = +150C VGS = 20V VGS = -20V VGS = 10V, ID = 28A, VDS = 44V
Gate-Source Forward Leakage Current
Total Gate Charge Gate-Source Charge Gate-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Source-Drain Ratings and Characteristics Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time - - - - - - - - 67 208 53 180 1.3 101 312 A A V ns nC
Intristic turn-on time is negligible (turn-on is dominated by LS + LD)
Note 2. Repetitive rating; pulse width limited by maximum junction temperature. Note 6. Pulse width 400s, duty cycle 2%.
.420 (10.67) Max .110 (2.79) Isol .147 (3.75) Dia Max .500 (12.7) Max
.250 (6.35) Max .500 (12.7) Min .070 (1.78) Max Gate .100 (2.54) Source Drain


▲Up To Search▲   

 
Price & Availability of NTE2975

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X