Part Number Hot Search : 
TC4022 2N5433 S2301 125LD15 SMO05A 2N3558 TLE8262E 2045CT
Product Description
Full Text Search
 

To Download NTE296 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE296 Silicon PNP Transistor General Purpose Amplifier
Description: The NTE296 is a silicon PNP transistor in a TO202 type case designed for general purpose applications requiring high breakdown voltages, low saturation voltages and low capacitance. Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V Collector-Base Voltage, VCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA Total Power Dissipation (TA = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16mW/C Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80mW/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62.5C/W Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.5C/W Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO IC = 1mA, IB = 0, Note 1 IC = 100A, IE = 0 IE = 10A, IC = 0 VCB = 200V, IE = 0 VBE = 3V, IC = 0 300 300 5 - - - - - - - - - - 0.2 0.1 V V V A A Symbol Test Conditions Min Typ Max Unit
Electrical Characteristics (Cont'd): (TA = +25C unless otherwise specified)
Parameter ON Characteristics DC Current Gain hFE IC = 1mA, VCE = 10V IC = 10mA, VCE = 10V IC = 30mA, VCE = 10V Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Dynamic Characteristics Current Gain-Bandwidth Product Collector-Base Capacitance fT Ccb IC = 10mA, VCE = 20V, f = 10MHz VCB = 20V, IE = 0, f = 1MHz 45 - - - - 8 MHz pF VCE(sat) VBE(sat) IC = 30mA, IB = 3mA IC = 30mA, IB = 3mA 25 30 30 - - - - - - - - - - 0.75 0.9 V V Symbol Test Conditions Min Typ Max Unit
Note 1. Pulse Test: Pulse Width 300s, Duty Cycle 2%.
.380 (9.56) C .500 (12.7) 1.200 (30.48) Ref
.180 (4.57) .132 (3.35) Dia
.325 (9.52)
.300 (7.62)
.070 (1.78) x 45 Chamf .050 (1.27)
.400 (10.16) Min E B C
.100 (2.54)
.100 (2.54)


▲Up To Search▲   

 
Price & Availability of NTE296

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X