Part Number Hot Search : 
2SC1740 00020 SM4003 N5253 A604ERU 2SC3657 721FP SQJ960EP
Product Description
Full Text Search
 

To Download NTE2953 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2953 MOSFET N-Channel, Enhancement Mode High Speed Switch
Applications: D Motor Control D Lamp Control D Solenoid Control D DC-DC Converter Absolute Maximum Ratings: (TC = +25C unless otherwise specified) Drain-Source Voltage (VGS = 0V), VDSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60V Gate-Source Voltage (VDS = 0V), VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V Drain Current, ID Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70A Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 280A Avalanche Drain Current (Pulsed, L = 100H), IDA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70A Source Current, IS Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70A Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 280A Maximum Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35W Channel Temperature Range, Tch . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Thermal Resistance, Channel-to-Case, Rth(ch-c) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.57C/W Isolation Voltage, VISO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000V Electrical Characteristics: (Tch = +25C unless otherwise specified)
Parameter Drain-Source Breakdown Voltage Gate-Source Leakage Zero Gate Voltage Drain Current Gate Threshold Voltage Static Drain-Source ON Resistance Drain-Source On-State Voltage Forward Transfer Admittance Symbol Test Conditions VGS = 20V, VDS = 0V VDS = 60V, VGS = 0 VDS = 10V, ID = 1mA VGS = 10V, ID = 35A VGS = 10V, ID = 35A VGS = 10V, ID = 35A Min 60 - - 2.0 - - 50 Typ - - - 3.0 5.7 Max - 0.1 0.1 4.0 7.5 Unit V A mA V m V S V(BR)DSS VDS = 0V, ID = 1mA IGSS IDSS VGS(th) RDS(on) VDS(on) |yfs|
0.200 0.263 70 -
Electrical Characteristics (Cont'd): (Tch = +25C unless otherwise specified)
Parameter Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Diode Forward Voltage Reverse Recovery Time Symbol Ciss Coss Crss td(on) tr td(off) tf VSD trr IS = 35A, VGS = 0V IS = 70A, dIF/dt = 100A/s VDD = 30V, ID = 35A, VGS = 10V, RGEN = RGS = 50 Test Conditions VGS = 0V, VDS = 10V, f = 1MHz Min - - - - - - - - - Typ 6540 1640 790 95 195 290 210 1.0 85 Max - - - - - - - 1.5 - Unit pF pF pF ns ns ns ns V ns
.181 (4.6) Max .114 (2.9)
.126 (3.2) Dia Max .405 (10.3) Max Isol
.252 (6.4)
.622 (15.0) Max G D S
.118 (3.0) Max .531 (13.5) Min
.098 (2.5)
.100 (2.54)


▲Up To Search▲   

 
Price & Availability of NTE2953

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X