Part Number Hot Search : 
50P100 ESDL05R EW730 SD1411 MBR850DC E205G2BA MAXQ61 2PB1424
Product Description
Full Text Search
 

To Download NTE2936 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2936 MOSFET N-Channel, Enhancement Mode High Speed Switch
Features: D Avalanche Rugged Technology D Rugged Gate Oxide Technology D Lower Input Capacitance D Improved Gate Charge D Extended Safe Operating Area D Lower RDS(on): 0.308 Typ D Lower Leakage Current: 10A (Max) @ VDS = 500V Absolute Maximum Ratings: Drain-to-Source Voltage, VDSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V Drain Current, ID Continuous TC = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9.6A TC = +100C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.1A Pulsed (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56A Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.77W/C Gate-Source Voltage, VGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Single Pulsed Avalanche Energy (Note 2), EAS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1024mJ Avalanche Current (Note 1), IAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9.6A Repetitive Avalanche Energy (Note 1), EAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9.6mJ Peak Diode Recovery dv/dt (Note 3), dv/dt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V/ns Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Maximum Lead Temperature (During Soldering, 1/8" from case, 5sec), TL . . . . . . . . . . . . . . +300C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3C/W Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40C/W Note 1. Repetitive Rating: Pulse width limited by maximum junction temperature. Note 2. L = 20mH, IAS = 9.6A, VDD = 50V, RG = 27, Starting TJ = +25C. Note 3. ISD 14A, di/dt 230A/s, VDD V(BR)DSS, Starting TJ = +25C.
Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Gate Threshold Voltage Gate-Source Leakage Forward Gate-Source Leakage Reverse Drain-to-Source Leakage Current Symbol BVDSS V(BR)DSS/ ID = 250A TJ VGS(th) IGSS IGSS IDSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS ISM VSD trr Qrr (Body Diode) (Body Diode) Note 1 TJ = +25C, IS = 9.6A, VGS = 0V, Note 4 TJ = +25C, IF = 14A, diF/dt = 100A/s, Note 4 VGS = 10V, ID = 14A, VDS = 400V, Note 4, Note 5 VDD = 250V, ID = 14A, RG = 6.2, Note 4, Note 5 VDS = 5V, ID = 250A VGS = 30V VGS = -30V VDS = 500V VDS = 400V, TC = +125C Static Drain-Source ON Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain ("Miller") Charge VGS = 10V, ID = 4.8A, Note 4 VDS = 50V, ID = 4.8A, Note 4 VGS = 0V, VDS = 25V, f = 1MHz Test Conditions VGS = 0V, ID = 250A Min 500 - 2.0 - - - - - - - - - - - - - - - - Typ - 0.68 - - - - - - 8.96 2500 295 130 23 26 125 37 121 16.2 61 Max - - 4.0 100 -100 10 100 0.4 - 3250 340 150 55 60 260 85 157 - - Unit V V/C V nA nA A A mhos pF pF pF ns ns ns ns nC nC nC
Source-Drain Diode Ratings and Characteristics Continuous Source Current Pulse Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge - - - - - - - - 437 5.5 9.6 56 1.4 - - A A V ns C
Note 1. Repetitive Rating: Pulse width limited by maximum junction temperature. Note 4. Pulse Test: Pulse Width = 250s, Duty Cycle 2%. Note 5. Essentially independent of operating temperature.
.221 (5.6) .123 (3.1)
.134 (3.4) Dia .630 (16.0)
.315 (8.0) .866 (22.0)
G .158 (4.0)
D
S
.804 (20.4)
.215 (5.45)
.040 (1.0)


▲Up To Search▲   

 
Price & Availability of NTE2936

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X