Part Number Hot Search : 
2SAR554P NCE8205 KK74HC 6545AIBZ SVD4N65T HEF4043B LV102 SVD4N65T
Product Description
Full Text Search
 

To Download NTE1927 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1927 Integrated Circuit 4-Terminal Negative Adjustable Voltage Regulator
Description: The NTE1927 is a 4-terminal negative adjustable voltage regulator in a TO3 type package designed to deliver continuous load currents of up to 1A with a maximum input voltage of -40V. Features: D Output Current in Excess of 1A D Negative Output -30V to -2.2V D Internal Thermal Overload Protection D Internal Short Circuit Protection D Output Transistor Safe-Area Protection Absolute Maximum Ratings: Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40V Control Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -VOUT -V 0 Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited Operating Junction Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Lead Temperature (During Soldering, 60sec), TL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300C Electrical Characteristics: (0 TJ +125C, VIN = -10V, IOUT = 500mA, CIN = 2F, COUT = 1F, Note 1, Note 2 unless otherwise specified)
Parameter Input Voltage Range Nominal Output Voltage Range Output Voltage Tolerance TJ = +25C VIN = VOUT - 5V VOUT - 15V VIN VOUT - 3V, 5mA IOUT 1A, PD 15W, IIN(max) = -38V TJ = +25C Test Conditions Min -40 -30 - - Typ - - - - Max -7.0 -2.23 4.0 5.0 Unit V V % (VOUT) % (VOUT)
Note 1. VOUT is defined as:
VOUT =
R1 + R2 (-2.23) R2
Note 2. The convention for negative regulators in the algabraic value, thus -15V is less than -10V.
Electrical Characteristics (Cont'd): (0 TJ +125C, VIN = -10V, IOUT = 500mA, CIN = 2F, COUT = 1F, Note 1, Note 2 unless otherwise specified)
Parameter Line Regulation Test Conditions VOUT -10V, (VOUT-15V) VIN (VOUT-2.5V) VOUT -10V, (VOUT-15V) VIN (VOUT-3V) VOUT -10V, (VOUT-7V) VIN (VOUT-3V) Load Regulation 250mA IOUT 750mA 5mA IOUT 1.5A Control Pin Current TJ = +25C TJ = +25C -18V VIN -8V, VOUT = -5V, f = 120Hz TJ = +25C, 10Hz f 100kHz, VOUT = -5V, IOUT = 5mA Note 3 TJ = +25C, VIN = -30V TJ = +25C TJ = -55 to +25C TJ = +25 to +150C TJ = +25C VOUT = -5V, IOUT = 5mA TJ = +25C, VIN = VOUT-5V TJ = +25C Min - - - - - - - Quiescent Current - - Ripple Rejection Output Noise Voltage Dropout Voltage Short Circuit Current Peak Output Current Average Temperature Coefficient of Output Voltage Control Pin Voltage (Reference) 50 - - - 1.3 - - Typ - - - - - 0.4 - 0.5 - 60 25 - 0.25 2.1 - - Max 1.0 0.75 0.67 1.0 2.0 2.0 3.0 1.5 2.0 - 80 2.3 1.2 3.3 0.3 0.3 Unit % (VOUT) % (VOUT) % (VOUT) % (VOUT) % (VOUT) A A A A dB V/VOUT V A A mV/C/VOUT mV/C/VOUT V V
-2.32 -2.23 -2.14 -2.35 - -2.11
Note 1. VOUT is defined as:
VOUT =
R1 + R2 (-2.23) R2
Note 2. The convention for negative regulators in the algabraic value, thus -15V is less than -10V. Note 3. Dropout Voltage is defined as that input-output voltage differential which causes the output voltage to decrease by 5% of its initial value. Note 4. All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tW 10ms, duty cycle 5%). Output voltage changes due to changes in internal temperature must be taken into account separately.
Pin Connection Diagram (Bottom View)
GND 1 2
Adjust
4 VIN/Case
3 VOUT Case/GND
.125 (3.17) .325 (8.28) .835 (21.1)
.500 (12.7) 1 .225 (5.72) 1.197 (30.4) .675 (17.15)
.043 (1.09) Dia
2 .156 (3.96) Dia (2 Holes)
.440 (11.17)
.180 (4.47) R 3 54 Typ .525 (13.35) R Max
4/Case
18 Typ


▲Up To Search▲   

 
Price & Availability of NTE1927

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X