Part Number Hot Search : 
SP483ES IS1682 UPG2214 SFT4100 IRF6603 D44H1 LBN7054 DDC24VS
Product Description
Full Text Search
 

To Download NTE1923 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1923 3 Terminal Negative Voltage Regulator -18V, 1.5A
Description: The NTE1923 is a negative 3-terminal voltage regulator in a TO3 type package suitable for numerous applications including local, on-card regulation requiring up to 1.5A. This device features thermal shutdown and current limiting making the NTE1920 remarkably rugged. Although designed primarily as a fixed voltage regulator, this device can be used with external components to obtain adjustable voltages and currents. Features: D Internal Thermal Overload Protection D Output Transistor Safe Area Protection D Internal Short Circuit Current Limit D No External Components Required Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Input Voltage , VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -35V Internal Power Dissipation (TA = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22.2mW/C Internal Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Internally Limited Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 182mW/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to +150C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5C/W Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45C/W Electrical Characteristics: (0 TJ +125C, VIN = -27V, IO = 0.5Aunless otherwise specified)
Parameter Output Voltage Symbol VO Regline Regload TJ = +25C 5mA IO 1A, -33V VIN -21V, PO 15W Line Regulation TJ = +25C, -33V VIN -21V, Note 1 TJ = +25C, -30V VIN -24V, Note 1 Load Regulation TJ = +25C, 5mA IO 1.5A, Note 1 TJ = +25C, 250mA IO 750mA, Note 1 Test Conditions Min -17.3 -17.1 - - - - Typ -18.0 -18.0 90 50 110 55 Max -18.7 -18.9 360 180 360 180 Unit V V mV mV mV mV
Note 1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used.
Electrical Characteristics (Cont'd): (0 TJ +125C, VIN = -27V, IO = 0.5Aunless otherwise specified)
Parameter Input Bias Current Input Bias Current Change Output Noise Voltage Ripple Rejection Ratio Dropout Voltage Peak Output Current Average Temperature Coefficient of Output Voltage IOmax Symbol IB IB Vn RR TJ = +25C -33V VIN -21V 5mA IO 1.5A TA = +25C, f = 10Hz to 100kHz IO = 20mA, f = 120Hz TJ = +25C, IO = 1A TJ = +25C IO = 5mA Test Conditions Min - - - - - - 1.3 - Typ 4.5 - - 110 59 2.0 2.5 -1.0 Max 8.0 1.0 0.5 - - - 3.3 - Unit mA mA mA V dB V A mV/C
Note 2. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used.
.135 (3.45) Max .350 (8.89) .875 (22.2) Dia Max Seating Plane
.312 (7.93) Min
.040 (1.02)
VOUT .215 (5.45)
1.187 (30.16) .665 (16.9) .156 (3.96) Dia (2 Holes)
.430 (10.92)
.188 (4.8) R Max
.525 (13.35) R Max GND VIN/Case


▲Up To Search▲   

 
Price & Availability of NTE1923

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X