Part Number Hot Search : 
DS2890V SB130 2SAA1 26LV400 MBRF2 CSNE371 RT3050 F2UAOR0
Product Description
Full Text Search
 

To Download NTE1476 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1476 Integrated Circuit Audio Power Amplifier, 1.4W
Description: The NTE1476 is an audio power amplifier in a 10-Lead SIP type package designed for use as a power amplifier in portable cassette tape recorder applications. Features: D Recommended Supply Voltage: VCC = 7.5V, 9.0V D Output Power: POUT = 1.4W (Typ) at VCC = 7.5V, RL = 4 POUT = 2.0W (Typ) at VCC = 9.0V, RL = 4 THD = 10% D Minimum Operating Voltage: VCC = 5.0V D Low Quiescent Current D Excellent Ripple Rejection D Built in Turn-On Muting Circuit Absolute Maximum Ratings: (TA = +25C) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14V Output Current (Peak), IO(peak) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8A Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0W Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA = +25C, RL = 4, Rg = 600, Rf = 150, f = 1kHz unless otherwise specified)
Parameter Quiescent Current Symbol ICCQ VCC = 5V VCC = 9V VCC = 14V Output Power POUT THD = 10% VCC = 5V VCC = 7.5V VCC = 9V Test Conditions Min 55 7 - - - 1.5 Typ Max Unit - - - 0.65 1.4 2.0 - 30 35 - - - mA mA mA W W W
Electrical Characteristics (Cont'd): (TA = +25C, RL = 4, Rg = 600, Rf = 150, f = 1kHz unless otherwise specified)
Parameter Total Harmonic Distortion Open Loop Voltage Gain Closed Loop Voltage Gain Input Resistance Output Noise Voltage Symbol THD GVO GV RIN VNO Test Conditions POUT = 100mW VCC = 7.5V VCC = 9V VCC = 9V, Rf = 0, VIN = 0.245mVrms VCC = 9V, Rf = 150, VIN = 3.9mVrms VCC = 9V, VOUT = 1Vrms VCC = 9V, Rg =10k, BW = 50Hz to 20kHz
Pin Connection Diagram (Front View) 10 Output 9 GND 8 50pf to Pin7 7 50pf to Pin8 6 Feedback 5 Input Low 4 Input High
Min - - - - 25 -
Typ Max Unit 0.35 0.35 72 46 30 - - 1.0 - - - 1.0 % % dB dB k mV
3 Bypass 2 Bypass 1 VCC
1.050 (26.67) Max .079 (2.0) .867 (22.0) .128 (3.2) Dia
.276 (7.0)
.433 (11.0) 1 10
.217 (5.5) .100 (2.54) .900 (22.8)


▲Up To Search▲   

 
Price & Availability of NTE1476

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X