Part Number Hot Search : 
TM7104 BDR2G RT1468B6 6N138 XF0013Q1 3F334EL LM358A B0612BT1
Product Description
Full Text Search
 

To Download NTE1400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1400 Integrated Circuit FM Limiter Circuit
Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage (V12-4), VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15.6V Supply Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 490mW Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +70C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Electrical Characteristics: (VCC = V12-4 = 12V, TA = +25C unless otherwise specified)
Parameter Total Circuit Current Output Amplitude Voltge Gain for Reference Wave 2nd Harmonics Attenuation Symbol I12 V8(P-P) GV V14 = 0 to 6.3V f = 4MHz, Vi = 0.14mVP-P V12 = 9V, f = 6MHz, Vi = 10mVP-P f = 4MHz, Vi = 1.0VP-P f = 4MHz, Vi = 100mVP-P, TA = +70C f = 4MHz, Vi = 100mVP-P, TA = -20C DC Current Gain (T30) hFE(T30) V7-4 = 5V, V6-4 = 0.7V, I5 = -1mA Test Conditions Min Typ Max Unit 15 1.0 1.0 40 40 40 - - 40 25 1.2 - - - - 41 48 - 30 - - - - - - - 200 mA V VP-P dB dB dB dB dB
Vo(f)/VO(2f) f = 4MHz, Vi = 100mVP-P
Pin Connection Diagram
Feedback Cap 1 Bias 2 Balance 3 GND 4 N.C. 5 N.C. 6 N.C. 7
14 Input 13 Voltage Stabilizer 12 VCC 11 Feedback 10 Diode Limiter 9 Voltage Stabilizer 8 Output
14
8
1
7
.785 (19.95) Max
.300 (7.62)
.200 (5.08) Max
.100 (2.45) .600 (15.24)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE1400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X