Part Number Hot Search : 
80960JD 1N6480 00010 ELM701 30FH11 NM25C040 MF524500 ADC08
Product Description
Full Text Search
 

To Download NTE1072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1072 Integrated Circuit FM-AM IF Amp & AF Amp
Absolute Maximum Ratings: (TA = +25C unles otherwise specified) Supply Voltage (VCC), V8-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5 V Circuit Current, I7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA Total Circuit Current, Itot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA Total Power Dissipation, PT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Electrical Characteristics: (VCC = 5V, TA = +25C unless otherwise specified)
Parameter Total Circuit Current Circuit Current Symbol Itot I7 I9 Bias Reference Voltage Detection Output Voltage FM-IF AM-IF Output Noise Voltage Output Voltage V12-16 VO(FM) VO(AM) VN V7-3 f = 10.7MHz, VIN = 10V f = 455kHz, VIN = 32V Rg = 5k f = 1kHz, VIN = 1mV V7/100 Test Conditions Min 5.4 3.6 0.9 1.25 1.8 2.2 - 0.35 Typ 15 5.7 2.5 1.5 3 3.5 - 0.47 Max 23.5 7.7 3.75 1.75 5 5.6 1.2 0.56 Unit mA mA mA V mV mV mV V
Pin Connection Diagram IF Input AM/FM 1 FM Detector Circuit 2 AF Circuit 3 AF Input 4 AF Circuit 5 GND 6 AF Output 7 VCC 8 16 IF Amp Circuit 15 AM Detector Circuit 14 AM Detector Circuit 13 AM IF Amp Circuit 12 Bypass 11 Bypass 10 Bypass 9 FM Detector Circuit
16
9 .260 (6.6) Max
1 .785 (19.9) Max
8 .300 (7.62) .200 (5.08) Max
.245 (6.22) Min .100 (2.54) .700 (17.7)


▲Up To Search▲   

 
Price & Availability of NTE1072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X