Part Number Hot Search : 
NTE15 00010 IS605 EUEB2C4 N74F646N CRO2485A MC78LC 2SA745A
Product Description
Full Text Search
 

To Download NTE105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE105 Germanium PNP Transistor Audio Power Amp
Description: The NTE105 is a germanium PNP power transistor in a TO36 type package designed for use in power switching and amplifier applications. Absolute Maximum Ratings: Collector-Emitter Voltage, VCES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V Collector-Base Voltage, VCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V Continuous Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A Continuous Emitter Current, IE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15A Total Device Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150W Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +100C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5C/W Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Breakdown Voltage V(BR)CEO V(BR)CES Floating Potential Collector Cutoff Current VEBF ICBO IC = 1A, IB = 0, Note 1 IC = 300mA, VBE = 0, Note 1 VCB = 40V, IE = 0 VCB = 2V, IE = 0 VCB = 40V, IE = 0 VCB = 40V, IE = 0, TB = +71C Emitter Cutoff Current ON Characteristics DC Current Gain hFE VCE(sat) VBE VCE = 2V, IC = 5A VCE = 2V, IC = 12A Collector-Emitter Saturation Voltage Base-Emitter Voltage IC = 12A, IB = 2A VCE = 2V, IC = 5A 20 - - - - 20 0.3 0.65 40 - - - V V IEBO VBE = 20V, IC = 0 25 40 - - - - - - - - 0.1 2.0 - 1.0 - - 1.0 - 8.0 15 8.0 V V V mA mA mA mA Symbol Test Conditions Min Typ Max Unit
Note 1. Pulse test: Pulse Width 300s, Duty Cycle 2%.
Electrical Characteristics (Cont'd): (TC = +25C unless otherwise specified)
Parameter Dynamic Characteristics Common-Emitter Cutoff Frequency Switching Characteristics Rise Time Fall Time tr tf VCE = 12V, IC = 12A, IB = 2A VBE = 6V, IC = 0, RBE = 10 - - 15 15 - - s s fe VCE = 6V, IC = 5A - 10 - kHz Symbol Test Conditions Min Typ Max Unit
1.250 (31.75 Dia Max 1.005 (25.55) Dia Max
.500 (12.7) Max
.520 (13.2) Max .710 (18.03) Max .312 (7.93) 10-32 UNF-2A
.190 (4.83) Emitter .345 (8.76)
Base
Collector/Case


▲Up To Search▲   

 
Price & Availability of NTE105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X