Part Number Hot Search : 
PG15009 PSP2401 ML33111 AD822 APTGT200 00TTS C3334P D2060
Product Description
Full Text Search
 

To Download NTE1054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1054 & NTE1055 Integrated Circuit FM/AM IF Amp
Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, V5-4 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V Collector-Emitter Voltage (R = 50k, T1, T2, T3), VCER . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.5V Collector-Emitter Voltage (T4, T6), VCEX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.5V Emitter-Base Voltage (T1, T2, T3, T5), VEBO NTE1054 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V NTE1055 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V Collector Current (T1, T2, T3, T4, T5, T6), IC NTE1054 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3mA NTE1055 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Total Power Dissipation (TA +75C), PT NTE1054 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mW NTE1055 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250mW Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector Cutoff Current Collector Current NTE1054 NTE1055 Collector Current NTE1054 NTE1055 On Current NTE1054 NTE1055 Collector-Emitter Saturation Voltage Bias Voltage FM Output Voltage NTE1054 NTE1055 AM Output Voltage NTE1054 NTE1055 VO(AM) VCE(sat) V8-4 VO(FM) IC = 100A, IB = 10A (T1, T2) V5-4 = 4V V5-4 = 4V, f = 10.7MHz, Vi = 40dB MOD 400Hz 30% Vi = 30dB V5-4 = 4V, f = 455kHz, MOD 400Hz 30% Vi = 20dB Vi = 40dB I7(on) V5-4 = V7-4 = 4V (T6) IC2 V5-4 = 4V (T3, T4, T6) Symbol ICBO IC1 Test Conditions VCB = 10V (T1, T2, T3, T4, T6) V5-4 = 4V (T1, T2) Min - 0.62 0.62 0.52 1.14 1.00 2.38 - 1.2 17.0 7.6 15 4 Typ - - - - - - - - - - - - - Max 1 1.24 1.26 1.15 2.52 - - 0.15 1.6 63.5 51.0 - - Unit A mA mA mA mA mA mA V V mV mV mV mV
Pin Connection Diagram
1st IF Amp Output 1 1st IF Amp Input 2
14 2nd IF Amp Input 13 Bypass 12 2nd IF Amp Output 11 3rd IF Amp Input 10 3rd IF Amp Output 9 3rd IF Amp Output 8 Output
Bypass 3 VCC 4 GND 5 4th IF Amp Input 4th IF Amp Output 6 7
14
8
1
7
.785 (19.95) Max .200 (5.08) Max
.300 (7.62)
.100 (2.45) .600 (15.24)
.099 (2.5) Min


▲Up To Search▲   

 
Price & Availability of NTE1054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X