Part Number Hot Search : 
1040CT CM800 K538YH3 TDA750 STW5098T 100M1 HT46R 80020
Product Description
Full Text Search
 

To Download MTDF1C02HD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MTDF1C02HD/D
Designer'sTM Data Sheet
Medium Power Surface Mount Products
Complementary TMOS Field Effect Transistors
MTDF1C02HD
Motorola Preferred Device
Micro8TM devices are an advanced series of power MOSFETs which utilize Motorola's High Cell Density HDTMOS process to achieve lowest possible on-resistance per silicon area. They are capable of withstanding high energy in the avalanche and commutation modes and the drain-to-source diode has a very low reverse TM recovery time. Micro8TM devices are designed for use in low voltage, high speed switching applications where power efficiency is important. Typical applications are dc-dc converters, and power management in portable and battery powered products such as computers, printers, 7 8 cellular and cordless phones. They can also be used for low voltage D N-Channel motor controls in mass storage products such as disk drives and tape drives. The avalanche energy is specified to eliminate the guesswork in designs where inductive loads are switched and offer additional 2 safety margin against unexpected voltage transients. G * Miniature Micro8 Surface Mount Package -- Saves Board Space * Extremely Low Profile (<1.1mm) for thin applications such as PCMCIA cards 1 S * Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life 5 6 * Logic Level Gate Drive -- Can Be Driven by Logic ICs D P-Channel * Diode Is Characterized for Use In Bridge Circuits * Diode Exhibits High Speed, With Soft Recovery * IDSS Specified at Elevated Temperature 4 * Avalanche Energy Specified G * Mounting Information for Micro8 Package Provided
3 S
COMPLEMENTARY DUAL TMOS POWER FET 20 VOLTS RDS(on) = 0.120 OHM 1.7 AMPERES (N-CHANNEL) RDS(on) = 0.175 OHM 1.6 AMPERES (P-CHANNEL)
CASE 846A-02, Style 2 Micro8
Source 1 Gate 1 Source 2 Gate 2
1 2 3 4
8 7 6 5
Drain 1 Drain 1 Drain 2 Drain 2
Top View
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Negative sign for P-Channel devices omitted for clarity Rating Drain-to-Source Voltage Drain-to-Gate Voltage (RGS = 1.0 MW) Gate-to-Source Voltage -- Continuous Operating and Storage Temperature Range N-Channel P-Channel N-Channel P-Channel N-Channel P-Channel Symbol VDSS VDGR VGS TJ and Tstg Max 20 20 20 20 8.0 8.0 - 55 to 150 Unit V V V C
DEVICE MARKING
CA
ORDERING INFORMATION
Device MTDF1C02HD Reel Size 13 Tape Width 12 mm embossed tape Quantity 4000 units
Designer's Data for "Worst Case" Conditions -- The Designer's Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit curves -- representing boundaries on device characteristics -- are given to facilitate "worst case" design.
HDTMOS is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc. Micro8 is a registered trademark of International Rectifier.
Preferred devices are Motorola recommended choices for future use and best overall value.
(c)Motorola TMOS Power MOSFET Transistor Device Data Motorola, Inc. 1997
1
MTDF1C02HD
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Drain-to-Gate Voltage (RGS = 1.0 M) Gate-to-Source Voltage -- Continuous 1 inch SQ. FR-4 or G-10 PCB Figure A below 1 die operating Steady State Minimum FR-4 or G-10 PCB Figure B below 1 die operating Steady State 1 inch SQ. FR-4 or G-10 PCB Figure A below 1 die operating Steady State Minimum FR-4 or G-10 PCB Figure B below 1 die operating Steady State Minimum FR-4 or G-10 PCB Figure B below 2 die operating Steady State Thermal Resistance -- Junction to Ambient Total Power Dissipation @ TA = 25C Linear Derating Factor Drain Current -- Continuous @ TA = 25C Continuous @ TA = 70C Pulsed Drain Current (1) Thermal Resistance -- Junction to Ambient Total Power Dissipation @ TA = 25C Linear Derating Factor Drain Current -- Continuous @ TA = 25C Continuous @ TA = 70C Pulsed Drain Current (1) Thermal Resistance -- Junction to Ambient Total Power Dissipation @ TA = 25C Linear Derating Factor Drain Current -- Continuous @ TA = 25C Continuous @ TA = 70C Pulsed Drain Current (1) Thermal Resistance -- Junction to Ambient Total Power Dissipation @ TA = 25C Linear Derating Factor Drain Current -- Continuous @ TA = 25C Continuous @ TA = 70C Pulsed Drain Current (1) Thermal Resistance -- Junction to Ambient Total Power Dissipation @ TA = 25C Linear Derating Factor Drain Current -- Continuous @ TA = 25C Continuous @ TA = 70C Pulsed Drain Current (1) Polarity N & P-Ch N & P-Ch N & P-Ch N-Channel Symbol VDSS VDGR VGS RTHJA PD ID ID IDM RTHJA PD ID ID IDM RTHJA PD ID ID IDM RTHJA PD ID ID IDM RTHJA PD ID ID IDM TJ, Tstg Typical -- -- -- 80 -- -- -- -- -- 160 -- -- -- -- -- 80 -- -- -- -- -- 160 -- -- -- -- -- 240 -- -- -- -- -- -- Max 20 20 8.0 100 1.25 10 2.8 2.3 23 200 0.63 5.0 1.7 1.6 16 100 1.25 10 2.3 1.9 19 200 0.63 5.0 1.6 1.3 13 300 0.42 3.33 1.3 1.1 11 - 55 to 150 Unit V V V C/W Watts mW/C A A A C/W Watts mW/C A A A C/W Watts mW/C A A A C/W Watts mW/C A A A C/W Watts mW/C A A A C
N-Channel
P-Channel
P-Channel
N & P-Ch
Operating and Storage Temperature Range (1) Repetitive rating; pulse width limited by maximum junction temperature.
Figure A. 1.0 Inch Square FR-4 or G-10 PCB
Figure B. Minimum FR-4 or G-10 PCB
2
Motorola TMOS Power MOSFET Transistor Device Data
MTDF1C02HD
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (1)
Characteristic OFF CHARACTERISTICS Drain-Source Breakdown Voltage (Cpk 2.0) (VGS = 0 Vdc, ID = 250 Adc) Breakdown Temperature Coefficient (Positive) Zero Gate Voltage Drain Current (1)(3) V(BR)DSS (N) (P) (N) (P) IDSS IGSS VGS(th) (N) (P) -- (N) (P) (N) (P) RDS(on) RDS(on) (N) (P) gFS (N) (P) -- -- 2.0 1.3 0.133 0.220 -- -- 0.16 0.28 -- -- mhos (N) (P) 20 20 -- -- -- -- -- 0.7 0.7 -- -- -- -- -- -- 5.0 14 -- -- -- 0.90 0.95 2.5 2.2 0.100 0.146 -- -- -- -- 1.0 1.0 100 1.1 1.4 -- -- 0.120 0.175 Ohm Ohm Adc nAdc Vdc Vdc Symbol Polarity Min Typ Max Unit
(VGS = 0 Vdc, VDS = 16 Vdc) (VGS = 0 Vdc, VDS = 20 Vdc) Gate-Body Leakage Current (VGS = 8.0 Vdc, VDS = 0) ON CHARACTERISTICS(2) Gate Threshold Voltage (Cpk 2.0) (VDS = VGS, ID = 250 Adc) Threshold Temperature Coefficient (Negative) Drain-to-Source On-Resistance Drain-to-Source On-Resistance (1)(3)
Forward Transconductance (1) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Transfer Capacitance
(VGS = 4.5 Vdc, ID = 1.7 Adc) (VGS = 4.5 Vdc, ID = 1.6 Adc) (1)(3) (Cpk 2.0) (VGS = 2.7 Vdc, ID = 0.85 Adc) (VGS = 2.7 Vdc, ID = 0.8 Adc) (VDS = 10 Adc, ID = 0.85 Adc) (VDS = 10 Adc, ID = 0.6 Adc)
Ciss (VDS = 15 Vdc, VGS = 0 Vdc, Vd Vd f = 1.0 MHz) Coss Crss
(N) (P) (N) (P) (N) (P)
-- -- -- -- -- --
145 225 90 150 38 60
-- -- -- -- -- --
pF
SWITCHING CHARACTERISTICS (3) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge (VDS = 16 Vd ID = 1 7 Ad Vdc, 1.7 Adc, VGS = 4.5 Vdc) (1) (VDS = 16 Vdc, ID = 1.2 Adc, (1) VGS = 4.5 Vdc) ( ) ( (VDS = 10 Vdc, ID = 0.85 Adc, , , VGS = 2.7 Vdc, RG = 6.0 ) (1) (VDS = 10 Vdc, ID = 0.6 Adc, VGS = 2.7 Vdc, () RG = 6.0 ) (1) ( , , (VDD = 10 Vdc, ID = 1.7 Adc, VGS = 4.5 Vdc, RG = 6.0 ) (1) (VDD = 10 Vdc, ID = 1.2 Adc, VGS = 4.5 Vdc, () RG = 6.0 ) (1) td(on) tr td(off) tf td(on) tr td(off) tf QT Q1 Q2 Q3 (1) Negative signs for P-Channel device omitted for clarity. (2) Pulse Test: Pulse Width 300 s, Duty Cycle 2%. (3) Switching characteristics are independent of operating junction temperature. (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) (N) (P) -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 8.0 15 27 27 23 60 34 72 16 20 79 94 24 49 31 76 3.9 5.3 0.4 0.7 1.7 2.6 1.5 1.9 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 5.5 7.5 -- -- -- -- -- -- (continued) nC ns
Motorola TMOS Power MOSFET Transistor Device Data
3
MTDF1C02HD
ELECTRICAL CHARACTERISTICS -- continued (TA = 25C unless otherwise noted) (1)
Characteristic SOURCE-DRAIN DIODE CHARACTERISTICS (TC = 25C) Forward Voltage (2) (IS = 1.7 Adc, VGS = 0 Vdc) (1) (IS = 1.2 Adc, VGS = 0 Vdc) Reverse Recovery Time Symbol Polarity Min Typ Max Unit
VSD trr ta
(N) (P) (N) (P) (N) (P) (N) (P) (N) (P)
-- -- -- -- -- -- -- -- -- --
0.84 0.89 29 86 14 27 15 59 0.018 0.115
1.0 1.1 -- -- -- -- -- -- -- --
Vdc ns
( (IF = IS, dIS/dt = 100 A/s) (1) Reverse Recovery Stored Charge (1) Negative signs for P-Channel device omitted for clarity. (2) Pulse Test: Pulse Width 300 s, Duty Cycle 2%.
tb QRR
C
TYPICAL ELECTRICAL CHARACTERISTICS
N-Channel
4.0 TJ = 25C I D , DRAIN CURRENT (AMPS) 3.0 I D , DRAIN CURRENT (AMPS) VGS = 10 V 4.5 V 2.7 V 2.3 V 2.1 V 1.7 V 1.0 3.0 3.7 V 3.3 V 2.0 2.3 V 1.0 2.1 V 1.9 V 1.7 V 0 0 0.4 0.8 1.2 1.6 2.0 0 0.4 0.8 1.2 1.6 2.0 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) 2.5 V 4.0 VGS = 8 4.5 V 3.1 V 2.9 V 2.7 V 1.9 V TJ = 25C
P-Channel
2.0
1.5 V
0
Figure 1. On-Region Characteristics
Figure 1. On-Region Characteristics
4.0 I D , DRAIN CURRENT (AMPS)
VDS 10 V ID, DRAIN CURRENT (AMPS)
4.0 VDS 10 V 3.0
3.0
2.0 100C 1.0 25C TJ = -55C 0 0.5 2.0 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 1.0 1.5 2.5
2.0
1.0 100C 0 0 1.0 2.0 25C TJ = -55C 3.0 4.0
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
Figure 2. Transfer Characteristics
4
Motorola TMOS Power MOSFET Transistor Device Data
MTDF1C02HD
TYPICAL ELECTRICAL CHARACTERISTICS
N-Channel
0.6 0.5 0.4 0.3 0.2 0.1 0 0 2.0 4.0 6.0 8.0 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 10 ID = 1.7 A TJ = 25C R DS(on)(W) , DRAIN-TO-SOURCE RESISTANCE (OHMS) RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) 0.4 ID = 1.6 A TJ = 25C
P-Channel
0.3
0.2
0.1
0 0 2.0 4.0 6.0 8.0 10 VGS, GATE-TO-SOURCE (VOLTS)
Figure 3. On-Resistance versus Gate-To-Source Voltage
RDS(on) , DRAIN-TO-SOURCE RESISTANCE (OHMS) R DS(on), DRAIN-TO-SOURCE RESISTANCE (OHMS)
Figure 3. On-Resistance versus Gate-To-Source Voltage
0.15 2.7 V 0.13 TJ = 25C
0.6 TJ = 25C 0.5 0.4 2.7 V 0.3 0.2 0.1 0 0 1.0 2.0 ID, DRAIN CURRENT (AMPS) 3.0 4.0 VGS = 4.5 V
0.11
VGS = 4.5 V
0.09
0.07
0.05 0 1.0 2.0 ID, DRAIN CURRENT (AMPS) 3.0 4.0
Figure 4. On-Resistance versus Drain Current and Gate Voltage
RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
Figure 4. On-Resistance versus Drain Current and Gate Voltage
VGS = 4.5 V ID = 0.85 A 1.6
R DS(on) , DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
2.0
2.0 VGS = 4.5 V ID = 0.8 A 1.5
1.2
1.0
0.8
0.4
0.5
0 - 50
- 25
0
25
50
75
100
125
150
0 -50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (C)
TJ, JUNCTION TEMPERATURE (C)
Figure 5. On-Resistance Variation with Temperature
Figure 5. On-Resistance Variation with Temperature
Motorola TMOS Power MOSFET Transistor Device Data
5
MTDF1C02HD
TYPICAL ELECTRICAL CHARACTERISTICS
N-Channel
1000 VGS = 0 V TJ = 125C I DSS , LEAKAGE (nA) 100 100C 10 25C 1.0 IDSS , LEAKAGE (nA) 10 100C 100 TJ = 125C
P-Channel
1.0
25C 0.1 0.1 0 5.0 10 15 20 0 4.0 8.0 12
VGS = 0 V 16 20
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 6. Drain-To-Source Leakage Current versus Voltage
Figure 6. Drain-To-Source Leakage Current versus Voltage
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted by recognizing that the power MOSFET is charge controlled. The lengths of various switching intervals (t) are determined by how fast the FET input capacitance can be charged by current from the generator. The published capacitance data is difficult to use for calculating rise and fall because drain-gate capacitance varies greatly with applied voltage. Accordingly, gate charge data is used. In most cases, a satisfactory estimate of average input current (IG(AV)) can be made from a rudimentary analysis of the drive circuit so that t = Q/IG(AV) During the rise and fall time interval when switching a resistive load, VGS remains virtually constant at a level known as the plateau voltage, VSGP. Therefore, rise and fall times may be approximated by the following: tr = Q2 x RG/(VGG - VGSP) tf = Q2 x RG/VGSP where VGG = the gate drive voltage, which varies from zero to VGG RG = the gate drive resistance and Q2 and VGSP are read from the gate charge curve. During the turn-on and turn-off delay times, gate current is not constant. The simplest calculation uses appropriate values from the capacitance curves in a standard equation for voltage change in an RC network. The equations are: td(on) = RG Ciss In [VGG/(VGG - VGSP)] td(off) = RG Ciss In (VGG/VGSP) The capacitance (Ciss) is read from the capacitance curve at a voltage corresponding to the off-state condition when calculating td(on) and is read at a voltage corresponding to the on-state when calculating td(off). At high switching speeds, parasitic circuit elements complicate the analysis. The inductance of the MOSFET source lead, inside the package and in the circuit wiring which is common to both the drain and gate current paths, produces a voltage at the source which reduces the gate drive current. The voltage is determined by Ldi/dt, but since di/dt is a function of drain current, the mathematical solution is complex. The MOSFET output capacitance also complicates the mathematics. And finally, MOSFETs have finite internal gate resistance which effectively adds to the resistance of the driving source, but the internal resistance is difficult to measure and, consequently, is not specified. The resistive switching time variation versus gate resistance (Figure 9) shows how typical switching performance is affected by the parasitic circuit elements. If the parasitics were not present, the slope of the curves would maintain a value of unity regardless of the switching speed. The circuit used to obtain the data is constructed to minimize common inductance in the drain and gate circuit loops and is believed readily achievable with board mounted components. Most power electronic loads are inductive; the data in the figure is taken with a resistive load, which approximates an optimally snubbed inductive load. Power MOSFETs may be safely operated into an inductive load; however, snubbing reduces switching losses.
6
Motorola TMOS Power MOSFET Transistor Device Data
MTDF1C02HD
N-Channel
800 Ciss C, CAPACITANCE (pF) VDS = 0 V VGS = 0 V 800 TJ = 25C 600 Crss 400 Ciss Coss Crss 20 0 -10 VGS 0 VDS 10 20 Ciss TJ = 25C VGS = 0 V
P-Channel
600 C, CAPACITANCE (pF)
Crss 400
200 Crss 5 VGS 0 VDS
Coss Ciss
200
0 10
5
10
15
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
Figure 7. Capacitance Variation
V GS , GATE-TO-SOURCE VOLTAGE (VOLTS)
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
6 5 4 VDS 3 2 1 Q3 0 0 1.0 Q1 Q2
QT
18 15 12 VGS 9 6 ID = 1.7 A TJ = 25C 3 0 5.0
5
QT VGS VDS Q1 Q2
20
V DS , DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
4
16
3
12
2 TJ = 25C ID = 1.2 A 1 Q3 0 0 1.0 2.0 3.0 4.0 5.0 QG, TOTAL GATE CHARGE (nC)
8.0
4.0 0 6.0
4.0 2.0 3.0 Qg, TOTAL GATE CHARGE (nC)
Figure 8. Gate-To-Source and Drain-To-Source Voltage versus Total Charge
Figure 8. Gate-To-Source and Drain-To-Source Voltage versus Total Charge
100
VDD = 10 V ID = 1.7 A VGS = 4.5 V TJ = 25C
1000 TJ = 25C ID = 1.2 A VDD = 10 V VGS = 4.5 V t, TIME (ns)
tf tr td(off) td(on)
t, TIME (ns)
10
100 tf td(off) tr td(on)
1.0 1.0 10 RG, GATE RESISTANCE (OHMS) 100
10 1.0
10 RG, GATE RESISTANCE (OHMS)
100
Figure 9. Resistive Switching Time Variation versus Gate Resistance
Figure 9. Resistive Switching Time Variation versus Gate Resistance
Motorola TMOS Power MOSFET Transistor Device Data
7
MTDF1C02HD
DRAIN-TO-SOURCE DIODE CHARACTERISTICS
The switching characteristics of a MOSFET body diode are very important in systems using it as a freewheeling or commutating diode. Of particular interest are the reverse recovery characteristics which play a major role in determining switching losses, radiated noise, EMI and RFI. System switching losses are largely due to the nature of the body diode itself. The body diode is a minority carrier device, therefore it has a finite reverse recovery time, trr, due to the storage of minority carrier charge, QRR, as shown in the typical reverse recovery wave form of Figure 14. It is this stored charge that, when cleared from the diode, passes through a potential and defines an energy loss. Obviously, repeatedly forcing the diode through reverse recovery further increases switching losses. Therefore, one would like a diode with short trr and low QRR specifications to minimize these losses. The abruptness of diode reverse recovery effects the amount of radiated noise, voltage spikes, and current ringing. The mechanisms at work are finite irremovable circuit parasitic inductances and capacitances acted upon by high N-Channel
2.0 I S , SOURCE CURRENT (AMPS) 1.6 2.0 IS, SOURCE CURRENT (AMPS) VGS = 0 V TJ = 25C
di/dts. The diode's negative di/dt during ta is directly controlled by the device clearing the stored charge. However, the positive di/dt during tb is an uncontrollable diode characteristic and is usually the culprit that induces current ringing. Therefore, when comparing diodes, the ratio of tb/ta serves as a good indicator of recovery abruptness and thus gives a comparative estimate of probable noise generated. A ratio of 1 is considered ideal and values less than 0.5 are considered snappy. Compared to Motorola standard cell density low voltage MOSFETs, high cell density MOSFET diodes are faster (shorter trr), have less stored charge and a softer reverse recovery characteristic. The softness advantage of the high cell density diode means they can be forced through reverse recovery at a higher di/dt than a standard cell MOSFET diode without increasing the current ringing or the noise generated. In addition, power dissipation incurred from switching the diode will be less due to the shorter recovery time and lower switching losses. P-Channel
1.6
TJ = 25C VGS = 0 V
1.2
1.2
0.8
0.8
0.4
0.4 0
0
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
Figure 10. Diode Forward Voltage versus Current
Figure 10. Diode Forward Voltage versus Current
8
Motorola TMOS Power MOSFET Transistor Device Data
MTDF1C02HD
di/dt = 300 A/s I S , SOURCE CURRENT Standard Cell Density trr High Cell Density trr tb ta
t, TIME
Figure 11. Reverse Recovery Time (trr)
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define the maximum simultaneous drain-to-source voltage and drain current that a transistor can handle safely when it is forward biased. Curves are based upon maximum peak junction temperature and a case temperature (TC) of 25C. Peak repetitive pulsed power limits are determined by using the thermal response data in conjunction with the procedures discussed in AN569, "Transient Thermal Resistance - General Data and Its Use." Switching between the off-state and the on-state may traverse any load line provided neither rated peak current (IDM) nor rated voltage (VDSS) is exceeded, and that the transition time (tr, tf) does not exceed 10 s. In addition the total power N-Channel
100 I D , DRAIN CURRENT (AMPS) I D , DRAIN CURRENT (AMPS) VGS = 8 V SINGLE PULSE TC = 25C 1 ms 10 ms 1.0 dc 0.1 RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 1 10 100 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) 100 VGS = 8 V SINGLE PULSE TC = 25C 1 ms 10 ms 1.0 dc 0.1 RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 1 10 100 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
averaged over a complete switching cycle must not exceed (TJ(MAX) - TC)/(RJC). A power MOSFET designated E-FET can be safely used in switching circuits with unclamped inductive loads. For reliable operation, the stored energy from circuit inductance dissipated in the transistor while in avalanche must be less than the rated limit and must be adjusted for operating conditions differing from those specified. Although industry practice is to rate in terms of energy, avalanche energy capability is not a constant. The energy rating decreases non-linearly with an increase of peak current in avalanche and peak junction temperature.
P-Channel
10
100 s
10
100 s
0.01 0.1
0.01 0.1
Figure 12. Maximum Rated Forward Biased Safe Operating Area
Figure 12. Maximum Rated Forward Biased Safe Operating Area
Motorola TMOS Power MOSFET Transistor Device Data
9
MTDF1C02HD
TYPICAL ELECTRICAL CHARACTERISTICS
1000 Rthja(t), EFFECTIVE TRANSIENT THERMAL RESISTANCE ( C/W)
100
D = 0.5 0.2 0.1 0.05 0.02 0.01
10
P(pk)
1.0 SINGLE PULSE 0.1 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 t, TIME (s)
t2 DUTY CYCLE, D = t1/t2 1.0E+00
t1
RJC(t) = r(t) RJC D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) RJC(t) 1.0E+01 1.0E+02 1.0E+03
Figure 13. Thermal Response
di/dt IS trr ta tb TIME tp IS 0.25 IS
Figure 14. Diode Reverse Recovery Waveform
10
Motorola TMOS Power MOSFET Transistor Device Data
MTDF1C02HD
INFORMATION FOR USING THE SO-8 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to ensure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self-align when subjected to a solder reflow process.
0.060 1.52
0.275 7.0
0.155 4.0
0.024 0.6
0.050 1.270
inches mm
SO-8 POWER DISSIPATION
The power dissipation of the SO-8 is a function of the input pad size. This can vary from the minimum pad size for soldering to the pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient; and the operating temperature, TA. Using the values provided on the data sheet for the SO-8 package, PD can be calculated as follows: PD = TJ(max) - TA RJA the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 0.63 Watts. 150C - 25C 200C/W
PD =
= 0.63 Watts
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into
The 200C/W for the SO-8 package assumes the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 0.63 Watts using the footprint shown. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using board material such as Thermal Clad, the power dissipation can be doubled using the same footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C.
* The soldering temperature and time shall not exceed * When shifting from preheating to soldering, the maximum * After soldering has been completed, the device should be
allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. temperature gradient shall be 5C or less. 260C for more than 10 seconds.
Motorola TMOS Power MOSFET Transistor Device Data
11
MTDF1C02HD
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control settings that will give the desired heat pattern. The operator must set temperatures for several heating zones and a figure for belt speed. Taken together, these control settings make up a heating "profile" for that particular circuit board. On machines controlled by a computer, the computer remembers these profiles from one operating session to the next. Figure 15 shows a typical heating profile for use when soldering a surface mount device to a printed circuit board. This profile will vary among soldering systems, but it is a good starting point. Factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. This profile shows temperature versus time. The line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. The two profiles are based on a high density and a low density board. The Vitronics SMD310 convection/infrared reflow soldering system was used to generate this profile. The type of solder used was 62/36/2 Tin Lead Silver with a melting point between 177 -189C. When this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. The components on the board are then heated by conduction. The circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints.
STEP 1 PREHEAT ZONE 1 "RAMP" 200C
STEP 3 STEP 2 VENT HEATING "SOAK" ZONES 2 & 5 "RAMP"
DESIRED CURVE FOR HIGH MASS ASSEMBLIES 150C
STEP 5 STEP 4 HEATING HEATING ZONES 3 & 6 ZONES 4 & 7 "SPIKE" "SOAK" 170C 160C
STEP 6 VENT
STEP 7 COOLING 205 TO 219C PEAK AT SOLDER JOINT
150C SOLDER IS LIQUID FOR 40 TO 80 SECONDS (DEPENDING ON MASS OF ASSEMBLY)
100C 100C
140C
DESIRED CURVE FOR LOW MASS ASSEMBLIES 50C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
Figure 15. Typical Solder Heating Profile
12
Motorola TMOS Power MOSFET Transistor Device Data
MTDF1C02HD
PACKAGE DIMENSIONS
-A-
K
-B-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. MILLIMETERS MIN MAX 2.90 3.10 2.90 3.10 --- 1.10 0.25 0.40 0.65 BSC 0.05 0.15 0.13 0.23 4.75 5.05 0.40 0.70 INCHES MIN MAX 0.114 0.122 0.114 0.122 --- 0.043 0.010 0.016 0.026 BSC 0.002 0.006 0.005 0.009 0.187 0.199 0.016 0.028
PIN 1 ID
G D 8 PL 0.08 (0.003)
M
TB
S
A
S
-T-
SEATING PLANE
0.038 (0.0015) H
C J L
DIM A B C D G H J K L
CASE 846A-02 ISSUE C MICRO8
STYLE 2: PIN 1. 2. 3. 4. 5. 6. 7. 8.
SOURCE 1 GATE 1 SOURCE 2 GATE 2 DRAIN 2 DRAIN 2 DRAIN 1 DRAIN 1
Motorola TMOS Power MOSFET Transistor Device Data
13
MTDF1C02HD
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 81-3-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
14
MTDF1C02HD/D Motorola TMOS Power MOSFET Transistor Device Data


▲Up To Search▲   

 
Price & Availability of MTDF1C02HD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X