Part Number Hot Search : 
AS5304 CCA028V1 C3216X7 AD1838AS 85238 CX162 OMAP2430 KA7533
Product Description
Full Text Search
 

To Download MMBT5962 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5962/ MMBT5962
Discrete POWER & Signal Technologies
2N5962
MMBT5962
C
E C BE
TO-92 SOT-23
Mark: 117
B
NPN General Purpose Amplifier
This device is designed for use as low noise, high gain, general purpose amplifiers requiring collector currents to 50 mA. Sourced from Process 07. See 2N5088 for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
45 45 8.0 100 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient 2N5962 625 5.0 83.3 200
Max
*MMBT5962 350 2.8 357
Units
mW mW/C C/W C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
(c) 1997 Fairchild Semiconductor Corporation
2N5962/ MMBT5962
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current I C = 5.0 mA, IB = 0 I C = 10 A, I E = 0 I E = 10 A, IC = 0 VCB = 30 V, IE = 0 VCB = 30 V, IE = 0, TA = 65 C VEB = 5.0 V, I C = 0 45 45 8.0 2.0 50 1.0 V V V nA nA nA
ON CHARACTERISTICS*
hFE DC Current Gain VCE = 5.0 V, IC = 10 A VCE = 5.0 V, IC = 100 A VCE = 5.0 V, IC = 1.0 mA VCE = 5.0 V, IC = 10 mA IC = 10 mA, IB = 0.5 mA VCE = 5.0 V, IC = 1.0 mA 450 500 550 600 0.5
VCE(sat) VBE(on)
Collector-Emitter Saturation Voltage Base-Emitter On Voltage
1400 0.2 0.7
V V
SMALL SIGNAL CHARACTERISTICS
Ccb Ceb hfe Collector-Base Capacitance Emitter-Base Capacitance Small-Signal Current Gain VCB = 5.0 V VEB = 0.5 V IC = 10 mA, VCE = 5.0 V, f = 1.0 kHz IC = 10 mA, VCE = 5.0 V, f = 100 MHz VCE = 5.0 V, IC = 10 A, RS = 10 k, f = 1.0 kHz, BW = 400 Hz VCE = 5.0 V, IC = 100 A, RS = 1.0 k, f = 1.0 kHz, BW = 400 Hz VCE = 5.0 V, IC = 100 A, RS = 10 k, f = 1.0 kHz, BW = 400 Hz VCE = 5.0 V, IC = 100 A, RS = 100 k, f = 1.0 kHz, BW = 400 Hz VCE = 5.0 V, IC = 10 A, RS = 10 k, f = 10 Hz -10 kHz BW = 15.7 kHz 600 1.0 4.0 6.0 200 pF pF
NF
Noise Figure
3.0
dB
6.0
dB
4.0
dB
8.0
dB
3.0
dB
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%


▲Up To Search▲   

 
Price & Availability of MMBT5962

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X