Part Number Hot Search : 
IP08BS 134144 74LVT1 SD103AW 32M50 SF1097A 74LVT1 2950A
Product Description
Full Text Search
 

To Download MKT1822 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKT 1822
Vishay Roederstein
Metallized Polyester Film Capacitor Related Document: IEC 60384-2
MAIN APPLICATIONS:
Blocking, bypassing, filtering, timing, coupling and decoupling circuits, interference suppression in low voltage applications.
L Max.
Dimensions in millimeters
W Max. Marking
MARKING:
Manufacturer's logo/type/C-value/rated voltage/tolerance/ date of manufacture
DIELECTRIC:
Polyester film
0.6
H Max.
ELECTRODES:
Vacuum deposited aluminum
COATING:
Flame retardant plastic case (UL-class 94 V-0), green, epoxy resin sealed Flame class B according to IEC 60065 available on request
PCM 0.4 0.8
6-1
0.4
CONSTRUCTION:
Extended metallized film (refer to general information)
TIME CONSTANT:
Measured at 100 VDC (63 VDC series measured at 50 VDC) after one minute
LEADS:
Tinned wire
For C > 0.33F and UR > 100 VDC:
10,000 s minimum value (40,000 s typical value)
IEC TEST CLASSIFICATION:
55/100/56, according to IEC 60068
For C > 0.33F and UR 100 VDC:
5000 s minimum value (15,000 s typical value)
TEMPERATURE RANGE:
- 55C to + 100C
CAPACITANCE DRIFT:
Up to + 40C, 1.5% for a period of two years
CAPACITANCE RANGE:
1000pF to 15F
CAPACITANCE TOLERANCES:
20% (M), 10% (K), 5% (J)
DERATING FOR DC AND AC. CATEGORY VOLTAGE UC:
At + 85C: UC = 1.0 UR At + 100C: UC = 0.8 UR
RATED VOLTAGES (UR):
63 VDC, 100 VDC, 250 VDC, 400 VDC, 630 VDC, 1000 VDC
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz:
40 VAC, 63 VAC, 160 VAC, 200 VAC, 220 VAC, 220 VAC
SELF INDUCTANCE:
~ 6 nH measured with 2mm long leads
TEST VOLTAGE (ELECTRODE/ELECTRODE):
1.6 x UR for 2 s
PULL TEST ON LEADS:
30 N in direction of leads according to IEC 60068-2-21
INSULATION RESISTANCE:
Measured at 100 VDC (63 VDC series measured at 50 VDC) after one minute
RELIABILITY:
Operational life > 300,000 h Failure rate < 2 FIT (40C and 0.5 x UR) For further details, please refer to the general information provided in this catalog.
For C 0.33F and UR > 100 VDC: For C 0.33F and UR 100 VDC: MAXIMUM PULSE RISE TIME
PCM (mm) 10 15 22.5 27.5 63 VDC 11 7 4 3
30,000 M minimum value (100,000 M typical value) 15,000 M minimum value (50,000 M typical value)
Maximum pulse rise time dv/dt [V/s] 100 VDC 13 8 5 4 250 VDC 22 13 8 6 400 VDC 37 21 13 10 630 VDC 60 33 19 14 1000 VDC 130 65 34 25
If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted.
DISSIPATION FACTOR TAN
MEASURED AT 1kHz 10kHz 100kHz C 0.1F 8 x 10 15 x 10-3 25 x 10-3
-3
0.1F < C 1.0F 8 x 10 15 x 10-3 -- Maximum values
-3
C > 1.0F 10 x 10-3 -- --
Document Number 26012 Revision 02-Dec-03
For technical questions, contact dc-film@vishay.com
www.vishay.com 47
MKT 1822
Vishay Roederstein Metallized Polyester, Related Document.: IEC 60384-2
CAPACITANCE CAPACITANCE CODE VOLTAGE CODE 06 63 VDC/40 VAC W 1000 pF 1500 pF 2200 pF 3300 pF 4700 pF 6800 pF 0.01 F 0.015 F 0.022 F 0.033 F 0.047 F 0.068 F 0.1 F 0.15 F 0.22 F 0.33 F 0.47 F 0.68 F 1.0 F 1.5 F 2.2 F 3.3 F 4.7 F 6.8 F 10.0 F 15.0 F - 210 - 215 - 222 - 233 - 247 - 268 - 310 - 315 - 322 - 333 - 347 - 368 - 410 - 415 - 422 - 433 - 447 - 468 - 510 - 515 - 522 - 533 - 547 - 568 - 610 - 615 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4.0 4.0 5.5 5.5 5.5 6.5 7.5 7.5 8.5 10.5 11.5 13.5 H -- -- -- -- -- -- -- -- -- -- -- -- -- -- 9.0 9.0 10.5 10.5 10.5 12.5 13.5 15.5 16.5 18.5 20.5 23.5 L -- -- -- -- -- -- -- -- -- -- -- -- -- -- 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 PCM -- -- -- -- -- -- -- -- -- -- -- -- -- -- 10 10 10 15 15 15 15 22.5 22.5 22.5 27.5 27.5 W -- -- -- -- -- -- -- -- -- -- -- 4.0 4.0 4.0 4.5 5.5 5.5 6.5 7.5 7.5 8.5 10.5 11.5 13.5 15.0 16.5 VOLTAGE CODE 01 100 VDC/63 VAC H -- -- -- -- -- -- -- -- -- -- -- 9.0 9.0 9.0 9.5 10.5 10.5 12.5 13.5 15.5 16.5 18.5 20.5 23.5 24.5 29.5 L -- -- -- -- -- -- -- -- -- -- -- 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 31.5 31.5 PCM -- -- -- -- -- -- -- -- -- -- -- 10 10 10 10 15 15 15 15 22.5 22.5 22.5 27.5 27.5 27.5 27.5 W -- -- -- -- -- -- -- -- -- 4.0 4.0 4.5 5.5 5.5 5.5 6.5 6.5 7.5 8.5 9.0 11.5 13.5 -- -- -- -- VOLTAGE CODE 25 250 VDC/160 VAC H -- -- -- -- -- -- -- -- -- 9.0 9.0 9.5 10.5 10.5 10.5 12.5 14.5 15.5 16.5 18.5 20.5 23.5 -- -- -- -- L -- -- -- -- -- -- -- -- -- 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 31.5 -- -- -- -- PCM -- -- -- -- -- -- -- -- -- 10 10 10 15 15 15 15 22.5 22.5 22.5 27.5 27.5 27.5 -- -- -- --
RECOMMENDED PACKAGING
LETTER CODE D G F W V G -- TYPE OF PACKAGING AMMO AMMO REEL REEL REEL AMMO BULK HEIGHT (H) (mm) 16.5 18.5 16.5 18.5 18.5 18.5 -- REEL DIAMETER (mm) S* S* 350 350 500 L* -- ORDERING CODE EXAMPLE MKT 1822-422-065-D MKT 1822-422-065-G MKT 1822-422-065-F MKT 1822-422-065-W MKT 1822-510-255-V MKT 1822-510-255-G MKT 1822-510-255 PCM 10 X X X X -- -- X PCM 15 X X X X X -- X PCM 22.5 - 27.5 -- -- -- -- X X X
*S = box size 55 x 210 x 340mm (W x H x L) *L = box size 60 x 360 x 510mm (W x H x L)
www.vishay.com 48
For technical questions, contact dc-film@vishay.com
Document Number 26012 Revision 02-Dec-03
MKT 1822
Metallized Polyester, Related Document.: IEC 60384-2 Vishay Roederstein
CAPACITANCE CAPACITANCE CODE VOLTAGE CODE 40 400 VDC/200 VAC W 1000 pF 1500 pF 2200 pF 3300 pF 4700 pF 6800 pF 0.01 F 0.015 F 0.022 F 0.033 F 0.047 F 0.068 F 0.1 F 0.15 F 0.22 F 0.33 F 0.47 F 0.68 F 1.0 F 1.5 F 2.2 F 3.3 F 4.7 F 6.8 F 10.0 F 15.0 F - 210 - 215 - 222 - 233 - 247 - 268 - 310 - 315 - 322 - 333 - 347 - 368 - 410 - 415 - 422 - 433 - 447 - 468 - 510 - 515 - 522 - 533 - 547 - 568 - 610 - 615 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 5.5 5.5 5.5 6.5 7.5 8.5 10.5 11.5 11.5 13.5 -- -- -- -- -- -- H 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 10.5 10.5 10.5 12.5 15.5 16.5 18.5 20.5 20.5 23.5 -- -- -- -- -- -- L 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 31.5 -- -- -- -- -- -- PCM 10 10 10 10 10 10 10 10 10 10 15 15 15 15 22.5 22.5 22.5 27.5 27.5 27.5 -- -- -- -- -- -- W 4.0 4.0 4.0 4.0 4.0 4.0 4.0 5.5 6.5 5.5 6.5 7.5 6.5 7.5 8.5 11.5 11.5 13.5 15.0 -- -- -- -- -- -- -- VOLTAGE CODE 63* 630 VDC/220 VAC H 9.0 9.0 9.0 9.0 9.0 9.0 9.0 10.5 11.5 10.5 12.5 13.5 14.5 15.5 16.5 20.5 20.5 23.5 24.5 -- -- -- -- -- -- -- L 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 31.5 31.5 -- -- -- -- -- -- -- PCM 10 10 10 10 10 10 10 10 10 15 15 15 22.5 22.5 22.5 27.5 27.5 27.5 27.5 -- -- -- -- -- -- -- W 4.0 4.0 4.0 4.0 5.5 6.5 5.5 6.5 7.5 6.5 7.5 8.5 10.5 11.5 13.5 16.5 20.0 -- -- -- -- -- -- -- -- -- VOLTAGE CODE 10* 1000 VDC/220 VAC H 9.0 9.0 9.0 9.0 10.5 11.5 10.5 12.5 13.5 14.5 15.5 16.5 18.5 20.5 23.5 29.5 35.0 -- -- -- -- -- -- -- -- -- L 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 26.5 26.5 26.5 26.5 31.5 31.5 31.5 31.5 -- -- -- -- -- -- -- -- -- PCM 10 10 10 10 10 10 15 15 15 22.5 22.5 22.5 22.5 27.5 27.5 27.5 27.5 -- -- -- -- -- -- -- -- --
Further C-values upon request. *Not suitable for mains applications. Please refer to X-capacitors in out catalog "RFI Suppression Components".
RECOMMENDED PACKAGING
LETTER CODE D G F W V G -- TYPE OF PACKAGING AMMO AMMO REEL REEL REEL AMMO BULK HEIGHT (H) (mm) 16.5 18.5 16.5 18.5 18.5 18.5 -- REEL DIAMETER (mm) S* S* 350 350 500 L* -- ORDERING CODE EXAMPLE MKT 1822-422-065-D MKT 1822-422-065-G MKT 1822-422-065-F MKT 1822-422-065-W MKT 1822-510-255-V MKT 1822-510-255-G MKT 1822-522-255 PCM 10 X X X X -- -- X PCM 15 X X X X X -- X PCM 22.5 - 27.5 -- -- -- -- X X X
*S = box size 55 x 210 x 340mm (W x H x L) *L = box size 60 x 360 x 510mm (W x H x L) Document Number 26012 Revision 02-Dec-03 For technical questions, contact dc-film@vishay.com www.vishay.com 49
MKT 1822
Vishay Roederstein Metallized Polyester, Related Document.: IEC 60384-2
V RMS
7 5 3 2 10 7 5 3 2
63 VDC Capacitance in F
V RMS
100
100 7 5 3 2 10 7 5
0.1 0.3 3 0.6 8 1.5 3.3
Capacitance in F
0.3 3 0.6 8 1.5 3.3 6.8 10 15
3 2 100 VDC 1
4.7 10 15
1 102 2 3 57 103 2 3 57 104 2 3 57 105 f [Hz]
102
2
3
5 7 103
2
3
57
104
2
3
5 7 105 f [Hz]
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
V RMS
7 5 3 2
0.0 33 0.0 3.3 47 0.1 0.2
Capacitance in F
V RMS
1000
1000 7 5 3 2 100 7 5
Capacitance in pF and F
10
00 22 00 47 00 0.0 22 0.0 1
100 7 5 3 2 250 VDC 10 102 2 3
1.5
1
0.4
7 0.22
2.2
1
0.4
7
2
3 2 400 VDC 10
0.1 0 .04 7
5 7 103
2
3
57
104
2
3
5 7 105 f [Hz]
102
2
3
5 7 103
2
3
57
104
2
3
5 7 105 f [Hz]
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
V RMS
7 5 3 2 100 7 5 3 2 630 VDC 10 102 2 3 5 7 103 2 3
Capacitance in pF and F
V RMS
1000
1000 7 5 3 2 100 7 5 3 2
0.4 7 0.2
Capacitance in pF and F
47
00
22 0.0
00
10
00
10 2 0.1 0.0 47 0.0 22
00 22 0.0 00 47 00
1 0.0 2
1.0
2 0.0 47 0.1 0.4 7 0.2
1
2
1000 VDC 10 5 7 105 f [Hz] 102 2 3 5 7 103 2 3 57 104 2 3 5 7 105 f [Hz]
57
104
2
3
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
www.vishay.com 50
For technical questions, contact dc-film@vishay.com
Document Number 26012 Revision 02-Dec-03


▲Up To Search▲   

 
Price & Availability of MKT1822

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X