Part Number Hot Search : 
RP100 IM04GR Q6700 FXP6000 100262 UNR4121 2587P9 100GN
Product Description
Full Text Search
 

To Download MKT1820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKT 1820
Vishay Roederstein
Metallized Polyester Film Capacitor Related Document: IEC 60384-2
MAIN APPLICATIONS:
Blocking, bypassing, filtering, timing, coupling and decoupling circuits, interference suppression in low voltage applications. High temperature operations.
Dimensions in millimeters
L Max. W Marking
MARKING:
Manufaturer's logo/type/C-Value/rated voltage/tolerance/ date of manufature
0.6
H
DIELECTRIC:
Polyester film
ELECTRODES:
Vacuum deposited aluminum
6-1 PCM 0.4 0.8
0.4
COATING:
Flame retardant plastic case (UL-class 94 V-0), green, epoxy resin sealed
For C 0.33F and UR > 100 VDC: For C 0.33F and UR 100 VDC:
30,000 M minimum value (100,000 M typical value) 15,000 M minimum value (50,000 M typical value) TIME CONSTANT: Measured at 100 VDC (63 VDC series measured at 50 VDC) after one minute
CONSTRUCTION:
Extended metallized film (refer to general information)
LEADS:
Tinned wire
For C > 0.33F and UR > 100 VDC: For C > 0.33F and UR 100 VDC: CAPACITANCE DRIFT:
IEC TEST CLASSIFICATION:
55/125/56, according to IEC 60068
10,000 s minimum value (40,000 s typical value) 5000 s minimum value (15,000 s typical value) Up to + 40C, 1.5% for a period of two years
TEMPERATURE RANGE:
- 55C to + 125C
CAPACITANCE RANGE:
1000pF to 15F
DERATING FOR DC AND AC. CATEGORY VOLTAGE UC:
At + 85C: UC = 1.0 UR At + 100C: UC = 0.8 UR At + 125C: UC = 0.5 UR (maximum 1000 h)
CAPACITANCE TOLERANCES:
20% (M), 10% (K), 5% (J)
RATED VOLTAGES (UR):
SELF INDUCTANCE:
~ 6 nH measured with 2mm long leads
63 VDC, 100 VDC, 250 VDC, 400 VDC, 630 VDC, 1000 VDC
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz:
40 VAC, 63 VAC, 160 VAC, 200 VAC, 220 VAC, 220 VAC
PULL TEST ON LEADS:
30 N in direction of leads according to IEC 60068-2-21
TEST VOLTAGE (ELECTRODE/ELECTRODE):
1.6 x UR for 2 s
RELIABILITY:
Operational life > 300,000 h Failure rate < 2 FIT (40C and 0.5 x UR) For further details, please refer to the general information provided in this catalog.
INSULATION RESISTANCE:
Measured at 100 VDC (63 VDC series measured at 50 VDC) after one minute
MAXIMUM PULSE RISE TIME
PCM
Maximum Pulse Rise Time dv/dt [V/s] 63 VDC 6 4 2.5 -- 100 VDC 9 5 3 2.5 250 VDC 18 10 6 5 400 VDC 26 16 9 7 630 VDC 35 33 19 14 1000 VDC 130 65 34 25
(mm) 10 15 22.5 27.5
If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted.
DISSIPATION FACTOR TAN
MEASURED AT 1kHz 10kHz 100kHz
Document Number 26011 Revision 01-Dec-03
C 0.1F 8 x 10-3 15 x 10-3 25 x 10-3
0.1F < C 1.0F 8 x 10-3 15 x 10-3 -- Maximum values
C > 1.0F 10 x 10-3 -- --
www.vishay.com 43
For technical questions, contact dc-film@vishay.com
MKT 1820
Vishay Roederstein
CAPACITANCE CAPACITANCE CODE
Metallized Polyester, Related Document: IEC 60384-2
VOLTAGE CODE 06 63 VDC/40 VAC W H -- -- -- -- -- -- -- -- -- -- -- -- -- -- 8.0 8.0 8.0 9.0 9.5 10.5 11.5 12.5 13.5 14.5 17.5 16.5 L -- -- -- -- -- -- -- -- -- -- -- -- -- -- 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 PCM -- -- -- -- -- -- -- -- -- -- -- -- -- -- 10 10 10 10 10 10 10 15 15 15 15 22.5 W -- -- -- -- -- -- -- -- -- -- -- 3.5 3.5 3.5 3.5 4.0 4.5 5.5 5.5 6.5 6.5 8.5 7.5 8.5 10.5 11.5 VOLTAGE CODE 01 100 VDC/63 VAC H -- -- -- -- -- -- -- -- -- -- -- 8.0 8.0 8.0 8.0 9.0 9.5 10.5 10.5 12.5 12.5 14.5 15.5 16.5 18.5 20.5 L -- -- -- -- -- -- -- -- -- -- -- 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 PCM -- -- -- -- -- -- -- -- -- -- -- 10 10 10 10 10 10 10 15 15 15 15 22.5 22.5 22.5 27.5 W -- -- -- -- -- -- -- -- 3.5 3.5 3.5 3.5 4.5 5.5 6.5 5.5 6.5 7.5 8.5 8.5 10.5 12.5 13.5 -- -- -- VOLTAGE CODE 25 250 VDC/160 VAC H -- -- -- -- -- -- -- -- 8.0 8.0 8.0 8.0 9.5 10.5 11.5 10.5 12.5 13.5 14.5 16.5 18.5 20.0 23.5 -- -- -- L -- -- -- -- -- -- -- -- 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 -- -- -- PCM -- -- -- -- -- -- -- -- 10 10 10 10 10 10 10 15 15 15 15 22.5 22.5 22.5 27.5 -- -- --
1000 pF 1500 pF 2200 pF 3300 pF 4700 pF 6800 pF 0.01 F 0.015 F 0.022 F 0.033 F 0.047 F 0.068 F 0.10 F 0.15 F 0.22 F 0.33 F 0.47 F 0.68 F 1.0 F 1.5 F 2.2 F 3.3 F 4.7 F 6.8 F 10.0 F 15.0 F
- 210 - 215 - 222 - 233 - 247 - 268 - 310 - 315 - 322 - 333 - 347 - 368 - 410 - 415 - 422 - 433 - 447 - 468 - 510 - 515 - 522 - 533 - 547 - 568 - 610 - 615
-- -- -- -- -- -- -- -- -- -- -- -- -- -- 3.5 3.5 3.5 4.0 4.5 5.5 6.5 6.5 7.5 8.5 8.5 8.5
Further values upon request.
RECOMMENDED PACKAGING
LETTER CODE D G F W V G -- TYPE OF PACKAGING AMMO AMMO REEL REEL REEL AMMO BULK HEIGHT (H) (mm) 16.5 18.5 16.5 18.5 18.5 18.5 -- REEL DIAMETER (mm) S* S* 350 350 500 L* -- ORDERING CODE EXAMPLES MKT 1820-422/065-D MKT 1820-422/065-G MKT 1820-422/065-F MKT 1820-422/065-W MKT 1820-610/015-V MKT 1820-610/015-G MKT 1820-615/015 PCM 10 X X X X -- -- X PCM 15 X X X X X -- X PCM 22.5 - 27.5 -- -- -- -- X X X
*S = box size 55 x 210 x 340mm (W x H x L) *L = box size 60 x 360 x 510mm (W x H x L) www.vishay.com 44 For technical questions, contact dc-film@vishay.com Document Number 26011 Revision 01-Dec-03
MKT 1820
Metallized Polyester, Related Document: IEC 60384-2
CAPACITANCE CAPACITANCE CODE VOLTAGE CODE 40 400 VDC/200 VAC W 1000 pF 1500 pF 2200 pF 3300 pF 4700 pF 6800 pF 0.01 F 0.015 F 0.022 F 0.033 F 0.047 F 0.068 F 0.10 F 0.15 F 0.22 F 0.33 F 0.47 F 0.68 F 1.0 F 1.5 F 2.2 F - 210 - 215 - 222 - 233 - 247 - 268 - 310 - 315 - 322 - 333 - 347 - 368 - 410 - 415 - 422 - 433 - 447 - 468 - 510 - 515 - 522 -- -- -- -- -- -- 3.5 3.5 3.5 4.0 4.5 5.5 6.5 6.5 6.5 7.5 8.5 8.5 10.5 11.5 13.5 H -- -- -- -- -- -- 8.0 8.0 8.0 9.0 9.5 10.5 11.5 12.5 12.5 13.5 17.5 16.5 18.5 20.5 23.5 L -- -- -- -- -- -- 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 18.0 26.5 26.5 31.5 31.5 PCM -- -- -- -- -- -- 10 10 10 10 10 10 10 15 15 15 15 22.5 22.5 27.5 27.5 W 3.5 3.5 3.5 3.5 3.5 3.5 4.0 4.5 5.5 5.5 6.5 7.5 6.5 7.5 8.5 11.5 11.5 13.5 15.0 -- -- VOLTAGE CODE 63* 630 VDC/220 VAC H 8.0 8.0 8.0 8.0 8.0 8.0 9.0 9.5 10.5 10.5 12.5 13.5 14.5 15.5 16.5 20.5 20.5 23.5 24.5 -- -- L 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 31.5 31.5 -- -- PCM 10 10 10 10 10 10 10 10 10 15 15 15 22.5 22.5 22.5 27.5 27.5 27.5 27.5 -- -- W 4.0 4.0 4.0 4.0 5.5 6.5 5.5 6.5 7.5 6.5 7.5 8.5 10.5 11.5 13.5 16.5 20.0 -- -- -- --
Vishay Roederstein
VOLTAGE CODE 10* 1000 VDC/220 VAC H 9.0 9.0 9.0 9.0 10.5 11.5 10.5 12.5 13.5 14.5 15.5 16.5 18.5 20.5 23.5 29.5 35.0 -- -- -- -- L 13.0 13.0 13.0 13.0 13.0 13.0 18.0 18.0 18.0 26.5 26.5 26.5 26.5 31.5 31.5 31.5 31.5 -- -- -- -- PCM 10 10 10 10 10 10 15 15 15 22.5 22.5 22.5 22.5 27.5 27.5 27.5 27.5 -- -- -- --
Further C-values upon request. *Not suitable for mains applications. Please refer to X-capacitors in our catalog "RFI Suppression Components".
RECOMMENDED PACKAGING
LETTER CODE D G F W V G -- TYPE OF PACKAGING AMMO AMMO REEL REEL REEL AMMO BULK HEIGHT (H) (mm) 16.5 18.5 16.5 18.5 18.5 18.5 -- REEL DIAMETER (mm) S* S* 350 350 500 L* -- ORDERING CODE EXAMPLES MKT 1820-410/405-D MKT 1820-410/405-G MKT 1820-410/405-F MKT 1820-410/405-W MKT 1820-422/635-V MKT 1820-422/635-G MKT 1820-515/405 PCM 10 X X X X -- -- X PCM 15 X X X X X -- X PCM 22.5 - 27.5 -- -- -- -- X X X
*S = box size 55 x 210 x 340mm (W x H x L) *L = box size 60 x 360 x 510mm (W x H x L)
Document Number 26011 Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
www.vishay.com 45
MKT 1820
Vishay Roederstein Metallized Polyester, Related Document: IEC 60384-2
V RMS
100 7 5 3 2 10 7 5 3 2 1 10
2
V RMS
Capacitance in F
0.3 3
0.6 8 1.5 3.3 6.8 10 15
100 7 5 3 2 10 7 5 3 2 100 VDC 1
0.1
0.3 3 0.6 8
1.5
Capacitance in F
3.3 4.7 10 15
63 VDC 2 3 5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
102
2
3
5 7 103
2
3
5 7 104
2
3
5 7 105 f [Hz]
f [Hz]
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
V RMS
V RMS
1000 7 5 3 2
0.0
Capacitance in F
1000 7 5 3 2
Capacitance in F
100 7 5 3 2 250 VDC 10 10
2
33 0.0 47 0.1
100 7 5
0.2 2
1.5
1
0.4
7
0.2
2
0.1
0.0
3.3
2.2
1
0.4 7
3 2 400 VDC 10
47
0.0
22
0.0
1
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
102
2
3
5 7 103
2
3
5 7 104
2
3
5 7 105 f [Hz]
f [Hz]
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
V RMS
1000 7 5 3 2 100 7 5 3 2 630 VDC 10 102 2 3 5 7 103 2 3
1.0 0.4 7 0.2 2
Capacitance in pF and F
1000 7 5 3 2
V RMS
Capacitance in pF and F
10 00
10 00
0.1
22 0.0 47
0.0 22
00 1
0.0
47 00
100 7 5 3 2 1000 VDC 10 102 2 3
0.4
7
0.2
2
0.1
0.0
22
47
0.0
22
00 0.0 1 470
0
5 7 104
2
3
5 7 105 f [Hz]
5 7 103
2
3
5 7 104
2
3
5 7 105 f [Hz]
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
www.vishay.com 46
For technical questions, contact dc-film@vishay.com
Document Number 26011 Revision 01-Dec-03


▲Up To Search▲   

 
Price & Availability of MKT1820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X