Part Number Hot Search : 
MS274 TSTA7300 1755I SMC24 O2375A 226X0025 TSTA7300 LM317LS
Product Description
Full Text Search
 

To Download MKT1813 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKT 1813
Vishay Roederstein
Metallized Polyester Film Capacitor Related Document: IEC 60384-2
MAIN APPLICATIONS:
Blocking, bypassing, filtering, timing, coupling and decoupling, interference suppression in low voltage applications.
Dimensions in millimeters
Od 40.0 5.0 L Max. 40.0 5.0 D Max.
MARKING:
Manufacturer's logo/type/C-value/rated voltage/tolerance/ date of manufacture
d 0.6 0.7 0.8 1.0
D 5.0 > 5.0 7.0 > 7.0 < 16.5 16.5
DIELECTRIC:
Polyester film
ELECTRODES:
Vacuum deposited aluminum
COATING:
Plastic-wrapped, epoxy resin sealed. Also available as flame retardant version.
TIME CONSTANT:
Measured at 100 VDC (63 VDC series measured at 50 VDC) after one minute For C > 0.33F and UR > 100 VDC 10,000 s minimum value (20,000 s typical value) For C > 0.33F and UR 100 VDC 5000 s minimum value (15,000 s typical value)
CONSTRUCTION:
Extended metallized film (refer to general information)
LEADS:
Tinned wire
IEC TEST CLASSIFICATION:
55/100/56, according to IEC 60068
OPERATING TEMPERATURE RANGE:
- 55C to + 100C
CAPACITANCE DRIFT:
Up to + 40C, 1.5% for a period of two years
CAPACITANCE RANGE:
470pF to 22F
DERATING FOR DC AND AC. CATEGORY VOLTAGE UC:
At + 85C: UC = 1.0 UR At + 100C: UC = 0.8 UR
CAPACITANCE TOLERANCES:
20% (M), 10% (K), 5% (J)
RATED VOLTAGES (UR):
63 VDC, 100 VDC, 250 VDC, 400 VDC, 630 VDC, 1000 VDC
SELF INDUCTANCE:
~ 12nH mesured with 6mm long leads
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz:
40 VAC, 63 VAC, 160 VAC, 200 VAC, 220 VAC, 220 VAC
PULL TEST ON LEADS:
20 N in direction of leads accoring to IEC 60068-2-21
TEST VOLTAGE (ELECTRODE/ELECTRODE)
1.6 x UR for 2 s
BEND TEST ON LEADS:
Two bends through 90C with half of the force used in pull test
INSULATION RESISTANCE:
Measured at 100 VDC (63 VDC series measured at 50 VDC) after one minute For C 0.33F and UR > 100 VDC 30,000 M minimum value (60,000 M typical value) For C 0.33F and UR 100 VDC 15,000 M minimum value (50,000 M typical value)
RELIABILITY:
Operational life > 300,000 h Failure rate < 2 FIT (40C and 0.5 x UR) For further details, please refer to the general information provided in this catalog.
MAXIMUM PULSE RISE TIME
CAPACITOR LENGTH (mm) 11 14 19 26.5 31.5 41.5 63 VDC 12 11 7 4 3 2 100 VDC 18 13 8 5 4 3 MAXIMUM PULSE RISE TIME dv/dt [V/s] 250 VDC 32 22 13 8 6 5 400 VDC 56 37 21 13 10 7 630 VDC 84 66 33 19 15 10 1000 VDC -- 175 65 34 25 17
If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted. Document Number 26013 Revision 01-Dec-03 For technical questions, contact dc-film@vishay.com www.vishay.com 31
MKT 1813
Vishay Roederstein
DISSIPATION FACTOR TAN
MEASURED AT 1kHz 10kHz 100kHz C 0.1F 8 x 10-3 15 x 10-3 25 x 10
-3
Metallized Polyester, Related Document.: IEC 60384-2
0.1F < C 1.0F 8 x 10-3 15 x 10-3 -- Maximum Values
C > 1.0F 10 x 10-3 -- --
CAPACITANCE CAPACITANCE CODE
VOLTAGE CODE 06 63 VDC/ 40 VAC D L -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 11.0 11.0 -- 14.0 -- 14.0 -- 19.0 -- 19.0
VOLTAGE CODE 01 100 VDC/ 63 VAC D -- -- -- -- -- -- -- -- -- -- -- -- -- 5.0 5.0 -- 5.5 6.0 -- 6.0 -- 6.5 -- 7.0 -- 8.5 L -- -- -- -- -- -- -- -- -- -- -- -- -- 11.0 11.0 -- 11.0 14.0 -- 19.0 -- 19.0 -- 19.0 -- 19.0
VOLTAGE CODE 25 250 VDC/ 160 VAC D -- -- -- -- -- -- -- -- -- 5.0 5.0 5.0 6.0 6.0 6.0 -- 7.0 7.0 -- 8.0 -- 9.0 -- 8.5 9.0 10.0 L -- -- -- -- -- -- -- -- -- 11.0 11.0 11.0 14.0 14.0 14.0 -- 14.0 19.0 -- 19.0 -- 19.0 -- 26.5 19.0** 26.5
VOLTAGE CODE 40 400 VDC/ 200 VAC D -- -- -- -- -- -- -- 5.0 5.0 6.0 6.0 6.0 7.0 8.0 7.0 -- 8.5 8.0 8.0 9.5 9.5 11.0 -- 11.5 -- 13.5 L -- -- -- -- -- -- -- 11.0 11.0 14.0 14.0 14.0 14.0 14.0 19.0 -- 19.0 26.5 19.0** 26.5 19.0** 26.5 -- 31.5 -- 31.5
VOLTAGE CODE 63* 630 VDC/ 220 VAC D 5.0 5.0 5.0 5.0 5.0 5.0 5.0 6.0 6.0 6.5 7.5 6.5 7.5 8.5 10.5 9.5 10.0 11.5 -- 13.5 -- 14.5 14.0 14.5 -- 16.5 L 11.0 11.0 11.0 11.0 11.0 11.0 11.0 14.0 14.0 14.0 14.0 19.0 19.0 19.0 19.0 19.0** 26.5 26.5 -- 26.5 -- 31.5 26.5** 41.5 -- 41.5
VOLTAGE CODE 10* 1000 VDC/ 220 VAC D -- -- 5.5 6.0 6.0 7.0 6.0 6.0 6.5 7.5 9.0 10.5 12.0 11.0 13.0 -- 13.5 16.0 -- 16.0 -- 19.0 -- -- -- -- L -- -- 14.0 14.0 14.0 14.0 19.0 19.0 19.0 19.0 19.0 19.0 19.0 26.5 26.5 -- 31.5 31.5 -- 41.5 -- 41.5 -- -- -- --
470 pF 680 pF 1000 pF 1500 pF 2200 pF 3300 pF 4700 pF 6800 pF 0.01 F 0.015 F 0.022 F 0.033 F 0.047 F 0.068 F 0.1 F 0.15 F 0.22 F 0.33 F 0.47 F 0.68 F 1.0 F
- 147 - 168 - 210 - 215 - 222 - 233 - 247 - 268 - 310 - 315 - 322 - 333 - 347 - 368 - 410 - 415 - 422 - 433 - 447 - 468 - 510
-- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 5.0 5.0 -- 6.0 -- 7.0 -- 6.5 -- 7.5
Further C-values upon request. PCM = L + 3.5 *Not suitable for mains applications. Please refer to X-capacitors in our catalog "RFI Suppression Capacitors". **For the smaller size please add - M at the end of the type designation (e.g. MKT 1813-510/255-M). Not CECC approved.
www.vishay.com 32
For technical questions, contact dc-film@vishay.com
Document Number 26013 Revision 01-Dec-03
MKT 1813
Metallized Polyester, Related Document.: IEC 60384-2
CAPACITANCE CAPACITANCE CODE VOLTAGE CODE 06 63 VDC/ 40 VAC D 1.5 F 2.2 F 3.3 F 4.7 F 6.8 F 10.0 F 15.0 F 22.0 F - 515 - 522 - 533 - 547 - 568 - 610 - 615 - 622 8.5 -- 8.5 7.5 10.0 8.5 11.5 -- 12.0 14.5 -- 18.0 17.5 L 19.0 -- 26.5 19.0** 26.5 19.0** 26.5 -- 31.5 31.5 -- 31.5 41.5 VOLTAGE CODE 01 100 VDC/ 63 VAC D 8.0 8.0 9.5 9.5 11.5 -- 12.0 -- 14.0 16.5 13.5 20.5 -- L 26.5 19.0** 26.5 19.0** 26.5 -- 31.5 -- 31.5 31.5 31.5** 31.5 -- VOLTAGE CODE 25 250 VDC/ 160 VAC D 11.0 -- 13.0 -- 15.5 14.0 15.5 14.5 17.5 21.0 -- -- -- L 31.5 -- 31.5 -- 31.5 26.5** 41.5 31.5** 41.5 41.5 -- -- -- VOLTAGE CODE 40 400 VDC/ 200 VAC D 14.0 13.0 16.5 -- -- -- -- -- -- -- -- -- -- L 41.5 31.5** 41.5 -- -- -- -- -- -- -- -- -- --
Vishay Roederstein
VOLTAGE CODE 63* 630 VDC/ 220 VAC D -- -- -- -- -- -- -- -- -- -- -- -- -- L -- -- -- -- -- -- -- -- -- -- -- -- -- VOLTAGE CODE 10* 1000 VDC/ 220 VAC D -- -- -- -- -- -- -- -- -- -- -- -- -- L -- -- -- -- -- -- -- -- -- -- -- -- --
Further C-values upon request. PCM = L + 3.5 *Not suitable for mains applications. Please refer to X-capacitors in our catalog "RFI Suppression Capacitors". **For the smaller size please add - M at the end of the type designation (e.g. MKT 1813-510/255-M). Not CECC approved.
RECOMMENDED PACKAGING
LETTER CODE G R -- TYPE OF PACKAGING AMMO REEL BULK for L > 31.5mm REEL DIAMETER (mm) -- 350 -- ORDERING CODE EXAMPLE MKT 1813-422-014-G MKT 1813-422-014-R MKT 1813-422-014 X X X
Document Number 26013 Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
www.vishay.com 33
MKT 1813
Vishay Roederstein
100 7 5 3 2 10 7 5 3 2 1 63 VDC 102 2 3 5 7 103 2 3 5 7 104 2 3 5 7 105 f [Hz]
22
Metallized Polyester, Related Document.: IEC 60384-2
Capacitance in F
0.1 5 0.3 3
0.4 7
100 7 5 3 2 10 7 5 3 2 1 100 VDC 102 2 3 5 7 103 2 3
V RMS
V RMS
0.0 68 0.1
Capacitance in F
5
0.2 2
0.4 7 1 2.2
4.7
15
15
10
1.0 4.7 2.2
5 7 104
2
3
5 7 105 f [Hz]
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
1000 7 5 3 2 100 7 5 3 2 250 VDC 10 102 2 3 5 7 103 2 3
0.0 15 0.0 10 4.7 2.2 1.0 0.3 3 47
Capacitance in F
1000 7 5 3 2 100 7 5 3 2 10
V RMS
V RMS
Capacitance in F
0.0 06 8
0.0 22
2.
2
1.0
0.1
5
0.4 7
0.0
47
0.2
2
0.1
400 VDC 102 2 3 5 7 103 2 3 5 7 104 2 3 5 7 105 f [Hz]
5 7 104
2
3
5 7 105 f [Hz]
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
V RMS
V RMS
1000 7 5 3 2 100 7 5 3 2 10
Capacitance in pF and F
1000 7 5 3 2
Capacitance in pF and F
0.0
1 0.0
0.0 33
47 0
10
00
04
7
0.0
02
2
0.0
01
100 7 5 3
0.1 0.2 2
0.0 0.4 7
47
22 0.0 22 0.0
00 47 00
0.1 1.0 0.2 2
1
2 10
630 VDC 10
2
1000 VDC 102 2 3 5 7 103 2 3 5 7 104 2 3 5 7 105 f [Hz]
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10 f [Hz]
5
Permissible AC Voltage versus Frequency
Permissible AC Voltage versus Frequency
www.vishay.com 34
For technical questions, contact dc-film@vishay.com
Document Number 26013 Revision 01-Dec-03


▲Up To Search▲   

 
Price & Availability of MKT1813

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X