Part Number Hot Search : 
0DC24 TA7668BP TD204228 MX13030 KSJ1M431 ADP160 SR71040A 08P06
Product Description
Full Text Search
 

To Download LT6610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Lamp (LED Lamp Cluster)
s General Description
Sharp can supply 5 models of solid state lamps which are devided into 2 types; o26 mm series and o52 mm series. The radiation color is dichromatic emission type; red(super-luminosity) and yellow-green. They are suited for LED information displays for outdoor use because they featured water-proof structure and high visibility due to the employment of wide viewing angle high-luminosity LED lamps.
LT6610
s Model Line-up
Radiation shape (mm) o26 26!26(Oval lamp type) Yellow-green+ o52 Red(Super-luminosity) o52(Food-cut type) o52(Food-cut type,Oval lamp type) Radiation color Model No. Viewing angle Outline dimensions LT6610 25 1 LT6850 Horizontal35,Vertical15 2 LT6710 3 25 LT6725 4 LT6750 Horizontal35,Vertical15 5
LT6710
s Absolute Maximum Ratings
Model No. LT6610 LT6850 LT6710 LT6725 LT6750 Radiation color Yellow-green Red(Super-luminosity) Yellow-green Red(Super-luminosity) Yellow-green Red(Super-luminosity) Yellow-green Red(Super-luminosity) Yellow-green Red(Super-luminosity) Power dissipation P (W) 0.6 0.3 0.65 0.3 1.7 1.1 2.3 0.8 2.3 0.8 Forward current IF (mA) 60 30 60 30 90 60 120 60 120 60 Reverse current VR (V) 15 15 15 15 24 24 24 24 24 24 Operating temperature Topr. (C) -25 to +60 -25 to +60 -25 to +60 -25 to +60 -25 to +60
(Ta=25C) Storage temperature Tstg. (C) -30 to +100 -30 to +100 -30 to +100 -30 to +100 -30 to +100
s Electro-optical Characteristics
Model No. LT6610 LT6850 LT6710 LT6725 LT6750 Radiation color Yellow-green Red(Super-luminosity) Yellow-green Red(Super-luminosity) Yellow-green Red(Super-luminosity) Yellow-green Red(Super-luminosity) Yellow-green Red(Super-luminosity) Forward voltage VF(V) TYP. MAX. 8.5 9.4 9.3 10.2 10.8 11.8 9.3 10.3 19.0 20.5 18.5 20.0 19.0 20.5 13.2 14.0 19.0 20.5 13.2 14.0 Luminous intensity IV (cd) TYP. 0.8 1.6 1.8 2.0 3.2 6.0 5.0 5.0 5.3 5.6
(Ta=25C) Peak emission wavelength Spectrum radiation bandwidth Reverse current p (nm) (nm) IF IR(A) (mA) TYP. TYP. MAX. 565 30 40 100 660 20 20 100 565 30 40 100 660 20 20 100 565 30 60 100 660 20 40 100 565 30 40 100 660 20 80 100 565 30 80 100 660 20 40 100 VR (V) 15 15 15 15 24 24 24 24 24 24
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. (Internet) Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/) (Notice)
12
Solid State Lamp Outline Dimensions(Unit:mm)
Radiation Diagrams
LT6610
-30 -40 -20 -10 0 100 +10 +20 +30 +40 -40 -30 -20 -10 0 100 +10
(Ta=25C)
LT6710/LT6725
+20 +30
(Ta=25C)
+40
Relative luminous intensity(%)
-50
+50 60
-50
Relative luminous intensity(%)
80
80 +50 60
-60
+60 40 +70 20
-60
+60 40 +70 20
-70
-70
-80
+80
-80
+80
-90 0
+90
-90 0
+90
(Ta=25C)
LT6850/LT6750
-30 -40 -20 -10 0 100 +10 +20 +30 +40
80 -50 Relative luminous intensity(%) +50 60
-60
+60 40 +70 20
-70
-80
+80
-90 0
+90
*As for current conditions, refer to IF in electro-optical characteristics.
1
2
26.0
o26 5.0
36
6
lead
123
250 10
6
3.0
o2.5 0.1
3
28.0
13.0
26.0
lead Connector EHR-3(JST corp.) Suited base post B3B-EH(JST corp.)
123
o2.5
250 10.0
Connector EHR-3(JST corp.) Suited base post B3B-EH(JST corp.)
6
6
0.2
3.0
M3 6mm depth
o17.5 o22.5
Internal connection diagram
o 22.5
o 17.6
5
7.0
1
Red
Internal connection diagram Red 1 3 Yellow-green 2 3
3
M3 6mm depth (6.0) 6.0 0.3 Yellow-green
2
LT6610
(Notice)
LT6850
devices catalogs, data books, etc. Contact SHARP 4 (Internet) Data forshown inoptoelectronic/power device is provided for in order to obtain the latest device specification sheets before using any SHARP device. sharp's internet.(Address http://www.sharp.co.jp/ecg/)
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
Solid State Lamp Outline Dimensions(Unit:mm)
3 4
3
o52
o52
43
56
10
10
lead
o3 0.1
4
33
5
500 20
lead
o3 0.1
123
12 150.2 Connector EHR-3(JST corp.) Suited base post B3B-EH(JST corp.) 5
500 20
M4 6mm depth
123
4
Connector EHR-3(JST corp.) Suited base post B3B-EH(JST corp.)
o48.5 o41.5
o41.5 o48.5
Internal connection diagram Red 1 3 Yellow-green 2 6
12.5
Internal connection diagram Red 1 3
M4 6mm depth
12
[12] 150.2
Yellow-green
2
LT6710
LT6725
5
o 52.0
56.0 10
lead
33.0
5.0
3.0
500 20.0
o 3.0 0.1
123
4.0
Connector EHR-3(JST corp.) Suited base post B3B-EH(JST corp.)
M4 6mm depth 5
o 48.5 o 41.5
12
Internal connection diagram
1
Red
(12.0) 15.00.2
2 3
Yellow-green
LT6750
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. (Internet) Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/) (Notice)
12


▲Up To Search▲   

 
Price & Availability of LT6610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X