Part Number Hot Search : 
MBR15 6071R5F LLM317 S7812 74AC174 EH680J03 SP13T CMIB8788
Product Description
Full Text Search
 

To Download LT1460-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1460-10 Micropower Precision Series Reference
FEATURES
s s s s s s s s s
DESCRIPTION
The LT (R)1460-10 is a micropower bandgap reference that combines very high accuracy and low drift with low power dissipation and small package size. This series reference uses curvature compensation to obtain a low temperature coefficient and trimmed precision thin-film resistors to achieve high output accuracy. The reference will supply up to 20mA, making it ideal for precision regulator applications, yet it is almost totally immune to input voltage variations. This series reference provides supply current and power dissipation advantages over shunt references that must idle the entire load current to operate. Additionally, the LT1460-10 does not require an output capacitor, but it is stable with capacitive loads. This feature is important in critical applications where PC board space is a premium or fast settling is demanded. Reverse battery protection keeps the reference from conducting current and being damaged. The LT1460-10 is available in the 8-lead MSOP, SO, PDIP and the 3-lead TO-92 packages. It is also available in the SOT-23 package; see separate data sheet LT1460S3-10 (SOT-23).
, LTC and LT are registered trademarks of Linear Technology Corporation.
High Accuracy: 0.075% Max Low Drift: 10ppm/C Max Industrial Temperature Range SO-8 Package Low Supply Current: 270A Max Minimum Output Current: 20mA No Output Capacitor Required Reverse Battery Protection Minimum Input/Output Differential: 0.9V Available in Small MSOP Package
APPLICATIONS
s s s s s
Handheld Instruments Precision Regulators A/D and D/A Converters Power Supplies Hard Disk Drives
TYPICAL APPLICATION
Typical Distribution of Output Voltage S8 Package
20 18 16 14 1400 PARTS FROM 2 RUNS
Basic Connection
10.9V TO 20V C1 0.1F LT1460-10
UNITS (%)
IN GND
OUT
10V
12 10 8 6 4 2 0 - 0.10 - 0.06 - 0.02 0 0.02 0.06 OUTPUT VOLTAGE ERROR (%) 0.10
1460-10 TA01
U
U
U
1460-10 TA02
1
LT1460-10
ABSOLUTE MAXIMUM RATINGS
Input Voltage ........................................................... 30V Reverse Voltage .................................................... - 15V Output Short-Circuit Duration, TA = 25C ............. 5 sec Specified Temperature Range Commercial ............................................ 0C to 70C Industrial ........................................... - 40C to 85C Storage Temperature Range (Note 1) ... - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
PACKAGE/ORDER INFORMATION
TOP VIEW NC* VIN NC* GND 1 2 3 4 8 7 6 5 NC* NC* VOUT NC*
TOP VIEW NC* 1 VIN 2 NC* 3 GND 4 N8 PACKAGE 8-LEAD PDIP 8 7 6 5 NC* NC* VOUT NC* *CONNECTED INTERNALLY. DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS
MS8 PACKAGE 8-LEAD PLASTIC MSOP *CONNECTED INTERNALLY. DO NOT CONNECT EXTERNAL CIRCUITRY TO THESE PINS
S8 PACKAGE 8-LEAD PLASTIC SO
TJMAX = 150C, JA = 130C/ W (N8) TJMAX = 150C, JA = 190C/ W (S8)
TJMAX = 150C, JA = 250C/ W
ORDER PART NUMBER LT1460CCMS8-10 LT1460FCMS8-10
ORDER PART NUMBER LT1460ACN8-10 LT1460BIN8-10 LT1460DCN8-10 LT1460EIN8-10 LT1460ACS8-10 LT1460BIS8-10 LT1460DCS8-10 LT1460EIS8-10
MS8 PART MARKING LTAH LTAJ
Consult factory for Military grade parts.
S8 PART MARKING 1460A1 460BI1 1460D1 460EI1
Available Options
ACCURACY (%) 0.075 0.10 0.10 0.10 0.125 0.15 0.25 0.25 TEMPERATURE COEFFICIENT (ppm/C) 10 10 15 20 20 25 25 25 LT1460DCN8-10 LT1460EIN8-10 LT1460DCS8-10 LT1460EIS8-10 LT1460FCMS8-10 LT1460GCZ-10 LT1460GIZ-10 PACKAGE TYPE N8 LT1460ACN8-10 LT1460BIN8-10 S8 LT1460ACS8-10 LT1460BIS8-10 LT1460CCMS8-10 MS8 Z
TEMPERATURE 0C to 70C - 40C to 85C 0C to 70C 0C to 70C - 40C to 85C 0C to 70C 0C to 70C - 40C to 85C
2
U
U
W
WW U
W
BOTTOM VIEW 3 VIN 2 VOUT 1 GND
Z PACKAGE 3-LEAD TO-92 PLASTIC TJMAX = 150C, JA = 160C/ W
ORDER PART NUMBER LT1460GCZ-10 LT1460GIZ-10
LT1460-10
ELECTRICAL CHARACTERISTICS
PARAMETER Output Voltage (Note 2)
VIN = 12.5V, IOUT = 0, TA = 25C unless otherwise specified.
MIN 9.9925 - 0.075 9.990 - 0.10 9.9875 - 0.125 9.985 - 0.15 9.975 - 0.25
q q q q q
CONDITIONS LT1460ACN8, ACS8 LT1460BIN8, BIS8, CCMS8, DCN8, DCS8 LT1460EIN8, EIS8 LT1460FCMS8 LT1460GCZ, GIZ
TYP 10.000 10.000 10.000 10.000 10.000
MAX 10.0075 0.075 10.010 0.10 10.0125 0.125 10.015 0.15 10.025 0.25 10 15 20 25 60 80 25 35 2800 3500 135 180 100 140 2.5 0.9 1.3 1.4
UNITS V % V % V % V % V % ppm/C ppm/C ppm/C ppm/C ppm/V ppm/V ppm/V ppm/V ppm/mA ppm/mA ppm/mA ppm/mA ppm/mA ppm/mA ppm/mW V V V mA A A A VP-P VRMS ppm/kHr ppm ppm
Output Voltage Temperature Coefficient (Note 3)
TMIN TJ TMAX LT1460ACN8, ACS8, BIN8, BIS8 LT1460CCMS8 LT1460DCN8, DCS8, EIN8, EIS8 LT1460FCMS8, GCZ, GIZ 10.9V VIN 12.5V 12.5V VIN 20V
5 7 10 12 30 10
Line Regulation
q
Load Regulation Sourcing (Note 4)
IOUT = 100A
q
1500 80
q
IOUT = 10mA IOUT = 20mA 0C to 70C Thermal Regulation (Note 5) Dropout Voltage (Note 6) P = 200mW VIN - VOUT, VOUT 0.1%, IOUT = 0 VIN - VOUT, VOUT 0.1%, IOUT = 10mA
q q
70
q
0.5
Output Current Reverse Leakage Supply Current
Short VOUT to GND VIN = - 15V
q q
40 0.5 190 10 270 360
Output Voltage Noise (Note 7) Long-Term Stability of Output Voltage, S8 Pkg (Note 8) Hysteresis (Note 9)
0.1Hz f 10Hz 10Hz f 1kHz T = - 40C to 85C T = 0C to 70C
40 35 40 160 25
The q denotes specifications which apply over the specified temperature range. Note 1: If the part is stored outside of the specified temperature range, the output may shift due to hysteresis. Note 2: ESD (Electrostatic Discharge) sensitive device. Extensive use of ESD protection devices are used internal to the LT1460-10, however, high electrostatic discharge can damage or degrade the device. Use proper ESD handling precautions.
Note 3: Temperature coefficient is measured by dividing the change in output voltage by the specified temperature range. Incremental slope is also measured at 25C. Note 4: Load regulation is measured on a pulse basis from no load to the specified load current. Output changes due to die temperature change must be taken into account separately. Note 5: Thermal regulation is caused by die temperature gradients created by load current or input voltage changes. This effect must be added to normal line or load regulation. This parameter is not 100% tested.
3
LT1460-10
ELECTRICAL CHARACTERISTICS
Note 6: Excludes load regulation errors. Note 7: Peak-to-peak noise is measured with a single highpass filter at 0.1Hz and a 2-pole lowpass filter at 10Hz. The unit is enclosed in a still-air environment to eliminate thermocouple effects on the leads. The test time is 10 sec. RMS noise is measured with a single highpass filter at 10Hz and a 2-pole lowpass filter at 1kHz. The resulting output is full wave rectified and then integrated for a fixed period, making the final reading an average as opposed to RMS. A correction factor of 1.1 is used to convert from average to RMS and a second correction of 0.88 is used to correct for the nonideal bandpass of the filters. Note 8: Long-term stability typically has a logarithmic characteristic and therefore, changes after 1000 hours tend to be much smaller than before that time. Total drift in the second thousand hours is normally less than one third that of the first thousand hours with a continuing trend toward reduced drift with time. Significant improvement in long-term drift can be realized by preconditioning the IC with a 100 hour to 200 hour, 125C burn-in. Long-term stability will also be affected by differential stresses between the IC and the board material created during board assembly. See PC Board Layout in the Applications Information section. Note 9: Hysteresis in output voltage is created by package stress that differs depending on whether the IC was previously at a higher or lower temperature. Output voltage is always measured at 25C, but the IC is cycled to 85C or - 40C before successive measurements. Hysteresis is roughly proportional to the square of the temperature change. Hysteresis is not normally a problem for operational temperature excursions where the instrument might be stored at high or low temperature.
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Input/Output Voltage Differential
100 10 9
OUTPUT VOLTAGE CHANGE (mV)
OUTPUT VOLTAGE CHANGE (mV)
OUTPUT CURRENT (mA)
10
1
125C
- 55C 25C
0.1 0 0.5 1.0 1.5 2.0 INPUT/OUTPUT VOLTAGE (V) 2.5
Output Voltage Temperature Drift
10.006 10.002 3 TYPICAL PARTS
400 360 320
SUPPLY CURRENT (A)
OUTPUT VOLTAGE (V)
9.998 9.994 9.990 9.986 9.982 - 50
280 240 200 160 120 80 40
OUTPUT VOLTAGE (V)
-25
0 25 50 TEMPERATURE (C)
4
UW
1460-10 G01
Load Regulation, Sourcing
100 90 80 70 60 50 40 30 20 10 0
Load Regulation, Sinking
8 7 6 5 4 3 2 1 0 0.1 - 55C 125C 25C
25C - 55C 125C
1 10 OUTPUT CURRENT (mA)
100
1460-10 G02
0
1
3 4 2 OUTPUT CURRENT (mA)
5
1460-10 G03
Supply Current vs Input Voltage
10.004 10.000
- 55C 25C 125C
Line Regulation
25C
9.996 9.992 9.988 9.984 9.980 - 55C 125C
75
100
0
0
2
4
6 8 10 12 14 16 18 20 INPUT VOLTAGE (V)
1460-10 G05
6
8
14 16 10 12 INPUT VOLTAGE (V)
18
20
1460-10 G04
1460-10 G06
LT1460-10 TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Rejection Ratio vs Frequency
100 1000
POWER SUPPLY REJECTION RATIO (dB)
90 80
OUTPUT IMPEDANCE ()
100 CL = 0.1F 10 CL = 1F 1
LOAD CAPACITANCE (F)
70 60 50 40 30 20 10 0 0.1 1 10 100 INPUT FREQUENCY (kHz) 1000
1460-10 G07
Output Voltage Noise Spectrum
10
1
0.1 0.01
0.1
1 10 FREQUENCY (kHz)
100
1460-10 G10
OUTPUT NOISE (50V/DIV)
NOISE VOLTAGE (V/Hz)
APPLICATIONS INFORMATION
Precision Regulator The LT1460-10 is ideal as a precision regulator, and since it operates in series mode it does not require a current setting resistor. The reference can supply up to 20mA of load current with good transient response. Load regulation at 20mA output is typically 70ppm/mA meaning the output changes only 14mV. Capacitive Loads The LT1460-10 is designed to be stable with capacitive loads. With no capacitive load, the reference is ideal for fast settling or applications where PC board space is a premium. The test circuit shown in Figure 1 is used to measure the response time for various load currents and load capacitors. The 1V step from 10V to 9V produces a
U
W
UW
Output Impedance vs Frequency
CL = 0F
Transient Responses
10
1
0.1
0 IOUT = 10mA 200s/DIV
1460-10 G09
0.1 0.01
0.1
1 10 FREQUENCY (kHz)
100
1000
1460-10 G08
Output Noise 0.1Hz to 10Hz
0
2
4
6 8 10 TIME (SEC)
12
14
1460-10 G11
U
U
5
LT1460-10
APPLICATIONS INFORMATION
current step of 1mA or 100A for RL = 1k or RL = 10k. Figure 2 shows the response of the reference with no load capacitance. The reference settles to 10mV (0.1%) in 0.4s for a 100A pulse and to 0.1% in 0.8s with a 1mA step. When load capacitance is greater than 0.01F, the reference begins to ring due to the pole formed with the output impedance.
RL VGEN CL 10V 9V
1460-10 F01
VIN = 12.5V CIN 0.1F
LT1460-10
VOUT
Figure 1. Response Time Test Circuit
10V VGEN 9V VIN VOUT RL = 10k 0V 12.5V
VOUT
RL = 1k
2s/DIV
1460-10 F02
Figure 2. CL = 0
VGEN
10V 12.5V 9V VIN 0V
VOUT
RL = 10k
VOUT
RL = 1k
10s/DIV
1460-10 F03
Figure 3. CL = 0.01F
6
U
W
U
U
Figure 3 shows the response of the reference to a 1mA and 100A load with a 0.01F load capacitor. Fast Turn-On It is recommended to add a 0.1F or larger input capacitor to the input pin of the LT1460-10. This helps stability with large load currents and speeds up turn-on. The LT1460-10 can start in 10s, but it is important to limit the dv/dt of the input. Under light load conditions and with a very fast input, internal nodes overslew and this requires finite recovery time. Figure 4 shows the result of no bypass capacitance on the input and no output load. In this case the supply dv/dt is 12.5V in 30ns which causes internal overslew, and the output does not bias to 10V until 60s. A 0.1F input capacitor guarantees the part always starts quickly as shown in Figure 5.
VOUT 0V 20s/DIV
1460-10 F04
Figure 4. CIN = 0
VOUT 0V 20s/DIV
1460-5 F04
Figure 5. CIN = 0.1F
LT1460-10
APPLICATIONS INFORMATION
Output Accuracy Like all references, either series or shunt, the error budget of the LT1460-10 is made up of primarily three components: initial accuracy, temperature coefficient and load regulation. Line regulation is neglected because it typically contributes only 30ppm/V, or 300V for a 1V input change. The LT1460-10 typically shifts less than 0.01% when soldered into a PCB, so this is also neglected (see PC Board Layout section). The output errors are calculated as follows for a 100A load and 0C to 70C temperature range: LT1460AC Initial accuracy = 0.075% For IO = 100A, for instance) can shift the output voltage and mask the true temperature coefficient of a reference. In addition, the mechanical stress of being soldered into a PC board can cause the output voltage to shift from its ideal value. Surface mount voltage references (MS8 and S8) are the most susceptible to PC board stress because of the small amount of plastic used to hold the lead frame. A simple way to improve the stress-related shifts is to mount the reference near the short edge of the PC board, or in a corner. The board edge acts as a stress boundary, or a region where the flexure of the board is minimum. The package should always be mounted so that the leads absorb the stress and not the package. The package is generally aligned with the leads parallel to the long side of the PC board as shown in Figure 7a. A qualitative technique to evaluate the effect of stress on voltage references is to solder the part into a PC board and deform the board a fixed amount as shown in Figure 6. The flexure #1 represents no displacement, flexure #2 is concave movement, flexure #3 is relaxation to no displacement and finally, flexure #4 is a convex movement. This motion is repeated for a number of cycles and the relative output deviation is noted. The result shown in Figure 7a is for two LT1460S8-10s mounted vertically and Figure 7b is for two LT1460S8-10s mounted horizontally. The parts oriented in Figure 7a impart less stress into the package because stress is absorbed in the leads. Figures 7a and 7b show the deviation to be between 500V and
1 2 3 4
1460-10 F06
3500ppm VOUT = 0.1mA 10V = 3.5mV mA
(
)( )
which is 0.035%. For temperature 0C to 70C the maximum T = 70C,
10ppm VOUT = 70C 10 V = 7mV C
(
)( )
which is 0.07%. Total worst-case output error is: 0.075% + 0.035% + 0.070% = 0.180%. Table 1 gives worst-case accuracy for the LT1460AC, CC, DC, FC, GC from 0C to 70C and the LT1460BI, EI, GI from - 40C to 85C. PC Board Layout In 13- to 16-bit systems where initial accuracy and temperature coefficient calibrations have been done, the mechanical and thermal stress on a PC board (in a cardcage
IOUT 0 100A 10mA 20mA LT1460AC 0.145% 0.180% 0.325% 0.425% LT1460BI 0.225% 0.260% 0.405% N/A LT1460CC 0.205% 0.240% 0.385% 0.485% LT1460DC 0.240% 0.275% 0.420% 0.520%
U
W
U
U
Figure 6. Flexure Numbers
LT1460EI 0.375% 0.410% 0.555% N/A LT1460FC 0.325% 0.360% 0.505% 0.605% LT1460GC 0.425% 0.460% 0.605% 0.705% LT1460GI 0.562% 0.597% 0.742% N/A
7
LT1460-10
APPLICATIONS INFORMATION
1mV and implies a 50ppm and 100ppm change respectively. This corresponds to a 13- to 14-bit system and is not a problem for most 10- to 12-bit systems unless the system has a calibration. In this case, as with temperature hysteresis, this low level can be important and even more careful techniques are required. The most effective technique to improve PC board stress is to cut slots in the board around the reference to serve as a strain relief. These slots can be cut on three sides of the
8 OUTPUT DEVIATION (mV) OUTPUT DEVIATION (mV)
4
0
LONG DIMENSION
-4 0 10 20 FLEXURE NUMBER 30 40
1460-10 F07a
Figure 7a. Two Typical LT1460S8-10s, Vertical Orientation Without Slots
8 OUTPUT DEVIATION (mV)
4
OUTPUT DEVIATION (mV)
0 SLOT -4 0 10 20 FLEXURE NUMBER 30 40
1460-10 F08a
Figure 8a. Same Two LT1460S8-10s in Figure 7a, but With Slots
8
U
W
U
U
reference and the leads can exit on the fourth side. This "tongue" of PC board material can be oriented in the long direction of the board to further reduce stress transferred to the reference. The results of slotting the PC boards of Figures 7a and 7b are shown in Figures 8a and 8b. In this example the slots can improve the output shift from about 100ppm to nearly zero.
8
4
0
LONG DIMENSION
-4 0 10 20 FLEXURE NUMBER 30 40
1460-10 F07b
Figure 7b. Two Typical LT1460S8-10s, Horizontal Orientation Without Slots
8
4
0 SLOT -4 0 10 20 FLEXURE NUMBER 30 40
1460-10 F08b
Figure 8b. Same Two LT1460S8-10s in Figure 7b, but With Slots
LT1460-10
SI PLIFIED SCHE ATIC W W
VCC
VOUT
360k
48k
GND
1460-5 SS
9
LT1460-10
PACKAGE DESCRIPTION
0.007 (0.18) 0.021 0.004 (0.53 0.01)
0 - 6 TYP 0.192 0.004 (4.88 0.10) 0.025 (0.65) TYP 1 23 4
MSOP08 0595
* DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE ** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
0.300 - 0.325 (7.620 - 8.255)
0.009 - 0.015 (0.229 - 0.381)
0.065 (1.651) TYP 0.005 (0.127) MIN 0.125 (3.175) MIN 0.015 (0.380) MIN
0.018 0.003 0.100 0.010 (0.457 0.076) (2.540 0.254) *THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
(
+0.025 0.325 -0.015 +0.635 8.255 -0.381
)
10
U
Dimensions in inches (millimeters) unless otherwise noted.
MS8 Package 8-Lead Plastic MSOP
(LTC DWG # 05-08-1660)
0.118 0.004* (3.00 0.10)
0.040 0.006 (1.02 0.15)
0.006 0.004 (0.15 0.10)
8
76
5
0.012 (0.30)
0.118 0.004** (3.00 0.10)
N8 Package 8-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
0.045 - 0.065 (1.143 - 1.651)
0.130 0.005 (3.302 0.127)
0.400* (10.160) MAX 8 7 6 5
0.255 0.015* (6.477 0.381)
1
2
3
4
N8 0695
LT1460-10
PACKAGE DESCRIPTION
0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254)
0.053 - 0.069 (1.346 - 1.752) 0- 8 TYP
0.016 - 0.050 0.406 - 1.270
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.060 0.005 (1.524 0.127) DIA
0.180 0.005 (4.572 0.127)
0.500 (12.70) MIN
0.050 0.005 (1.270 0.127)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
U
Dimensions in inches (millimeters) unless otherwise noted.
S8 Package 8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
0.189 - 0.197* (4.801 - 5.004) 0.004 - 0.010 (0.101 - 0.254) 8 7 6 5
0.014 - 0.019 (0.355 - 0.483)
0.050 (1.270) BSC
0.228 - 0.244 (5.791 - 6.197)
0.150 - 0.157** (3.810 - 3.988)
SO8 0695
1
2
3
4
Z Package 3-Lead Plastic TO-92 (Similar to TO-226)
(LTC DWG # 05-08-1410)
0.180 0.005 (4.572 0.127) 0.90 (2.286) NOM
0.060 0.010 (1.524 0.254)
0.140 0.010 (3.556 0.127)
0.050 UNCONTROLLED (1.270) LEAD DIMENSION MAX
5 NOM
10 NOM
0.016 0.003 (0.406 0.076)
0.015 0.002 (0.381 0.051)
Z3 (TO-92) 0695
11
LT1460-10
TYPICAL APPLICATIONS
Boosted Output Current with No Current Limit
V + (VOUT + 1.8V) R1 220 2N2905 IN LT1460-10 OUT GND 10V 100mA
IN LT1460-10 OUT GND 10V 100mA 2F SOLID TANT
+
RELATED PARTS
PART NUMBER LT1019 LT1236 LT1634 DESCRIPTION Precision Bandgap Reference Precision Low Noise Reference Micropower Precision Shunt Reference COMMENTS 0.05% Max, 5ppm/C Max 0.05% Max, 5ppm/C Max, SO Package 0.05%, Max, 25ppm/C Max
12
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417 q (408) 432-1900 FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
U
Boosted Output Current with Current Limit
V+ VOUT + 2.8V
+
47F
D1* LED
R1 220
+
8.2 2N2905 47F
2F SOLID TANT
+
1460-10 TA03
*GLOWS IN CURRENT LIMIT, DO NOT OMIT
1460-10 TA04
Handling Higher Load Currents
12.5V 40mA
+
47F IN 10mA LT1460-10 OUT GND RL TYPICAL LOAD CURRENT = 50mA R1* 63 VOUT 10V
*SELECT R1 TO DELIVER 80% OF TYPICAL LOAD CURRENT. LT1460 WILL THEN SOURCE AS NECESSARY TO MAINTAIN PROPER OUTPUT. DO NOT REMOVE LOAD AS OUTPUT WILL BE DRIVEN UNREGULATED HIGH. LINE REGULATION IS DEGRADED IN THIS APPLICATION
1460-10 TA05
146010f LT/TP 1097 4K * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1997


▲Up To Search▲   

 
Price & Availability of LT1460-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X